Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SML-012D8T Datasheet(PDF) 4 Page - Rohm

Part # SML-012D8T
Description  Reflector improved the concentration of viewing angle and luminous intensity to the front direction
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

SML-012D8T Datasheet(HTML) 4 Page - Rohm

  SML-012D8T Datasheet HTML 1Page - Rohm SML-012D8T Datasheet HTML 2Page - Rohm SML-012D8T Datasheet HTML 3Page - Rohm SML-012D8T Datasheet HTML 4Page - Rohm SML-012D8T Datasheet HTML 5Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Part No. Construction
Concerning the Brightness rank
• Please refer to the rank chart above for luminous intensity classification.
• Part name is individual for each rank.
• When shipped as sample, the part name will be a representative part name.
General products are free of ranks. Please contact sales if rank appointment is needed.
S M L
0 1 2 U 8 T
P
T 8 6
Special Code will be applied for
Emitting color W/B/E series.
Chromaticity rank (for white LED)
A
(Special Code)
“−” will be taken out for
emitting color W, B, E series.
Series name
Package type
Chip Type
Emitting Color Resin Color
Taping Specifications
Rank sign (Brightness Rank)∗
V
U
1 Low Current Type
2 High Brightness Type
3 Ultra High Brightness Type
Y
W
M
P
E
T86
T87
1
T Transparent Colorless
Cathode at sprocket hole side
For white LED, cathode at sprocket hole side
Reverse of T86
W MilkyWhite
Red:630nm
Red:620nm
Yellow:587(590)nm
D Orange:605nm
Yellow:590nm
Yellowish-Green:572nm
Green:560nm
Bluish-Green:525nm
B Blue:470nm
WB White
Packing Specification
ROHM LED products are being shipped with desiccant (silica gel) concluded in moisture-proof bags.
Pasting the moisture sensitive label on the outer surface of the moisture-proof bags or enclosing the humidity indication card inside the bag is available upon request.
Please contact the nearest sales office or distributer if necessary.
SML-01 series
4/4
© 2011 ROHM Co., Ltd. All rights reserved.
www.rohm.com
2011.05 - Rev.B


Similar Part No. - SML-012D8T

ManufacturerPart #DatasheetDescription
logo
Rohm
SML-012D8T ROHM-SML-012D8T Datasheet
148Kb / 3P
   SML-01 Series Reflector improved the concentration of viewing angle
SML-012D8T ROHM-SML-012D8T Datasheet
104Kb / 2P
   Chip LEDs with Reflector Standard Type
SML-012D8T ROHM-SML-012D8T Datasheet
2Mb / 5P
   Reflector type (3.0 x 2.0mm, t=1.3mm
SML-012D8T ROHM-SML-012D8T Datasheet
1Mb / 5P
   Reflector improved the concentration of viewing angle and luminous intensity to the front direction
SML-012D8T ROHM-SML-012D8T Datasheet
497Kb / 10P
   SML-01 series
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com