Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Si4812BDY Datasheet(PDF) 1 Page - Vishay Siliconix

Part # Si4812BDY
Description  5 V, 3 A Current-Mode Constant On-Time Synchronous Buck Regulator
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

Si4812BDY Datasheet(HTML) 1 Page - Vishay Siliconix

  Si4812BDY Datasheet HTML 1Page - Vishay Siliconix Si4812BDY Datasheet HTML 2Page - Vishay Siliconix Si4812BDY Datasheet HTML 3Page - Vishay Siliconix Si4812BDY Datasheet HTML 4Page - Vishay Siliconix Si4812BDY Datasheet HTML 5Page - Vishay Siliconix Si4812BDY Datasheet HTML 6Page - Vishay Siliconix Si4812BDY Datasheet HTML 7Page - Vishay Siliconix Si4812BDY Datasheet HTML 8Page - Vishay Siliconix Si4812BDY Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
SiP12107
www.vishay.com
Vishay Siliconix
S12-0412-Rev. B, 20-Feb-12
1
Document Number: 63395
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
5 V, 3 A Current-Mode Constant On-Time
Synchronous Buck Regulator
DESCRIPTION
The SiP12107 is a high frequency current-mode constant
on-time
(CM-COT)
synchronous
buck
regulator
with
integrated high-side and low-side power MOSFETs. Its
power stage is capable of supplying 3 A continuous current
at 4 MHz switching frequency. This regulator produces an
adjustable output voltage down to 0.6 V from 2.8 V to 5.5 V
input rail to accommodate a variety of applications,
including computing, consumer electronics, telecom, and
industrial.
SiP12107’s
CM-COT
architecture
delivers
ultra-fast
transient response with minimum output capacitance and
tight ripple regulation at very light load. No ESR or external
ESR network is required for loop stability purpose. The
device also incorporates a power saving scheme that
significantly increases light load efficiency.
The regulator integrates a full protection feature set,
including output overvoltage protection (OVP), output under
voltage protection (UVP) and thermal shutdown (OTP). It
also has UVLO for input rail and internal soft-start ramp.
The SiP12107 is available in lead (Pb)-free power enhanced
MLP-16L package in 3 mm x 3 mm dimension.
FEATURES
• Halogen-free According to IEC 61249-2-21
Definition
• 2.8 V to 5.5 V input voltage
• Adjustable output voltage down to 0.6 V
• 3 A continuous output current
• Programmable switching frequency up to 4 MHz
• 95 % peak efficiency
• Supports all ceramic capacitors No external ESR required
• Ultrafast transient response
• Selectable power saving mode or force current mode
• ± 1 % accuracy
• Pulse-by-pulse current limit
• Scalable with SiP12108 - 5A
• Fully protected with OTP, SCP, UVP, OVP
•PGood Indicator
• Compliant to RoHS Directive 2011/65/EU
APPLICATIONS
• Notebook computers
• Desktop PCs and servers
• Handheld devices
• POLs for telecom
• Consumer electronics
• Industrial and automation
TYPICAL APPLICATION CIRCUIT AND PACKAGE OPTIONS
Fig. 1 - Typical Application Circuit for SiP12107
V
IN
PGD
EN
AV
IN
LX
INPUT = 2.8 V to 5.5 V
P
GND
A
GND
POWER GOOD
ENABLE
V
OUT
V
OUT
V
FB
GMO
R
ON
AUTO
PWR_SAVE_MODE


Similar Part No. - Si4812BDY

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI4812BDY VISHAY-SI4812BDY Datasheet
251Kb / 9P
   N-Channel 30-V (D-S) MOSFET with Schottky Diode
Rev. D, 29-Dec-08
SI4812BDY VISHAY-SI4812BDY Datasheet
648Kb / 26P
   microBUCK SiC403 6 A, 28 V Integrated Buck Regulator with Programmable LDO
Rev. C, 19-Mar-12
SI4812BDY VISHAY-SI4812BDY Datasheet
1Mb / 24P
   6 A, microBUCK SiC414, SiC424 Integrated Buck Regulator with 5 V LDO
Rev. B, 04-Feb-13
SI4812BDY VISHAY-SI4812BDY Datasheet
254Kb / 9P
   N-Channel 30-V (D-S) MOSFET with Schottky Diode
Rev. D, 29-Dec-08
SI4812BDY VISHAY-SI4812BDY Datasheet
187Kb / 8P
   N-Channel 30-V (D-S) MOSFET with Schottky Diode
08-Feb-17
More results

Similar Description - Si4812BDY

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIP12107 VISHAY-SIP12107_V01 Datasheet
911Kb / 20P
   5 V, 3 A Current-Mode Constant On-Time Synchronous Buck Regulator
01-Jan-2022
SIP12117 VISHAY-SIP12117_V01 Datasheet
965Kb / 17P
   3 A Current Mode Constant On-Time Synchronous Buck Regulator
01-Jan-2022
SIP12116 VISHAY-SIP12116_V01 Datasheet
978Kb / 17P
   3 A Current Mode Constant On-Time Synchronous Buck Regulator
01-Jan-2022
SIP12116 VISHAY-SIP12116 Datasheet
942Kb / 18P
   3 A Current Mode Constant On-Time Synchronous Buck Regulator
Rev. C, 06-Mar-17
SIP12117 VISHAY-SIP12117 Datasheet
926Kb / 18P
   3 A Current Mode Constant On-Time Synchronous Buck Regulator
Rev. B, 06-Mar-17
logo
Analog Devices
ADP1872 AD-ADP1872 Datasheet
67Kb / 1P
   Synchronous Current-Mode with Constant On-time, PWM Buck
Rev. PrA
logo
Texas Instruments
LM5017MRX_NOPB TI1-LM5017MRX_NOPB Datasheet
1Mb / 19P
[Old version datasheet]   600mA Constant On-Time Synchronous Buck Regulator
logo
Analog Devices
ADP1882 AD-ADP1882 Datasheet
1Mb / 40P
   Synchronous Current-Mode with Constant On-Time,PWM Buck Controller
REV. 0
logo
Texas Instruments
LM5017 TI-LM5017_15 Datasheet
1Mb / 31P
[Old version datasheet]   100-V, 600-mA Constant On-Time Synchronous Buck Regulator
LM5019 TI-LM5019_15 Datasheet
1Mb / 30P
[Old version datasheet]   100-V, 100-mA Constant On-Time Synchronous Buck Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com