Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DE11XE2102ZB2B Datasheet(PDF) 7 Page - Murata Manufacturing Co., Ltd.

Part # DE11XE2102ZB2B
Description  Safety Standard Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
Download  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

DE11XE2102ZB2B Datasheet(HTML) 7 Page - Murata Manufacturing Co., Ltd.

Back Button DE11XE2102ZB2B Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. DE11XE2102ZB2B Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. DE11XE2102ZB2B Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. DE11XE2102ZB2B Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. DE11XE2102ZB2B Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. DE11XE2102ZB2B Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. DE11XE2102ZB2B Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. DE11XE2102ZB2B Datasheet HTML 10Page - Murata Manufacturing Co., Ltd. DE11XE2102ZB2B Datasheet HTML 11Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 83 page
background image
C85E.pdf
Jul.13,2011
5
1
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please review our product specifications or consult the approval sheet for product specifications before ordering.
Safety Standard Certified Ceramic Capacitors
Type KY (Basic Insulation) -IEC60384-14 Class X1, Y2-
ød
F
±1.0
(in mm)
D max.
e
T max.
Lead Code
Coating Extension e
A2, A3
Up to the end of crimp
ød
0.6
±0.05
[Bulk]
Vertical Crimp Long (A2, A3)
ød
F
±0.8
D max.
e
T max.
(in mm)
Lead Code
Coating Extension e
B2, B3
Up to the end of crimp
ød
0.6
±0.05
[Bulk]
Vertical Crimp Short (B2, B3)
s Standard Certification
Standard No.
Rated Voltage
Certified No.
UL
CSA
VDE
BSI
SEMKO
DEMKO
FIMKO
NEMKO
ESTI
NSW
E37921
1283280
40006273
KM 37901
812168
314115
24197
P08209361
08.0710
6824
AC250V(r.m.s.)
UL1414
CSA E60384-14
IEC 60384-14
EN 60384-14
EN 60065 (8.8, 14.2)
IEC 60384-14
EN 60384-14
IEC 60384-14
EN 60384-14
IEC 60384-14
AS3250
• The certification number might change due to revision of the application
standard and changes in the range of acquisition.
• Please contact us when the certification of Chinese Safety Standard or South
Korean Safety Standard is necessary.
s Marking
t Manufactured Date Code
Class Code
X1Y2
Rated Voltage Mark
250~
e Capacitance Tolerance
w Nominal Capacitance
(Under 100pF: Actual value,
100pF and over: Marked with 3 figures)
q Type Designation KY
r Company Name Code
: Made in Taiwan
: Made in Thailand
472M
KY250~
X1 Y2
8
16
q
w
e
r
t
Example
Item
8
15
s Features
1. Compact size; diameter 25% less than Type KH.
2. Operating temperature range guaranteed up to 125
degrees (UL: 85 deg.).
3. Dielectric strength:
AC2000V (for lead spacing F=5mm)
AC2600V (for lead spacing F=7.5mm)
4. Class X1/Y2 capacitors certified by
UL/CSA/VDE/BSI/SEMKO/DEMKO/FIMKO/NEMKO/ESTI/
NSW.
5. Coated with flame-retardant epoxy resin
(conforming to UL94V-0 standard).
Please contact us when a halogen-free product*
is necessary.
* Cl=900ppm max., Br=900ppm max. and
Cl+Br=1500ppm max.
6. Taping available for automatic insertion.
s Applications
1. Ideal for use as X/Y capacitors for AC line filters
and primary-secondary coupling on switching power
supplies and AC adapters.
2. Ideal for use on D-A isolation and noise absorption
for DAA modems without transformers.
Do not use these products in any automotive
power train or safety equipment including battery
chargers for electric vehicles and plug-in hybrids.
Only Murata products clearly stipulated as
"for Automotive use" on its catalog can be used
for automobile applications such as power train and
safety equipment.


Similar Part No. - DE11XE2102ZB2B

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
DE11XE2102JA2A MURATA-DE11XE2102JA2A Datasheet
1Mb / 83P
   Safety Standard Certified Ceramic Capacitors
DE11XE2102JA3A MURATA-DE11XE2102JA3A Datasheet
1Mb / 83P
   Safety Standard Certified Ceramic Capacitors
DE11XE2102KA2A MURATA-DE11XE2102KA2A Datasheet
1Mb / 83P
   Safety Standard Certified Ceramic Capacitors
DE11XE2102MZA2A MURATA-DE11XE2102MZA2A Datasheet
1Mb / 83P
   Safety Standard Certified Ceramic Capacitors
More results

Similar Description - DE11XE2102ZB2B

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
DEBB33A102KA2B MURATA-DEBB33A102KA2B Datasheet
1Mb / 83P
   Safety Standard Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
DEHR33A222KA3B MURATA-DEHR33A222KA3B Datasheet
1Mb / 83P
   Safety Standard Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
DEHR33A102KN2A MURATA-DEHR33A102KN2A Datasheet
1Mb / 83P
   Safety Standard Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
DE2B3KY331KA2BM01 MURATA-DE2B3KY331KA2BM01 Datasheet
1Mb / 83P
   Safety Standard Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
DEBB33D471KA2B MURATA-DEBB33D471KA2B Datasheet
1Mb / 83P
   Safety Standard Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
DEA1X3D101JN2A MURATA-DEA1X3D101JN2A Datasheet
1Mb / 83P
   Safety Standard Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
DE1E3KX332MN5AA01 MURATA-DE1E3KX332MN5AA01 Datasheet
1Mb / 84P
   Safety Standard Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
DESD32H472KN7A MURATA-DESD32H472KN7A Datasheet
1Mb / 83P
   Safety Standard Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
DE2E3KY102MN2AM01 MURATA-DE2E3KY102MN2AM01 Datasheet
1Mb / 83P
   Safety Standard Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
DE2B3KY331KA3BM02 MURATA-DE2B3KY331KA3BM02 Datasheet
1Mb / 72P
   Safety Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com