Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRFS650B Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # IRFS650B
Description  200V N-Channel MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

IRFS650B Datasheet(HTML) 1 Page - Fairchild Semiconductor

  IRFS650B Datasheet HTML 1Page - Fairchild Semiconductor IRFS650B Datasheet HTML 2Page - Fairchild Semiconductor IRFS650B Datasheet HTML 3Page - Fairchild Semiconductor IRFS650B Datasheet HTML 4Page - Fairchild Semiconductor IRFS650B Datasheet HTML 5Page - Fairchild Semiconductor IRFS650B Datasheet HTML 6Page - Fairchild Semiconductor IRFS650B Datasheet HTML 7Page - Fairchild Semiconductor IRFS650B Datasheet HTML 8Page - Fairchild Semiconductor IRFS650B Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
©2002 Fairchild Semiconductor Corporation
Rev. A1, December 2002
IRF650B / IRFS650B
200V N-Channel MOSFET
General Description
These N-Channel enhancement mode power field effect
transistors are produced using Fairchild’s proprietary,
planar, DMOS technology.
This advanced technology has been especially tailored to
minimize on-state resistance, provide superior switching
performance, and withstand high energy pulse in the
avalanche and commutation mode. These devices are well
suited for high efficiency switching DC/DC converters,
switch mode power supplies, DC-AC converters for
uninterrupted power supply and motor control.
Features
• 28A, 200V, RDS(on) = 0.085Ω @VGS = 10 V
• Low gate charge ( typical 95 nC)
• Low Crss ( typical 75 pF)
• Fast switching
• 100% avalanche tested
• Improved dv/dt capability
Absolute Maximum Ratings T
C = 25°C unless otherwise noted
* Drain current limited by maximum junction temperature.
Thermal Characteristics
Symbol
Parameter
IRF650B
IRFS650B
Units
VDSS
Drain-Source Voltage
200
V
ID
Drain Current
- Continuous (TC = 25°C)
28
28 *
A
- Continuous (TC = 100°C)
17.7
17.7 *
A
IDM
Drain Current
- Pulsed
(Note 1)
112
112
A
VGSS
Gate-Source Voltage
± 30
V
EAS
Single Pulsed Avalanche Energy
(Note 2)
600
mJ
IAR
Avalanche Current
(Note 1)
28
A
EAR
Repetitive Avalanche Energy
(Note 1)
15.6
mJ
dv/dt
Peak Diode Recovery dv/dt
(Note 3)
5.5
V/ns
PD
Power Dissipation (TC = 25°C)
156
50
W
- Derate above 25°C
1.25
0.4
W/°C
TJ, TSTG
Operating and Storage Temperature Range
-55 to +150
°C
TL
Maximum lead temperature for soldering purposes,
1/8" from case for 5 seconds
300
°C
Symbol
Parameter
IRF650B
IRFS650B
Units
RθJC
Thermal Resistance, Junction-to-Case Max.
0.8
2.51
°C/W
RθCS
Thermal Resistance, Case-to-Sink Typ.
0.5
--
°C/W
RθJA
Thermal Resistance, Junction-to-Ambient Max
62.5
62.5
°C/W
TO-220
IRF Series
G
S
D
S
D
G
TO-220F
IRFS Series
G
S
D


Similar Part No. - IRFS650B

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
IRFS650B FAIRCHILD-IRFS650B Datasheet
651Kb / 8P
   200V N-Channel MOSFET
More results

Similar Description - IRFS650B

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQAF48N20 FAIRCHILD-FQAF48N20 Datasheet
666Kb / 8P
   200V N-Channel MOSFET
FDP39N20 FAIRCHILD-FDP39N20 Datasheet
908Kb / 8P
   200V N-Channel MOSFET
FQD10N20C FAIRCHILD-FQD10N20C_09 Datasheet
729Kb / 9P
   200V N-Channel MOSFET
logo
Alpha & Omega Semicondu...
AOD2210 AOSMD-AOD2210 Datasheet
309Kb / 6P
   200V N-Channel MOSFET
logo
Kersemi Electronic Co.,...
IRFW630B KERSEMI-IRFW630B Datasheet
1Mb / 8P
   200V N-Channel MOSFET
logo
Bruckewell Technology L...
MS40N20 BWTECH-MS40N20 Datasheet
765Kb / 8P
   200V N-Channel MOSFET
logo
SemiHow Co.,Ltd.
HFP640 SEMIHOW-HFP640 Datasheet
309Kb / 8P
   200V N-Channel MOSFET
logo
Fairchild Semiconductor
FQP19N20C FAIRCHILD-FQP19N20C Datasheet
1Mb / 10P
   200V N-Channel MOSFET
FQA34N20 FAIRCHILD-FQA34N20 Datasheet
731Kb / 8P
   200V N-Channel MOSFET
FQP4N20 FAIRCHILD-FQP4N20 Datasheet
688Kb / 8P
   200V N-Channel MOSFET
FQP630 FAIRCHILD-FQP630 Datasheet
745Kb / 8P
   200V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com