Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CRCW060378K7FKEA Datasheet(PDF) 2 Page - Vishay Siliconix

Part # CRCW060378K7FKEA
Description  6 A, microBUCK SiC414, SiC424 Integrated Buck Regulator with 5 V LDO
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

CRCW060378K7FKEA Datasheet(HTML) 2 Page - Vishay Siliconix

  CRCW060378K7FKEA Datasheet HTML 1Page - Vishay Siliconix CRCW060378K7FKEA Datasheet HTML 2Page - Vishay Siliconix CRCW060378K7FKEA Datasheet HTML 3Page - Vishay Siliconix CRCW060378K7FKEA Datasheet HTML 4Page - Vishay Siliconix CRCW060378K7FKEA Datasheet HTML 5Page - Vishay Siliconix CRCW060378K7FKEA Datasheet HTML 6Page - Vishay Siliconix CRCW060378K7FKEA Datasheet HTML 7Page - Vishay Siliconix CRCW060378K7FKEA Datasheet HTML 8Page - Vishay Siliconix CRCW060378K7FKEA Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
www.vishay.com
2
Document Number: 63388
S13-0248-Rev. B, 04-Feb-13
Vishay Siliconix
SiC414, SiC424
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
For technical questions, contact: powerictechsupport@vishay.com
PIN CONFIGURATION (top view)
PAD1
AGND
BST
VLDO
VIN
VOUT
AGND
V5V
FB
PAD3
LX
PAD2
VIN
1
2
3
4
5
7
6
LX
PGND
PGND
PGND
PGND
LX
LX
15
16
17
18
19
20
21
28 27 26 25
24 23 22
PIN DESCRIPTION
Pin Number
Symbol
Description
1FB
Feedback input for switching regulator used to program the output voltage - connect to an external resistor
divider from VOUT to AGND.
2V5V
Bias input for internal analog circuits and gate drives - connect to external 3 V or 5 V supply or bias
connection to VLDO.
3, 26, PAD 1
AGND
Analog ground.
4VOUT
Switcher output voltage sense pin, and also the input to the internal switch-over between VOUT and VLDO.
5, 8 to 11, PAD 2
VIN
Input supply voltage.
6VLDO
5 V LDO output.
7BST
Bootstrap pin - connect a capacitor from BST to LXBST to develop the floating supply for the high-side gate
drive.
12
LXBST
LX Boost - connect to the BST capacitor.
15, 20, 21, PAD 3
LX
Switching (Phase) node.
13, 14, 16 to 19
PGND
Power ground.
22
PGOOD
Open-drain power good indicator. High impedance indicates power is good. An external pull-up resistor is
required.
23
ILIM
Current limit sense pin - used to program the current limit by connecting a resistor from ILIM to LXS.
24
LXS
LX sense - connect to RILIM resistor.
25
EN/PSV
Enable/power save input for the switching regulator - connect to AGND to disable the switching regulator.
Float to operate in forced continuous mode (power save disabled).
For SiC414, connect to V5V to operate with ultrasonic power save mode enabled.
For SiC424, connect to V5V to operate with power save mode enabled with no minimum frequency.
27
tON
On-time programming input - set the on-time by connecting through a resistor to AGND.
28
ENL
Enable input for the LDO - connect ENL to AGND to disable the LDO. Drive with logic to + 3 V for logic
control, or program the VIN UVLO with a resistor divider between VIN, ENL, and AGND.
ORDERING INFORMATION
Part Number
Package
SiC414CD-T1-GE3
PowerPAK MLP44-28
SiC424CD-T1-GE3
PowerPAK MLP44-28
SiC414DB
Reference board


Similar Part No. - CRCW060378K7FKEA

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CRCW0603787KFKEA VISHAY-CRCW0603787KFKEA Datasheet
129Kb / 9P
   Standard Thick Film Chip Resistors
Revision: 04-Jun-12
More results

Similar Description - CRCW060378K7FKEA

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIC424 VISHAY-SIC424_V01 Datasheet
1Mb / 23P
   6 A, microBUCK짰 SiC414, SiC424 Integrated Buck Regulator with 5 V LDO
01-Jan-2022
SIC414 VISHAY-SIC414 Datasheet
1Mb / 24P
   microBUCK SiC414 6 A, 28 V Integrated Buck Regulator with 5 V LDO
Rev. B, 04-Feb-13
SIC403 VISHAY-SIC403_12 Datasheet
648Kb / 26P
   microBUCK SiC403 6 A, 28 V Integrated Buck Regulator with Programmable LDO
Rev. C, 19-Mar-12
SIC403 VISHAY-SIC403 Datasheet
609Kb / 25P
   microBUCK SiC403 6 A, 28 V Integrated Buck Regulator with Programmable LDO
Rev. B, 15-Aug-11
SIC403A VISHAY-SIC403A_13 Datasheet
1Mb / 25P
   6 A microBUCK SiC403A/B Integrated Buck Regulator with Programmable LDO
Rev. A, 27-Aug-12
SIC403A VISHAY-SIC403A Datasheet
1Mb / 24P
   6 A microBUCK® SiC403A/B Integrated Buck Regulator with Programmable LDO
Rev. A, 27-Aug-12
SIC417 VISHAY-SIC417 Datasheet
932Kb / 21P
   microBUCK SiC417 10-A, 28-V Integrated Buck Regulator with Programmable LDO
Rev. D, 14-Jun-10
SIC401A VISHAY-SIC401A Datasheet
1Mb / 28P
   15 A microBUCK SiC401A/B Integrated Buck Regulator with Programmable LDO
Rev. C, 03-Sep-12
SIC402A VISHAY-SIC402A Datasheet
1Mb / 26P
   10 A microBUCK SiC402A/B Integrated Buck Regulator with Programmable LDO
Rev. B, 03-Sep-12
SIC413 VISHAY-SIC413 Datasheet
378Kb / 18P
   microBUCK SiC413 4-A, 26-V Integrated Synchronous Buck Regulator
Rev. D, 26-Oct-09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com