Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CRCW040210K0FKED Datasheet(PDF) 1 Page - Vishay Siliconix

Part # CRCW040210K0FKED
Description  microBUCK SiC403 6 A, 28 V Integrated Buck Regulator with Programmable LDO
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

CRCW040210K0FKED Datasheet(HTML) 1 Page - Vishay Siliconix

  CRCW040210K0FKED Datasheet HTML 1Page - Vishay Siliconix CRCW040210K0FKED Datasheet HTML 2Page - Vishay Siliconix CRCW040210K0FKED Datasheet HTML 3Page - Vishay Siliconix CRCW040210K0FKED Datasheet HTML 4Page - Vishay Siliconix CRCW040210K0FKED Datasheet HTML 5Page - Vishay Siliconix CRCW040210K0FKED Datasheet HTML 6Page - Vishay Siliconix CRCW040210K0FKED Datasheet HTML 7Page - Vishay Siliconix CRCW040210K0FKED Datasheet HTML 8Page - Vishay Siliconix CRCW040210K0FKED Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
Vishay Siliconix
SiC403
Document Number: 66550
S12-0628-Rev. C, 19-Mar-12
www.vishay.com
1
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
For technical support, please contact: analogswitchtechsupport@vishay.com
microBUCK® SiC403
6 A, 28 V Integrated Buck Regulator with Programmable LDO
DESCRIPTION
The Vishay Siliconix SiC403 is an advanced stand-alone
synchronous buck regulator featuring integrated power
MOSFETs, bootstrap switch, and a programmable LDO in a
space-saving MLPQ 5 x 5 - 32 pin package.
The SiC403 is capable of operating with all ceramic solutions
and switching frequencies up to 1 MHz. The programmable
frequency,
synchronous
operation
and
selectable
power-save allow operation at high efficiency across the full
range of load current. The internal LDO may be used to
supply 5 V for the gate drive circuits or it may be bypassed
with an external 5 V for optimum efficiency and used to drive
external n-channel MOSFETs or other loads. Additional
features
include
cycle-by-cycle
current
limit,
voltage
soft-start,
under-voltage
protection,
programmable
over-current protection, soft shutdown and selectable
power-save. The Vishay Siliconix SiC403 also provides an
enable input and a power good output.
FEATURES
High efficiency > 95 %
6 A continuous output current capability
Integrated bootstrap switch
Programmable 200 mA LDO with bypass logic
Temperature compensated current limit
Pseudo fixed-frequency adaptive on-time control
All ceramic solution enabled
Programmable input UVLO threshold
Independent enable pin for switcher and LDO
Selectable ultra-sonic power-save mode
Programmable soft-start
Soft-shutdown
1 % internal reference voltage
Power good output
Under and over voltage protection
Material categorization: For definitions of compliance
please see www.vishay.com/doc?99912
APPLICATIONS
Notebook, desktop, and server computers
Digital HDTV and digital consumer applications
Networking and telecommunication equipment
Printers, DSL, and STB applications
Embedded applications
Point of load power supplies
TYPICAL APPLICATION CIRCUIT
PRODUCT SUMMARY
Input Voltage Range
3 V to 28 V
Output Voltage Range
0.75 V to 5.5 V
Operating Frequency
200 kHz to 1 MHz
Continuous Output Current
6 A
Peak Efficiency
95 % at 300 kHz
Package
MLPQ 5 mm x 5 mm
PAD 1
AGND
PAD 3
LX
PAD 2
VIN
PGND
LX
PGND
PGND
PGND
PGND
PGND
17
18
19
20
21
BST
VIN
FBL
AGND
VDD
VOUT
FB
1
2
3
4
5
7
6
8
SS
24
LX
23
22
VIN
VOUT
VOUT
PGOOD
3.3 V
EN/PSV (Tri-State)
LDO_EN
SiC403 (MLP 5 x 5-32L)
31 30 29
25
26
27
28
32


Similar Part No. - CRCW040210K0FKED

ManufacturerPart #DatasheetDescription
logo
Analog Devices
CRCW040210K0FKED AD-CRCW040210K0FKED Datasheet
1Mb / 75P
   ADSP-BF506F EZ-KIT Lite짰 Evaluation System Manual
Revision 1.0 December2009
logo
Texas Instruments
CRCW040210K0FKED TI-CRCW040210K0FKED Datasheet
3Mb / 16P
[Old version datasheet]   evaluation of the features of the TAS5548 PWM digital audio processor.
logo
Vishay Siliconix
CRCW040210K0FKED VISHAY-CRCW040210K0FKED Datasheet
632Kb / 10P
   Selectable frequency from 200 kHz to 1 MHz with an external resistor
Revision: 17-Nov-14
logo
Analog Devices
CRCW040210K0FKED AD-CRCW040210K0FKED Datasheet
2Mb / 24P
   Evaluating the AD74115H Single-Channel, Software Configurable Input and Output with HART Modem
Rev. 0
More results

Similar Description - CRCW040210K0FKED

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIC403 VISHAY-SIC403 Datasheet
609Kb / 25P
   microBUCK SiC403 6 A, 28 V Integrated Buck Regulator with Programmable LDO
Rev. B, 15-Aug-11
SIC403 VISHAY-SIC403_V01 Datasheet
624Kb / 26P
   microBUCK짰 SiC403 6 A, 28 V Integrated Buck Regulator with Programmable LDO
01-Jan-2019
SIC417 VISHAY-SIC417 Datasheet
932Kb / 21P
   microBUCK SiC417 10-A, 28-V Integrated Buck Regulator with Programmable LDO
Rev. D, 14-Jun-10
SIC414 VISHAY-SIC414 Datasheet
1Mb / 24P
   microBUCK SiC414 6 A, 28 V Integrated Buck Regulator with 5 V LDO
Rev. B, 04-Feb-13
SIC403A VISHAY-SIC403A_13 Datasheet
1Mb / 25P
   6 A microBUCK SiC403A/B Integrated Buck Regulator with Programmable LDO
Rev. A, 27-Aug-12
SIC403A VISHAY-SIC403A Datasheet
1Mb / 24P
   6 A microBUCK® SiC403A/B Integrated Buck Regulator with Programmable LDO
Rev. A, 27-Aug-12
SIC414 VISHAY-SIC414 Datasheet
1Mb / 24P
   6 A, microBUCK SiC414, SiC424 Integrated Buck Regulator with 5 V LDO
Rev. B, 04-Feb-13
SIC401A VISHAY-SIC401A Datasheet
1Mb / 28P
   15 A microBUCK SiC401A/B Integrated Buck Regulator with Programmable LDO
Rev. C, 03-Sep-12
SIC402A VISHAY-SIC402A Datasheet
1Mb / 26P
   10 A microBUCK SiC402A/B Integrated Buck Regulator with Programmable LDO
Rev. B, 03-Sep-12
SIC417 VISHAY-SIC417_13 Datasheet
928Kb / 21P
   10-A, 28-V Integrated Buck Regulator with Programmable LDO
Rev. D, 14-Jun-10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com