Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCR25EZPD100 Datasheet(PDF) 2 Page - Rohm

Part # MCR25EZPD100
Description  Thick Film Chip Resistors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

MCR25EZPD100 Datasheet(HTML) 2 Page - Rohm

  MCR25EZPD100 Datasheet HTML 1Page - Rohm MCR25EZPD100 Datasheet HTML 2Page - Rohm MCR25EZPD100 Datasheet HTML 3Page - Rohm MCR25EZPD100 Datasheet HTML 4Page - Rohm MCR25EZPD100 Datasheet HTML 5Page - Rohm MCR25EZPD100 Datasheet HTML 6Page - Rohm MCR25EZPD100 Datasheet HTML 7Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2/6
www.rohm.com
c
2012 ROHM Co., Ltd. All rights reserved.
2012.11 - Rev.D
Data Sheet
MCR series < Automotive >
Products List
Limiting Element
Voltage
(V)
Maximum
Overload
Voltage
(V)
Temperature
Coefficient
(ppm /
°C)
Resistance
Tolerance
(%)
Operating
Temperature
Range
(
°C)
Type Code
Resistance Range
Series
Part No.
Rated Power
(70
°C)
(W)
MCR006
YZP
MCR01
MZP
PZPI
0.05
25
Jumper type : Rmax = 50m
Ω / Imax. = 0.5A
Jumper type : Rmax = 50m
Ω / Imax. = 1A
Jumper type : Rmax = 50m
Ω / Imax. = 1A
Jumper type : Rmax = 50m
Ω / Imax. = 2A
Jumper type : Rmax = 50m
Ω / Imax. = 2A
Jumper type : Rmax = 50m
Ω / Imax. = 2A
Jumper type : Rmax = 50m
Ω / Imax. = 3A
Jumper type : Rmax = 50m
Ω / Imax. = 4A
∗Design and specifications are subject to change without notice. Carefully check the specification sheet supplied with the product
before using or ordering it.
50
50
150
200
200
400
400
200
300
100
0.063
EZP
MZP
PZPI
EZP
EZP
JZH
JZH
MCR03
MCR10
MCR18
MCR25
MCR100
0.1
0.1
0.125
0.25
1
±400
J(
±5%)
FX(
±1%)
D(
±0.5%)
J(
±5%)
F(
±1%)
J(
±5%)
J(
±5%)
F(
±1%)
F(
±1%)
−55 to +125
−55 to +155
−55 to +125
D(
±0.5%)
±100
±50
±100
±200
1.0
Ω to 9.1Ω
10
Ω to 10MΩ
100
Ω to 1MΩ
10
Ω to 91Ω
10
Ω to 10MΩ
E24
E24,E96
E24
E24,E96
E24
E24,E96
E24
E24,E96
1.0
Ω to 2.0Ω
2.2
Ω to 5.1Ω
5.6
Ω to 3.3MΩ
500
±350
±500
±200
+600 / −200
J(
±5%)
F(
±1%)
D(
±0.5%)
±250
±100
±200
±250
1.0
Ω to 9.1Ω
10
Ω to 10MΩ
1k
Ω to 1MΩ
10
Ω to 910Ω
10
Ω to 10MΩ
E24
+500 / −250
J(
±5%)
F(
±1%)
D(
±0.5%)
±100
±50
±100
±200
1.0
Ω to 9.1Ω
10
Ω to 2.2MΩ
100
Ω to 1MΩ
10
Ω to 91Ω
10
Ω to 10MΩ
E24
E24,E96
E24
500
±350
±350
±100
±200
±500
1.0
Ω to 2.0Ω
10
Ω to 22Ω
10
Ω to 82kΩ
24
Ω to 100kΩ
2.2
Ω to 9.1Ω
200
400
JZH
MCR50
0.5
J(
±5%)
F(
±1%)
E24
E24,E96
500
±350
±200
±100
±350
±500
1.0
Ω to 2.0Ω
10
Ω to 330kΩ
10
Ω to 180kΩ
360k
Ω to 560kΩ
2.2
Ω to 9.1Ω
±400
±100
±50
±100
±200
1.0
Ω to 9.1Ω
10
Ω to 2.2MΩ
100
Ω to 1MΩ
10
Ω to 91Ω
10
Ω to 10MΩ
200
400
0.125
0.25
J(
±5%)
F(
±1%)
D(
±0.5%)
E24
E24,E96
±400
±100
±50
±100
±200
1.0
Ω to 9.1Ω
10
Ω to 2.2MΩ
100
Ω to 1MΩ
10
Ω to 91Ω
10
Ω to 10MΩ
10
Ω to 1MΩ
±100


Similar Part No. - MCR25EZPD100

ManufacturerPart #DatasheetDescription
logo
Rohm
MCR25EZPD100 ROHM-MCR25EZPD100 Datasheet
149Kb / 7P
   Thick Film Chip Resistors
More results

Similar Description - MCR25EZPD100

ManufacturerPart #DatasheetDescription
logo
Rohm
MCR03EZPFX1002 ROHM-MCR03EZPFX1002 Datasheet
143Kb / 7P
   Thick Film Chip Resistors
MCR03EZPJ133 ROHM-MCR03EZPJ133 Datasheet
143Kb / 7P
   Thick Film Chip Resistors
MCR01MZPF1000 ROHM-MCR01MZPF1000 Datasheet
143Kb / 7P
   Thick Film Chip Resistors
MCR18EZPF56R0 ROHM-MCR18EZPF56R0 Datasheet
143Kb / 7P
   Thick Film Chip Resistors
logo
Panasonic Semiconductor
ERJ-6GEYJ241V PANASONIC-ERJ-6GEYJ241V Datasheet
84Kb / 2P
   Thick Film Chip Resistors
ERJ-6GEYJ4R7V PANASONIC-ERJ-6GEYJ4R7V Datasheet
84Kb / 2P
   Thick Film Chip Resistors
ERJ-12Y0R00U PANASONIC-ERJ-12Y0R00U Datasheet
84Kb / 2P
   Thick Film Chip Resistors
ERJ-1TRQFR33U PANASONIC-ERJ-1TRQFR33U Datasheet
109Kb / 4P
   Thick Film Chip Resistors
ERJ-12ZYJ331U PANASONIC-ERJ-12ZYJ331U Datasheet
218Kb / 2P
   Thick Film Chip Resistors
logo
NIC-Components Corp.
NRCA NIC-NRCA Datasheet
107Kb / 5P
   Thick Film Chip Resistors
NRCE NIC-NRCE Datasheet
64Kb / 2P
   Thick Film Chip Resistors
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com