Electronic Components Datasheet Search |
|
MCR006YRTF100 Datasheet(PDF) 2 Page - Rohm |
|
MCR006YRTF100 Datasheet(HTML) 2 Page - Rohm |
2 / 7 page 2/6 www.rohm.com ○ c 2012 ROHM Co., Ltd. All rights reserved. 2012.11 - Rev.D Data Sheet MCR series < Automotive > Products List Limiting Element Voltage (V) Maximum Overload Voltage (V) Temperature Coefficient (ppm / °C) Resistance Tolerance (%) Operating Temperature Range ( °C) Type Code Resistance Range Series Part No. Rated Power (70 °C) (W) MCR006 YZP MCR01 MZP PZPI 0.05 25 Jumper type : Rmax = 50m Ω / Imax. = 0.5A Jumper type : Rmax = 50m Ω / Imax. = 1A Jumper type : Rmax = 50m Ω / Imax. = 1A Jumper type : Rmax = 50m Ω / Imax. = 2A Jumper type : Rmax = 50m Ω / Imax. = 2A Jumper type : Rmax = 50m Ω / Imax. = 2A Jumper type : Rmax = 50m Ω / Imax. = 3A Jumper type : Rmax = 50m Ω / Imax. = 4A ∗Design and specifications are subject to change without notice. Carefully check the specification sheet supplied with the product before using or ordering it. 50 50 150 200 200 400 400 200 300 100 − − 0.063 EZP MZP PZPI EZP EZP JZH JZH MCR03 MCR10 MCR18 MCR25 MCR100 0.1 0.1 0.125 0.25 1 ±400 J( ±5%) FX( ±1%) D( ±0.5%) J( ±5%) F( ±1%) J( ±5%) J( ±5%) F( ±1%) F( ±1%) −55 to +125 −55 to +155 −55 to +125 D( ±0.5%) ±100 ±50 ±100 ±200 1.0 Ω to 9.1Ω 10 Ω to 10MΩ 100 Ω to 1MΩ 10 Ω to 91Ω 10 Ω to 10MΩ E24 E24,E96 E24 E24,E96 E24 E24,E96 E24 E24,E96 1.0 Ω to 2.0Ω 2.2 Ω to 5.1Ω 5.6 Ω to 3.3MΩ 500 ±350 ±500 ±200 +600 / −200 J( ±5%) F( ±1%) D( ±0.5%) ±250 ±100 ±200 ±250 1.0 Ω to 9.1Ω 10 Ω to 10MΩ 1k Ω to 1MΩ 10 Ω to 910Ω 10 Ω to 10MΩ E24 +500 / −250 J( ±5%) F( ±1%) D( ±0.5%) ±100 ±50 ±100 ±200 1.0 Ω to 9.1Ω 10 Ω to 2.2MΩ 100 Ω to 1MΩ 10 Ω to 91Ω 10 Ω to 10MΩ E24 E24,E96 E24 500 ±350 ±350 ±100 ±200 ±500 1.0 Ω to 2.0Ω 10 Ω to 22Ω 10 Ω to 82kΩ 24 Ω to 100kΩ 2.2 Ω to 9.1Ω 200 400 JZH MCR50 0.5 J( ±5%) F( ±1%) E24 E24,E96 500 ±350 ±200 ±100 ±350 ±500 1.0 Ω to 2.0Ω 10 Ω to 330kΩ 10 Ω to 180kΩ 360k Ω to 560kΩ 2.2 Ω to 9.1Ω ±400 ±100 ±50 ±100 ±200 1.0 Ω to 9.1Ω 10 Ω to 2.2MΩ 100 Ω to 1MΩ 10 Ω to 91Ω 10 Ω to 10MΩ 200 400 0.125 0.25 J( ±5%) F( ±1%) D( ±0.5%) E24 E24,E96 ±400 ±100 ±50 ±100 ±200 1.0 Ω to 9.1Ω 10 Ω to 2.2MΩ 100 Ω to 1MΩ 10 Ω to 91Ω 10 Ω to 10MΩ 10 Ω to 1MΩ ±100 |
Similar Part No. - MCR006YRTF100 |
|
Similar Description - MCR006YRTF100 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |