Electronic Components Datasheet Search |
|
CRCW1210562FJ0EA Datasheet(PDF) 6 Page - Vishay Siliconix |
|
CRCW1210562FJ0EA Datasheet(HTML) 6 Page - Vishay Siliconix |
6 / 9 page www.vishay.com For technical questions, contact: thickfilmchip@vishay.com Document Number: 20035 130 Revision: 04-Jun-12 D/CRCW e3 Vishay Standard Thick Film Chip Resistors THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000 TEST PROCEDURES AND REQUIREMENTS EN 60115-1 CLAUSE IEC 60068-2 TEST METHOD TEST PROCEDURE REQUIREMENTS PERMISSIBLE CHANGE ( R) SIZE 0402 to 2512 STABILITY CLASS 1 OR BETTER STABILITY CLASS 2 OR BETTER Stability for product types: D/CRCW e3 1 to 10 M 4.5 - Resistance - ± 1 % ± 5 % 4.7 - Voltage proof U = 1.4 x Uins; 60 s No flashover or breakdown 4.13 - Short time overload U = 2.5 x 2 x U max.; duration: Acc. to style ± 0.25 % R + 0.05)±0.5 % R + 0.05) 4.17.2 58 (Td) Solderability Solder bath method; Sn60Pb40 non activated flux; (235 ± 5) °C (2 ± 0.2) s Good tinning ( 95 % covered) no visible damage Solder bath method; Sn96.5Ag3Cu0.5 non-activated flux; (245 ± 5) C (3 ± 0.3) s Good tinning ( 95 % covered) no visible damage 4.8.4.2 - Temperature coefficient (20/- 55/20) C and (20/125/20) C ± 100 ppm/K ± 200 ppm/K 4.32 21 (Uu3) Shear (adhesion) RR 1608 and smaller: 9 N RR 2012 and larger: 45 N No visible damage 4.33 21 (Uu1) Substrate bending Depth 2 mm; 3 times No visible damage, no open circuit in bent position ± (0.25 % R + 0.05 ) 4.19 14 (Na) Rapid change of temperature 30 min. at - 55 °C; 30 min. at 125 °C 5 cycles ± (0.25 % R + 0.05 ) ± (0.5 % R + 0.05 ) 1000 cycles ± (1 % R + 0.05 )± (1 % R + 0.05 ) 4.23 - Climatic sequence: - ± (1 % R + 0.05 )± (2 % R + 0.1 ) 4.23.2 2 (Ba) Dry heat 125 °C; 16 h 4.23.3 30 (Db) Damp heat, cyclic 55 °C; 90 % RH; 24 h; 1 cycle 4.23.4 1 (Aa) Cold - 55 °C; 2 h 4.23.5 13 (M) Low air pressure 1 kPa; (25 ± 10) °C; 1 h 4.23.6 30 (Db) Damp heat, cyclic 55 °C; 90 % RH; 24 h; 5 cycles 4.23.7 - DC load U = 4.25.1 - Endurance at 70 °C U = U max.; 1.5 h on; 0.5 h off; 70 °C; 1000 h ± (1 % R + 0.05 )± (2 % R + 0.1 ) 70 °C; 8000 h ± (2 % R + 0.1 )± (4 % R + 0.1 ) P 70 x R P 70 x R P 70 x R |
Similar Part No. - CRCW1210562FJ0EA |
|
Similar Description - CRCW1210562FJ0EA |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |