Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRF713 Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # IRF713
Description  N-Channel Power MOSFETs, 2.25A, 350-400V
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

IRF713 Datasheet(HTML) 1 Page - Fairchild Semiconductor

  IRF713 Datasheet HTML 1Page - Fairchild Semiconductor IRF713 Datasheet HTML 2Page - Fairchild Semiconductor IRF713 Datasheet HTML 3Page - Fairchild Semiconductor IRF713 Datasheet HTML 4Page - Fairchild Semiconductor IRF713 Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image


Similar Part No. - IRF713

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
IRF713 NJSEMI-IRF713 Datasheet
791Kb / 3P
   IRF710-713 MTP2N35/2N40 N-Channel Power MOSFETs
IRF713 NJSEMI-IRF713 Datasheet
791Kb / 3P
   N-Channel Power MOSFETs, 2.25 A, 350-400 V
logo
Inchange Semiconductor ...
IRF713 ISC-IRF713 Datasheet
45Kb / 2P
   isc N-Channel MOSFET Transistor
logo
ARTSCHIP ELECTRONICS CO...
IRF713 ARTSCHIP-IRF713 Datasheet
360Kb / 5P
   N-Channel Power MOSFETs
More results

Similar Description - IRF713

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
IRF330-333 FAIRCHILD-IRF330-333 Datasheet
177Kb / 6P
   N-Channel Power MOSFETs, 5.5A, 350 V/400V
logo
Shindengen Electric Mfg...
P23F40HP2FM SHINDENGEN-P23F40HP2FM Datasheet
1Mb / 8P
   Power MOSFETs 400V, 23A, N-channel
logo
First Silicon Co., Ltd
FTK3N40D FS-FTK3N40D Datasheet
642Kb / 6P
   400V N-Channel MOSFETs
FTK3N40S FS-FTK3N40S Datasheet
689Kb / 6P
   400V N-Channel MOSFETs
logo
Fairchild Semiconductor
IRF350-353 FAIRCHILD-IRF350-353 Datasheet
117Kb / 4P
   N-Channel Power MOSFETs, 15A, 350V/400V
2N6759 FAIRCHILD-2N6759 Datasheet
138Kb / 5P
   N-Channel Power MOSFETs, 5.5A, 350V/400V
2N6767 FAIRCHILD-2N6767 Datasheet
140Kb / 5P
   N-Channel Power MOSFETs, 15A, 350V/400V
IRF340-343 FAIRCHILD-IRF340-343 Datasheet
154Kb / 5P
   N-Channel Power MOSFETs, 10A, 350V/400V
logo
Intersil Corporation
IRFR320 INTERSIL-IRFR320 Datasheet
55Kb / 7P
   3.1A, 400V, 1.800 Ohm, N-Channel Power MOSFETs
logo
Fairchild Semiconductor
IRF320-323 FAIRCHILD-IRF320-323 Datasheet
164Kb / 5P
   N-Channel Power MOSFETs, 3.0 A, 350-400 V
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com