Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FNQ-R-25 Datasheet(PDF) 2 Page - Cooper Bussmann, Inc.

Part # FNQ-R-25
Description  CC-TRON Time-Delay Fuses
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

FNQ-R-25 Datasheet(HTML) 2 Page - Cooper Bussmann, Inc.

  FNQ-R-25 Datasheet HTML 1Page - Cooper Bussmann, Inc. FNQ-R-25 Datasheet HTML 2Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
CC-TRON
®
FNQ-R
Time-Delay Fuses
⁄‹Ω£™∑ ≈ 1⁄Ω™∑, 600 Volt, ⁄Ω¢ to 30 Amps
Bussmann®
CURRENT IN AMPERES
100
.01
.1
1
10
1000
Time-Current Characteristics–Average Melt
Time-Current Characteristics–Average Melt
Form No. FNQ-R
Page 2 of 2
Data Sheet: 1014
The only controlled copy of this Data Sheet is the electronic read-only version located on the Bussmann Network Drive. All other copies of this document are by definition uncontrolled. This bulletin is
intended to clearly present comprehensive product data and provide technical information that will help the end user with design applications. Bussmann reserves the right, without notice, to change
design or construction of any products and to discontinue or limit distribution of any products. Bussmann also reserves the right to change or update, without notice, any technical information con-
tained in this bulletin. Once a product has been selected, it should be tested by the user in all possible applications.
AMPERE
RATING
100
10
1
.1
.01
CURRENT IN AMPERES
200
11-20-02
SB02450
Recommended fuseblocks/fuseholders for
Class CC 600V fuses
See Data Sheets listed below
• Open fuseblocks - 1105
• Finger-safe fuseholders - 1109, 1102, 1103, 1151
• Panel-mount fuseholders - 2114, 2113
• In-line fuseholders - 2126


Similar Part No. - FNQ-R-25

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
FNQ-R-25 COOPER-FNQ-R-25 Datasheet
749Kb / 6P
   LIMITRON??FNQ-R Class CC 600Vac, 1??-30A, time-delay fuses
logo
Eaton All Rights Reserv...
FNQ-R-25 EATON-FNQ-R-25 Datasheet
749Kb / 6P
   LIMITRON??FNQ-R Class CC 600Vac, 1??-30A, time-delay fuses
More results

Similar Description - FNQ-R-25

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
LP-CC-1 COOPER-LP-CC-1 Datasheet
222Kb / 3P
   LP-CC . 600Vac/300Vdc, 1.2-30A Time-Delay Fuses
LP-CC-6 COOPER-LP-CC-6 Datasheet
77Kb / 2P
   Time-Delay Fuses
logo
List of Unclassifed Man...
KLU-601 ETC1-KLU-601 Datasheet
643Kb / 4P
   time-delay fuses
KRP-C-2001SP ETC1-KRP-C-2001SP Datasheet
741Kb / 4P
   time-delay fuses
FNQ-R-1-4 ETC2-FNQ-R-1-4 Datasheet
749Kb / 6P
   FNQ-R Class CC 600Vac, 1??-30A, time-delay fuses
logo
Cooper Bussmann, Inc.
LP-CC-1 COOPER-LP-CC-1_16 Datasheet
639Kb / 4P
   Low-Peak??LP-CC Class CC 600Vac/300Vdc, 1??-30A time-delay fuses
logo
List of Unclassifed Man...
6125TD ETC1-6125TD Datasheet
97Kb / 2P
   Brick Fuses Time Delay
logo
Eaton All Rights Reserv...
SR-5 EATON-SR-5 Datasheet
739Kb / 2P
   Subminiature time-delay fuses
FNQ-R EATON-FNQ-R Datasheet
749Kb / 6P
   LIMITRON??FNQ-R Class CC 600Vac, 1??-30A, time-delay fuses
logo
Cooper Bussmann, Inc.
FNQ-R-1 COOPER-FNQ-R-1_15 Datasheet
749Kb / 6P
   LIMITRON??FNQ-R Class CC 600Vac, 1??-30A, time-delay fuses
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com