Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAC1220E Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # DAC1220E
Description  20-Bit, Low-Power Digital-to-Analog Converter
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC1220E Datasheet(HTML) 1 Page - Texas Instruments

  DAC1220E Datasheet HTML 1Page - Texas Instruments DAC1220E Datasheet HTML 2Page - Texas Instruments DAC1220E Datasheet HTML 3Page - Texas Instruments DAC1220E Datasheet HTML 4Page - Texas Instruments DAC1220E Datasheet HTML 5Page - Texas Instruments DAC1220E Datasheet HTML 6Page - Texas Instruments DAC1220E Datasheet HTML 7Page - Texas Instruments DAC1220E Datasheet HTML 8Page - Texas Instruments DAC1220E Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
DAC1220
Clock Generator
Serial
Interface
2nd−Order
∆Σ
Modulator
Instruction Register
Command Register
Data Register
Offset Register
Full−Scale Register
Microcontroller
1st−Order
Switched
Capacitor Filter
2nd−Order
Continuous
Time Post Filter
Modulator Control
AV
DD
AGND
X
IN
X
OUT
V
REF
CS
DV
DD
DGND
C
1
C
2
SDIO
V
OUT
SCLK
DAC1220
www.ti.com...................................................................................................................................... SBAS082G – FEBRUARY 1998 – REVISED SEPTEMBER 2009
20-Bit, Low-Power
Digital-to-Analog Converter
Check for Samples: DAC1220
1
FEATURES
DESCRIPTION
2
20-Bit Monotonicity Ensured Over –40°C to
The DAC1220 is a 20-bit digital-to-analog (D/A)
+85°C
converter offering 20-bit monotonic performance over
the
specified
temperature
range.
It
utilizes
Low Power: 2.5mW
delta-sigma technology to achieve inherently linear
Voltage Output
performance in a small package at very low power.
Settling Time: 2ms to 0.012%
The resolution of the device can be programmed to
20 bits for Full-Scale, settling to 0.003% within 15ms
Maximum Linearity Error: ±0.0015%
typical, or 16 bits for Full-Scale, settling to 0.012%
On-Chip Calibration
within 2ms max. The output range is two times the
external
reference
voltage.
On-chip
calibration
APPLICATIONS
circuitry dramatically reduces low offset and gain
Process Control
errors.
ATE Pin Electronics
The
DAC1220
features
a
synchronous
serial
Closed-Loop Servo Control
interface; in single-converter applications, the serial
Smart Transmitters
interface can be accomplished with just two wires,
allowing low-cost isolation. For multiple converters, a
Portable Instruments
CS signal allows for selection of the appropriate D/A
converter.
The DAC1220 has been designed for closed-loop
control applications in the industrial process control
market and high-resolution applications in the test
and measurement market. It is also ideal for remote
applications,
battery-powered
instruments,
and
isolated systems. The DAC1220 is available in an
SSOP-16 package.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 1998–2009, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - DAC1220E

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
DAC1220E BURR-BROWN-DAC1220E Datasheet
123Kb / 14P
   20-Bit Low Power DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC1220E TI1-DAC1220E Datasheet
622Kb / 26P
[Old version datasheet]   20-Bit, Low-Power Digital-to-Analog Converter
DAC1220E/2K5 TI1-DAC1220E/2K5 Datasheet
622Kb / 26P
[Old version datasheet]   20-Bit, Low-Power Digital-to-Analog Converter
DAC1220E/2K5G4 TI1-DAC1220E/2K5G4 Datasheet
622Kb / 26P
[Old version datasheet]   20-Bit, Low-Power Digital-to-Analog Converter
DAC1220EG4 TI1-DAC1220EG4 Datasheet
622Kb / 26P
[Old version datasheet]   20-Bit, Low-Power Digital-to-Analog Converter
More results

Similar Description - DAC1220E

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
DAC1220 BURR-BROWN-DAC1220 Datasheet
123Kb / 14P
   20-Bit Low Power DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC1220 TI1-DAC1220 Datasheet
622Kb / 26P
[Old version datasheet]   20-Bit, Low-Power Digital-to-Analog Converter
DDC101U TI1-DDC101U Datasheet
265Kb / 29P
[Old version datasheet]   20-BIT ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
DDC101 BURR-BROWN-DDC101 Datasheet
346Kb / 27P
   20-BIT ANALOG-TO-DIGITAL CONVERTER
logo
API Technologies Corp
MN3396 APITECH-MN3396 Datasheet
573Kb / 3P
   20-Bit, Digital-to-Analog Converter
logo
Texas Instruments
ADS1254-EP TI1-ADS1254-EP Datasheet
537Kb / 26P
[Old version datasheet]   24-Bit, 20-kHz, LOW POWER ANALOG-TO-DIGITAL CONVERTER
logo
API Technologies Corp
MN3395 APITECH-MN3395 Datasheet
707Kb / 5P
   20-Bit, Deglitched Digital-to-Analog Converter
logo
Burr-Brown (TI)
DAC1221 BURR-BROWN-DAC1221 Datasheet
125Kb / 14P
   16-Bit Low Power DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
ADS1000-Q1 TI1-ADS1000-Q1_15 Datasheet
967Kb / 27P
[Old version datasheet]   Low-Power 12-Bit Analog-to-Digital Converter
logo
Burr-Brown (TI)
ADS1244 BURR-BROWN-ADS1244 Datasheet
292Kb / 17P
   Low-Power, 24-Bit ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com