Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FWP-2A14Fa Datasheet(PDF) 10 Page - Cooper Bussmann, Inc.

Part # FWP-2A14Fa
Description  Ferrule fuses
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

FWP-2A14Fa Datasheet(HTML) 10 Page - Cooper Bussmann, Inc.

Back Button FWP-2A14Fa Datasheet HTML 6Page - Cooper Bussmann, Inc. FWP-2A14Fa Datasheet HTML 7Page - Cooper Bussmann, Inc. FWP-2A14Fa Datasheet HTML 8Page - Cooper Bussmann, Inc. FWP-2A14Fa Datasheet HTML 9Page - Cooper Bussmann, Inc. FWP-2A14Fa Datasheet HTML 10Page - Cooper Bussmann, Inc. FWP-2A14Fa Datasheet HTML 11Page - Cooper Bussmann, Inc. FWP-2A14Fa Datasheet HTML 12Page - Cooper Bussmann, Inc. FWP-2A14Fa Datasheet HTML 13Page - Cooper Bussmann, Inc. FWP-2A14Fa Datasheet HTML 14Page - Cooper Bussmann, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
Ferrule — FWC 600V: 6-32A
Dimensions - mm (inches)
38.1
(1.500")
9.5
(0.375")
10.3
(0.406")
FWC (10 x 38mm)
Specifications
Description:
Ferrule style high
speed fuses.
Dimensions:
See dimensions
illustration.
Ratings:
Volts: — 600Vac/dc
Amps: — 6-32A
IR: — 200kA RMS Sym.
— 50kA @ 700Vdc (6-25A)
Agency Information:
CE, UL Recognition: 6-32A.
UL Recognition: 6-25A
Electrical Characteristics
Total Clearing I2t
The total clearing I2t at rated
voltage and at power factor
of 15% are given in the
electrical characteristics. For
other voltages, the clearing
I2t is found by multiplying by
correction factor, K, given as
a function of applied working
voltage, Eg, (rms).
Arc Voltage
This curve gives the peak
arc voltage, UL, which
may appear across the
fuse during its operation
as a function of the
applied working voltage,
Eg, (rms) at a power
factor of 15%.
Power Losses
Watts loss at rated
current is given in the
electrical characteristics.
The curve allows the
calculation of the power
losses at load currents
lower than the rated
current. The correction
factor, Kp, is given as a
function of the RMS load
current, Ib, in % of the
rated current.
Catalog Numbers
Electrical Characteristics
Rated
I
2t (A2 Sec)
Catalog
Current
Clearing
Watts
Numbers
Size
RMS-Amps
Pre-arc
at 600V
Loss
FWC-6A10F
6
4
30
1.5
FWC-8A10F
8
6
50
2.0
FWC-10A10F
10
9
70
2.5
FWC-12A10F
10 x 38mm
12
15
120
3.0
FWC-16A10F
(
1332” x 112”)
16
25
150
3.5
FWC-20A10F
20
34
260
4.8
FWC-25A10F
25
60
390
6.0
FWC-30A10F
30
95
600
7.5
FWC-32A10F
32
95
600
7.5
• Watts loss provided at rated current.
• See accessories on page 216.
Features and Benefits
• Excellent cycling capability and DC performance
• Low arc voltage and low energy let-through (I2t)
• Low watts loss in a compact size
• Used with finger-safe holders/blocks
Typical Applications
• DC common bus
• DC drives
• Power converters/rectifiers
• Reduced voltage starters
500
600
400
250
100
1.5
1.0
0.5
0.3
0.2
0.15
Eg
K
UL
2.0
1.6
1.2
103
800
600
500
400
300
400
300
200
500
600
Eg
Kp
1.0
0.8
0.4
0.5
0.6
0.3
0.2
0.1
30 40 50
60
70
80 90 100%
I
b
Data Sheet: 720011
For product data sheets, visit www.cooperbussmann.com/datasheets/ulcsa
205
High Speed Fuses


Similar Part No. - FWP-2A14Fa

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
FWP-2A14F COOPER-FWP-2A14F Datasheet
42Kb / 1P
   FWP 660V/700V (IEC/U.L.)
FWP-2A14F COOPER-FWP-2A14F Datasheet
42Kb / 1P
   FWP 660V/700V (IEC/U.L.)
FWP-2A14F COOPER-FWP-2A14F Datasheet
42Kb / 1P
   FWP 660V/700V (IEC/U.L.)
More results

Similar Description - FWP-2A14Fa

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
DMM-B-11A COOPER-DMM-B-11A Datasheet
93Kb / 2P
   Fast-Acting Ferrule Fuses
BBS-1 COOPER-BBS-1 Datasheet
53Kb / 1P
   Fast-Acting Ferrule Fuses
DMM-B-44 COOPER-DMM-B-44 Datasheet
93Kb / 2P
   Fast-Acting Ferrule Fuses
KTQ COOPER-KTQ Datasheet
74Kb / 1P
   Ferrule Type, Fast-Acting Fuses
GCF-1.6A COOPER-GCF-1.6A Datasheet
33Kb / 1P
   5mm 횇 25mm Ferrule Fuses
BAN-20 COOPER-BAN-20 Datasheet
76Kb / 1P
   Ferrule Type, Fast-Acting Fuses
FWH-250A6F COOPER-FWH-250A6F Datasheet
297Kb / 2P
   6x32mm high speed ferrule fuses
KTQ-1 COOPER-KTQ-1 Datasheet
74Kb / 1P
   Ferrule Type, Fast-Acting Fuses
FWA-50A21F COOPER-FWA-50A21F Datasheet
194Kb / 2P
   Ferrule style high speed fuses.
logo
List of Unclassifed Man...
GMD ETC1-GMD Datasheet
73Kb / 2P
   5 X 20 mm FERRULE FUSES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com