Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FWP-4A14Fa Datasheet(PDF) 6 Page - Cooper Bussmann, Inc.

Part # FWP-4A14Fa
Description  Ferrule fuses
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

FWP-4A14Fa Datasheet(HTML) 6 Page - Cooper Bussmann, Inc.

Back Button FWP-4A14Fa Datasheet HTML 2Page - Cooper Bussmann, Inc. FWP-4A14Fa Datasheet HTML 3Page - Cooper Bussmann, Inc. FWP-4A14Fa Datasheet HTML 4Page - Cooper Bussmann, Inc. FWP-4A14Fa Datasheet HTML 5Page - Cooper Bussmann, Inc. FWP-4A14Fa Datasheet HTML 6Page - Cooper Bussmann, Inc. FWP-4A14Fa Datasheet HTML 7Page - Cooper Bussmann, Inc. FWP-4A14Fa Datasheet HTML 8Page - Cooper Bussmann, Inc. FWP-4A14Fa Datasheet HTML 9Page - Cooper Bussmann, Inc. FWP-4A14Fa Datasheet HTML 10Page - Cooper Bussmann, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
Ferrule — FWH 500V: 0.25-30A
FWH (6 x 32mm)
Specifications
Description:
Ferrule style high
speed fuses.
Dimensions:
See dimensions
illustrations.
Ratings:
Volts: — 500Vac
Amps: — 0.25-30A
IR: — 50kA at ≥ 20% pf (0.25-20A)
— 20kA at ≥ 20% pf (25-30A)
Agency Information:
CE, UL Recognition 0.25-30A, CSA
Component Acceptance: 0.25-7A
Opening Times
Amp Ratings
150%
200%
300%
0.25-7
> 30 min
< 30 min
≤ 10 sec
10-30
< 30 min
< 30 min
≤ 10 sec
31.8
(1.25")
3.2
(0.125")
6.4
(0.25")
Dimensions - mm (inches)
Catalog Numbers
Electrical Characteristics
Rated
I
2t (A2 Sec)
Catalog
Current
Clearing
Watts
Numbers
Size
RMS-Amps
Pre-arc
at 500V
Loss
FWH-.250A6F
0.25*
0.01
0.05
2.7
FWH-.500A6F
0.5*
0.05
0.25
1.2
FWH-001A6F
1*
0.4
2
1.7
FWH-002A6F
2*
1.3
3.5
3.2
FWH-3.15A6F
3.15*
3.1
7.7
2.9
FWH-005A6F
5*
15
40
2.1
FWH-6.30A6F 6 x 32mm
6.3*
36
90
2.3
FWH-007A6F
(
14” x 114”)
7*
50
125
2.5
FWH-010A6F
10**
9.9
139
2.86
FWH-12.5A6F
12.5**
20
60
3.53
FWH-015A6F
15**
44
146
3.08
FWH-016A6F
16**
48
177
4.48
FWH-020A6F
20**
75
259
4.26
FWH-025A6F
25**
126
345
FWH-030A6F
30**
145
430
*300% minimum opening current at rated voltage.
**200% minimum opening current at rated voltage.
• Consult Cooper Bussmann for DC ratings.
• See accessories on page 216.
Features and Benefits
• Excellent cycling capability and DC performance
• Low arc voltage and low energy let-through (I2t)
• Low watts loss in a compact size
• Used with finger-safe holders/blocks
Typical Applications
• DC common bus
• DC drives
• Power converters/rectifiers
• Reduced voltage starters
Data Sheet: 720038
For product data sheets, visit www.cooperbussmann.com/datasheets/ulcsa
201
High Speed Fuses


Similar Part No. - FWP-4A14Fa

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
FWP-4A14F COOPER-FWP-4A14F Datasheet
42Kb / 1P
   FWP 660V/700V (IEC/U.L.)
FWP-4A14F COOPER-FWP-4A14F Datasheet
42Kb / 1P
   FWP 660V/700V (IEC/U.L.)
FWP-4A14F COOPER-FWP-4A14F Datasheet
42Kb / 1P
   FWP 660V/700V (IEC/U.L.)
More results

Similar Description - FWP-4A14Fa

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
DMM-B-11A COOPER-DMM-B-11A Datasheet
93Kb / 2P
   Fast-Acting Ferrule Fuses
BBS-1 COOPER-BBS-1 Datasheet
53Kb / 1P
   Fast-Acting Ferrule Fuses
DMM-B-44 COOPER-DMM-B-44 Datasheet
93Kb / 2P
   Fast-Acting Ferrule Fuses
KTQ COOPER-KTQ Datasheet
74Kb / 1P
   Ferrule Type, Fast-Acting Fuses
GCF-1.6A COOPER-GCF-1.6A Datasheet
33Kb / 1P
   5mm 횇 25mm Ferrule Fuses
BAN-20 COOPER-BAN-20 Datasheet
76Kb / 1P
   Ferrule Type, Fast-Acting Fuses
FWH-250A6F COOPER-FWH-250A6F Datasheet
297Kb / 2P
   6x32mm high speed ferrule fuses
KTQ-1 COOPER-KTQ-1 Datasheet
74Kb / 1P
   Ferrule Type, Fast-Acting Fuses
FWA-50A21F COOPER-FWA-50A21F Datasheet
194Kb / 2P
   Ferrule style high speed fuses.
logo
List of Unclassifed Man...
GMD ETC1-GMD Datasheet
73Kb / 2P
   5 X 20 mm FERRULE FUSES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com