Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BUJ302AD Datasheet(PDF) 3 Page - NXP Semiconductors

Part # BUJ302AD
Description  NPN power transistor
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BUJ302AD Datasheet(HTML) 3 Page - NXP Semiconductors

  BUJ302AD Datasheet HTML 1Page - NXP Semiconductors BUJ302AD Datasheet HTML 2Page - NXP Semiconductors BUJ302AD Datasheet HTML 3Page - NXP Semiconductors BUJ302AD Datasheet HTML 4Page - NXP Semiconductors BUJ302AD Datasheet HTML 5Page - NXP Semiconductors BUJ302AD Datasheet HTML 6Page - NXP Semiconductors BUJ302AD Datasheet HTML 7Page - NXP Semiconductors BUJ302AD Datasheet HTML 8Page - NXP Semiconductors BUJ302AD Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
BUJ302AD
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 01 — 28 March 2011
3 of 14
NXP Semiconductors
BUJ302AD
NPN power transistor
Fig 1.
Reverse bias safe operating area
Fig 2.
Test circuit for reverse bias safe operating area
Fig 3.
Normalized total power dissipation as a function of mounting base temperature
003aag027
VCEclamp (V)
0
1200
800
400
4
6
2
8
10
IC
(A)
0
001aab999
DUT
LC
LB
IBon
VBB
VCC
VCL(CE)
probe point
Tmb (°C)
0
160
120
40
80
001aab993
40
80
120
Pder
(%)
0


Similar Part No. - BUJ302AD

ManufacturerPart #DatasheetDescription
logo
WeEn Semiconductors
BUJ302AD WEEN-BUJ302AD Datasheet
297Kb / 13P
   NPN power transistor
logo
NXP Semiconductors
BUJ302AD PHILIPS-BUJ302AD_15 Datasheet
541Kb / 14P
   NPN power transistor
Rev. 01-28 March 2011
More results

Similar Description - BUJ302AD

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BD131 PHILIPS-BD131 Datasheet
43Kb / 8P
   NPN power transistor
1999 Apr 12
BUJ303CD PHILIPS-BUJ303CD_15 Datasheet
205Kb / 13P
   NPN power transistor
8 November 2012
BUJ303AD PHILIPS-BUJ303AD_15 Datasheet
199Kb / 14P
   NPN power transistor
Rev. 1-2 September 2011
BUJ303A PHILIPS-BUJ303A_15 Datasheet
565Kb / 13P
   NPN power transistor
Rev. 6-8 February 2012
logo
Unisonic Technologies
2SD1782 UTC-2SD1782_15 Datasheet
125Kb / 3P
   POWER NPN TRANSISTOR
logo
TRANSYS Electronics Lim...
2N3055HV TEL-2N3055HV Datasheet
201Kb / 3P
   NPN POWER TRANSISTOR
logo
New Jersey Semi-Conduct...
2N6530 NJSEMI-2N6530 Datasheet
81Kb / 2P
   NPN POWER TRANSISTOR
logo
WeEn Semiconductors
BUJ302AX WEEN-BUJ302AX Datasheet
794Kb / 12P
   NPN power transistor
PHE13003C WEEN-PHE13003C Datasheet
270Kb / 11P
   NPN power transistor
TB100 WEEN-TB100 Datasheet
254Kb / 10P
   NPN power transistor
logo
Unisonic Technologies
2SD1782 UTC-2SD1782 Datasheet
90Kb / 3P
   POWER NPN TRANSISTOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com