Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B82496C3689 Datasheet(PDF) 4 Page - EPCOS

Part # B82496C3689
Description  SMT inductors, SIMID series
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B82496C3689 Datasheet(HTML) 4 Page - EPCOS

  B82496C3689 Datasheet HTML 1Page - EPCOS B82496C3689 Datasheet HTML 2Page - EPCOS B82496C3689 Datasheet HTML 3Page - EPCOS B82496C3689 Datasheet HTML 4Page - EPCOS B82496C3689 Datasheet HTML 5Page - EPCOS B82496C3689 Datasheet HTML 6Page - EPCOS B82496C3689 Datasheet HTML 7Page - EPCOS B82496C3689 Datasheet HTML 8Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
03/08
Please read Cautions and warnings and
Important notes at the end of this document.
Technical data and measuring conditions
Rated inductance LR
Measured with impedance analyzer Agilent 4291A
and test fixture Agilent 16196A at frequency fL, 0.1 V,
20 °C
Q factor Qmin, Qtyp
Measured with impedance analyzer Agilent 4291A
and test fixture Agilent 16196A,
Qmin measured at frequency fQ, 20 °C
Rated temperature TR
125
°C
Rated current IR
Maximum permissible DC with a temperature increase
of
≤ 15 K at rated temperature
Self-resonance frequency fres,min
Measured with network analyzer Agilent 8720D, 20 °C
DC resistance Rmax
Measured at 20 °C
Solderability (lead-free)
Sn95.5Ag3.8Cu0.7: (245
±5) °C, (5 ±0.3) s
Wetting of soldering area
≥ 95%
(based on IEC 60068-2-58)
Resistance to soldering heat
260
°C, 40 s (as referenced in JEDEC J-STD 020C)
Climatic category
55/150/56 (to IEC 60068-1)
Storage conditions
Mounted: –55 °C … +150 °C
Packaged: –25 °C … +40 °C,
≤ 75% RH
Weight
Approx. 4 mg
B82496C
SMT inductors, SIMID series
SIMID 0603-C


Similar Part No. - B82496C3689

ManufacturerPart #DatasheetDescription
logo
EPCOS
B82496C3689 EPCOS-B82496C3689 Datasheet
484Kb / 8P
   SMT inductors
B82496C3689++ EPCOS-B82496C3689+ Datasheet
74Kb / 6P
   SMT Inductors, SIMID Series SIMID 0603-C
logo
TDK Electronics
B82496C3689+000 TDK-B82496C3689+000 Datasheet
487Kb / 8P
   SMT inductors
October 2012
logo
EPCOS
B82496C3689-000 EPCOS-B82496C3689-000 Datasheet
484Kb / 8P
   SMT inductors
B82496C3689A EPCOS-B82496C3689A Datasheet
81Kb / 6P
   SMT Inductors, SIMID Series
More results

Similar Description - B82496C3689

ManufacturerPart #DatasheetDescription
logo
EPCOS
B82496C3159A EPCOS-B82496C3159A Datasheet
81Kb / 6P
   SMT Inductors, SIMID Series
B82499A EPCOS-B82499A Datasheet
58Kb / 4P
   SMT Inductors, SIMID Series
B32496-C EPCOS-B32496-C Datasheet
74Kb / 6P
   SMT Inductors, SIMID Series SIMID 0603-C
B82496-A EPCOS-B82496-A Datasheet
57Kb / 4P
   SMT Inductors, SIMID Series
B82496-C EPCOS-B82496-C Datasheet
130Kb / 6P
   SMT Inductors, SIMID Series
B82494-A1100-K EPCOS-B82494-A1100-K Datasheet
62Kb / 5P
   SMT Inductors, SIMID Series
B82422H1473K EPCOS-B82422H1473K Datasheet
276Kb / 5P
   SMT Inductors, SIMID Series
B82498-A3100-K EPCOS-B82498-A3100-K Datasheet
58Kb / 4P
   SMT Inductors, SIMID Series
B82442T EPCOS-B82442T Datasheet
675Kb / 9P
   SMT inductors ??SIMID series
B82494A EPCOS-B82494A Datasheet
116Kb / 7P
   SMT inductors, SIMID series
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com