Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PBSS4021SPN Datasheet(PDF) 2 Page - NXP Semiconductors

Part # PBSS4021SPN
Description  20 V NPN/PNP low VCEsat (BISS) transistor
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PBSS4021SPN Datasheet(HTML) 2 Page - NXP Semiconductors

  PBSS4021SPN Datasheet HTML 1Page - NXP Semiconductors PBSS4021SPN Datasheet HTML 2Page - NXP Semiconductors PBSS4021SPN Datasheet HTML 3Page - NXP Semiconductors PBSS4021SPN Datasheet HTML 4Page - NXP Semiconductors PBSS4021SPN Datasheet HTML 5Page - NXP Semiconductors PBSS4021SPN Datasheet HTML 6Page - NXP Semiconductors PBSS4021SPN Datasheet HTML 7Page - NXP Semiconductors PBSS4021SPN Datasheet HTML 8Page - NXP Semiconductors PBSS4021SPN Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
PBSS4021SPN
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 2 — 13 October 2010
2 of 20
NXP Semiconductors
PBSS4021SPN
20 V NPN/PNP low VCEsat (BISS) transistor
[1]
Pulse test: tp ≤ 300 μs; δ≤ 0.02.
2.
Pinning information
3.
Ordering information
4.
Marking
TR2; PNP low VCEsat transistor
VCEO
collector-emitter voltage
open base
-
-
−20
V
IC
collector current
-
-
−6.3
A
ICM
peak collector current
single pulse; tp ≤ 1ms
-
-
−15
A
RCEsat
collector-emitter
saturation resistance
IC = −5A; IB = −0.5 A
[1] -
3654m
Ω
Table 2.
Quick reference data …continued
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Table 3.
Pinning
Pin
Description
Simplified outline
Graphic symbol
1emitter TR1
2
base TR1
3emitter TR2
4
base TR2
5
collector TR2
6
collector TR2
7
collector TR1
8
collector TR1
4
5
1
8
006aaa985
8765
1234
TR1
TR2
Table 4.
Ordering information
Type number
Package
Name
Description
Version
PBSS4021SPN SO8
plastic small outline package; 8 leads; body width 3.9 mm SOT96-1
Table 5.
Marking codes
Type number
Marking code
PBSS4021SPN
4021SPN


Similar Part No. - PBSS4021SPN

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PBSS4021SPN NEXPERIA-PBSS4021SPN Datasheet
874Kb / 20P
   20 V NPN/PNP low VCEsat (BISS) transistor
Rev. 2 - 13 October 2010
More results

Similar Description - PBSS4021SPN

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PBSS4021SPN NEXPERIA-PBSS4021SPN Datasheet
874Kb / 20P
   20 V NPN/PNP low VCEsat (BISS) transistor
Rev. 2 - 13 October 2010
PBSS4041SPN NEXPERIA-PBSS4041SPN Datasheet
1Mb / 20P
   60 V NPN/PNP low VCEsat (BISS) transistor
Rev. 2 - 20 October 2010
logo
NXP Semiconductors
PBSS4032SPN PHILIPS-PBSS4032SPN_15 Datasheet
533Kb / 20P
   30 V NPN/PNP low VCEsat (BISS) transistor
Rev. 2-14 October 2010
PBSS4032SPN NXP-PBSS4032SPN Datasheet
220Kb / 20P
   30 V NPN/PNP low VCEsat (BISS) transistor
Rev. 1-14 July 2010
PBSS4041SPN PHILIPS-PBSS4041SPN_15 Datasheet
547Kb / 20P
   60 V NPN/PNP low VCEsat (BISS) transistor
Rev. 2-20 October 2010
PBSS4041SPN NXP-PBSS4041SPN Datasheet
547Kb / 20P
   60 V NPN/PNP low VCEsat (BISS) transistor
Rev. 2-20 October 2010
logo
Nexperia B.V. All right...
PBSS4032SPN NEXPERIA-PBSS4032SPN Datasheet
1Mb / 20P
   30 V NPN/PNP low VCEsat (BISS) transistor
Rev. 2 - 14 October 2010
PBSS4021SP NEXPERIA-PBSS4021SP Datasheet
1Mb / 15P
   20 V, 6.3 A PNP/PNP low VCEsat (BISS) transistor
logo
NXP Semiconductors
PBSS302PZ NXP-PBSS302PZ Datasheet
172Kb / 14P
   20 V, 5.5 A PNP low VCEsat (BISS) transistor
Rev. 02-20 November 2009
PBSS5520X NXP-PBSS5520X Datasheet
208Kb / 13P
   20 V, 5 A PNP low VCEsat (BISS) transistor
2004 Nov 08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com