Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PBSS4560PA Datasheet(PDF) 11 Page - NXP Semiconductors

Part # PBSS4560PA
Description  60 V, 6 A NPN low VCEsat (BISS) transistor
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PBSS4560PA Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button PBSS4560PA Datasheet HTML 7Page - NXP Semiconductors PBSS4560PA Datasheet HTML 8Page - NXP Semiconductors PBSS4560PA Datasheet HTML 9Page - NXP Semiconductors PBSS4560PA Datasheet HTML 10Page - NXP Semiconductors PBSS4560PA Datasheet HTML 11Page - NXP Semiconductors PBSS4560PA Datasheet HTML 12Page - NXP Semiconductors PBSS4560PA Datasheet HTML 13Page - NXP Semiconductors PBSS4560PA Datasheet HTML 14Page - NXP Semiconductors PBSS4560PA Datasheet HTML 15Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
PBSS4560PA
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 1 — 19 May 2010
11 of 15
NXP Semiconductors
PBSS4560PA
60 V, 6 A NPN low VCEsat (BISS) transistor
11. Soldering
Reflow soldering is the only recommended soldering method.
Fig 17. Reflow soldering footprint SOT1061 (HUSON3)
occupied area
solder paste = solder lands
Dimensions in mm
sot1061_fr
solder resist
0.4
2.1
1.3
0.25
0.25
0.25
1.1
1.2
0.55
0.6
2.3
0.5 (2
×)
0.5 (2
×) 0.6 (2×)
0.4 (2
×)
0.5
1.6
1.7
1.05


Similar Part No. - PBSS4560PA

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PBSS4560PA PHILIPS-PBSS4560PA_15 Datasheet
176Kb / 15P
   60 V, 6 A NPN low VCEsat (BISS) transistor
Rev. 1-19 May 2010
More results

Similar Description - PBSS4560PA

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PBSS4560PA PHILIPS-PBSS4560PA_15 Datasheet
176Kb / 15P
   60 V, 6 A NPN low VCEsat (BISS) transistor
Rev. 1-19 May 2010
PBSS4160T PHILIPS-PBSS4160T Datasheet
111Kb / 10P
   60 V, 1 A NPN low VCEsat (BISS) transistor
2004 May 12
PBSS4160V PHILIPS-PBSS4160V_15 Datasheet
166Kb / 14P
   60 V, 1 A NPN low VCEsat (BISS) transistor
Rev. 03-11 December 2009
PBSS4041NT PHILIPS-PBSS4041NT_15 Datasheet
189Kb / 14P
   60 V, 3.8 A NPN low VCEsat (BISS) transistor
Rev. 01-31 January 2010
PBSS4041NX PHILIPS-PBSS4041NX_15 Datasheet
254Kb / 14P
   60 V, 6.2 A NPN low VCEsat (BISS) transistor
11 December 2012
PBSS4160V NXP-PBSS4160V Datasheet
166Kb / 14P
   60 V, 1 A NPN low VCEsat (BISS) transistor
Rev. 03-11 December 2009
PBSS4260QA NXP-PBSS4260QA Datasheet
252Kb / 17P
   60 V, 2 A NPN low VCEsat (BISS) transistor
28 August 2013
logo
Nexperia B.V. All right...
PBSS4160QA NEXPERIA-PBSS4160QA Datasheet
744Kb / 17P
   60 V, 1 A NPN low VCEsat (BISS) transistor
23 August 2013
PBSS4160U NEXPERIA-PBSS4160U Datasheet
324Kb / 15P
   60 V, 1 A NPN low VCEsat (BISS) transistor
Rev. 03 - 11 December 2009
logo
NXP Semiconductors
PBSS4160U NXP-PBSS4160U Datasheet
211Kb / 14P
   60 V, 1 A NPN low VCEsat (BISS) transistor
Rev. 03-11 December 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com