Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1N5271B Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # 1N5271B
Description  Zeners
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

1N5271B Datasheet(HTML) 2 Page - Fairchild Semiconductor

  1N5271B Datasheet HTML 1Page - Fairchild Semiconductor 1N5271B Datasheet HTML 2Page - Fairchild Semiconductor 1N5271B Datasheet HTML 3Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
1N5221B-1N5279B Rev. E
2003 Fairchild Semiconductor Corporation
Zeners (1N5221B - 1N5279B)
(continued)
Electrical Characteristics (Continued)
T
A = 25°C unless otherwise noted
Device
V
Z
(V)
Z
Z
(
Ω)
I
Z
(mA)
Z
ZK
(
Ω)
I
ZK
(mA)
V
R
(V)
I
R
(
µµµµA)
T
C
(%/
°°°°C)
1N5246BT
1N5247BT
1N5248BT
1N5249BT
1N5250BT
16
17
18
19
20
17
19
21
23
25
7.8
7.4
7.0
6.6
6.2
600
600
600
600
600
0.25
0.25
0.25
0.25
0.25
12
13
14
14
15
0.1
0.1
0.1
0.1
0.1
0.083
0.084
0.085
0.085
0.086
1N5251B
1N5252B
1N5253B
1N5254B
1N5255B
22
24
25
27
28
29
33
35
41
44
5.6
5.2
5.0
4.6
4.5
600
600
600
600
600
0.25
0.25
0.25
0.25
0.25
17
18
19
21
21
0.1
0.1
0.1
0.1
0.1
0.087
0.088
0.088
0.089
0.090
1N5256B
1N5257B
1N5258B
1N5259B
1N5260B
30
33
36
39
43
49
58
70
80
93
4.2
3.8
3.4
3.2
3.0
600
700
700
800
900
0.25
0.25
0.25
0.25
0.25
23
25
27
30
33
0.1
0.1
0.1
0.1
0.1
0.091
0.092
0.093
0.094
0.095
1N5261B
1N5262B
1N5263B
1N5264B
1N5265B
47
51
56
60
62
105
125
150
170
185
2.7
2.5
2.2
2.1
2.0
1000
1100
1300
1400
1400
0.25
0.25
0.25
0.25
0.25
36
39
43
46
47
0.1
0.1
0.1
0.1
0.1
0.095
0.096
0.096
0.097
0.097
1N5266B
1N5267B
1N5268B
1N5269B
1N5270B
68
75
85
87
91
230
270
330
370
400
1.8
1.7
1.5
1.4
1.4
1600
1700
2000
2200
2300
0.25
0.25
0.25
0.25
0.25
52
56
62
68
69
0.1
0.1
0.1
0.1
0.1
0.097
0.098
0.098
0.099
0.099
1N5271B
1N5272B
1N5273B
1N5274B
1N5275B
100
110
120
130
140
500
750
900
1100
1300
1.3
1.1
1.0
0.95
0.90
2600
3000
4000
4500
4500
0.25
0.25
0.25
0.25
0.25
76
84
91
99
106
0.1
0.1
0.1
0.1
0.1
0.099
0.11
0.11
0.11
0.11
1N5276B
1N5277B
1N5278B
1N5279B
150
160
170
180
1500
1700
1900
2200
0.85
0.80
0.74
0.68
5000
5500
5500
6000
0.25
0.25
0.25
0.25
114
122
129
137
0.1
0.1
0.1
0.1
0.11
0.11
0.11
0.11
V
F Forward Voltage = 1.2 V Max. @ IF = 200 mA
@
@
@


Similar Part No. - 1N5271B

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
1N5271B FAIRCHILD-1N5271B Datasheet
85Kb / 3P
   Absolute Maximum Ratings
logo
New Jersey Semi-Conduct...
1N5271B NJSEMI-1N5271B Datasheet
109Kb / 1P
   20 STERN AVE SPRINGFIELD,NEW JERSEY 07081 U.S.A
logo
Central Semiconductor C...
1N5271B CENTRAL-1N5271B Datasheet
173Kb / 2P
   ZENER DIODE 2.4 VOLTS THRU 200VOLTS 500mL, 5% TOLERANCE
logo
Shenzhen Luguang Electr...
1N5271B LUGUANG-1N5271B Datasheet
212Kb / 3P
   Zener Diodes
logo
Fairchild Semiconductor
1N5271B FAIRCHILD-1N5271B Datasheet
193Kb / 4P
   Zeners
More results

Similar Description - 1N5271B

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
1N4370A FAIRCHILD-1N4370A Datasheet
44Kb / 4P
   Zeners
1N4744A FAIRCHILD-1N4744A Datasheet
50Kb / 5P
   Zeners
1N5221B FAIRCHILD-1N5221B_06 Datasheet
193Kb / 4P
   Zeners
1N5985B FAIRCHILD-1N5985B Datasheet
145Kb / 5P
   Zeners
BZX55C2V4 FAIRCHILD-BZX55C2V4_05 Datasheet
148Kb / 5P
   Zeners
MMSZ5226B FAIRCHILD-MMSZ5226B_12 Datasheet
159Kb / 4P
   Zeners
1N746A FAIRCHILD-1N746A Datasheet
51Kb / 3P
   Zeners
BZX79C8V2 FAIRCHILD-BZX79C8V2 Datasheet
47Kb / 5P
   Zeners
MMSZ5226B FAIRCHILD-MMSZ5226B_04 Datasheet
48Kb / 3P
   Zeners
1N4728A FAIRCHILD-1N4728A_05 Datasheet
52Kb / 5P
   Zeners
BZX79C20 FAIRCHILD-BZX79C20 Datasheet
47Kb / 5P
   Zeners
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com