Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC7905CT Datasheet(PDF) 1 Page - Micro Commercial Components

Part # MC7905CT
Description  Three-Terminal Negative Voltage Regulators
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

MC7905CT Datasheet(HTML) 1 Page - Micro Commercial Components

  MC7905CT Datasheet HTML 1Page - Micro Commercial Components MC7905CT Datasheet HTML 2Page - Micro Commercial Components MC7905CT Datasheet HTML 3Page - Micro Commercial Components MC7905CT Datasheet HTML 4Page - Micro Commercial Components MC7905CT Datasheet HTML 5Page - Micro Commercial Components MC7905CT Datasheet HTML 6Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
MC7905
CT
THRU
MC79
12CT
Three-Terminal
Negative Voltage
Regulators
Features
Maximum Ratings @ TA=25OC, Unless Otherwise Noted
Parameter
Symbol
Value
Unit
Input Voltage
VI
-35
V
Operating Temperature
OPR
0---125
oC
Storage Temperature Range
TSTG
-55---150
oC
-4.8V
-5.0V
-5.2V
Tj=25
oC
Output
Voltage
V0
-4.75V
-5.25V
-7V
V1
-20V,
5mA
IO
1.0A,
PD<=15W
15mV
100mV
5mA
IO
1.5A,
Tj=25
oC,
Load
Regulation
Vo
5.0mV
50mV
250mA
IO
750mA,
Tj=25
oC
Line
regulation
Vo
12.5mv
4.0mV
50mV
15mV
-7V
V1
-25V, Tj=25
oC
-8V
V1
-12V, Tj=25
oC
Quiescent
Current
Iq
1.5mA
2.0mA
Tj=25
oC, I
O=0
Quiescent
Current
Change
Iq
0.5mA
0.5mA
-7V
V1
-25V
5mA
Io
1.0A
Output Noise
Voltage
VN
120
µV
f=120Hz
Ripple
Rejection
RR
54dB
60dB
-8V
V1
-18V
f=120Hz, Tj=25
oC
Dropout
Voltage
Vd
1.1V
IO=1.0A, Tj=25
oC
Peak Output
Current
Iopeak
2.1A
Tj=25
oC
Temperature
Coefficient of
Output
voltage
VO/
Tj
-0.4mV/
oC
0
oC Tj 125 oC,
IO=5mA
 omponents
20736 Marilla
Street Chatsworth

 !"#
$%    !"#
MCC
Revision: A
2011/01/01
TO-220
TM
Micro Commercial Components

Output current in excess of 1.0 Ampere

Lead Free Finish/RoHS Compliant(Note 1) ("P" Suffix designates
RoHS Compliant. See ordering information)

Internal short-circuit current limiting And Internal thermal shut down protection

Safe operating area protection
www.mccsemi.com
1 of 6
Range
T
MC7905CT
Electrical Characteristics (Vi=10V, Io=500mA, OoC<Tj<125 oC,
Ci=2.0uF, Co=1.0uF, Unless Otherwise Specified)
Parameter
Sym
Min
Typ
Max
Test conditions

G
R
B
Q
H
U
L
D
C
J
K
A
F
S
T
1
3
2
N
V
MIN
MAX
NOTE
A
.560
.625
14.22
15.88
B
.380
.420
9.65
10.67
C
.140
.190
3.56
4.82
D
.020
.045
0.51
1.14
F
.139
.161
3.53
4.09
G
.190
.110
2.29
2.79
H
---
.250
---
6.35
J
.012
.025
0.30
0.64
K
.500
.580
12.70
14.73
L
.045
.060
1.14
1.52
N
.190
.210
4.83
5.33
Q
.100
.135
2.54
3.43
R
.080
.115
2.04
2.92
S
.045
.055
1.14
1.39
T
.230
.270
5.84
6.86
U
-----
.050
-----
1.27
V
.045
-----
1.15
-----
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
PIN 1.
GND
PIN 2.
INPUT
PIN 3.
OUTPUT
Notes:1.High Temperature Solder Exemption Applied, see EU Directive Annex 7.
Epoxy meets UL 94 V-0 flammability rating
Moisure Sensitivity Level 1


Similar Part No. - MC7905CT

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC7905CT ONSEMI-MC7905CT Datasheet
143Kb / 14P
   1.0 A Negative Voltage Regulators
March, 2004 ??Rev. 12
logo
Fairchild Semiconductor
MC7905CT FAIRCHILD-MC7905CT Datasheet
117Kb / 18P
   3-Terminal 1A Negative Voltage Regulator
logo
Motorola, Inc
MC7905CT MOTOROLA-MC7905CT Datasheet
186Kb / 12P
   THREE-TERMINAL NEGATIVE VOLTAGE REGULATORS
logo
Vishay Siliconix
MC7905CT VISHAY-MC7905CT Datasheet
74Kb / 8P
   3-Terminal Fixed Negative Voltage Regulators
11-Jun-02
logo
ON Semiconductor
MC7905CT ONSEMI-MC7905CT Datasheet
157Kb / 16P
   1.0 A Negative Voltage Regulators
August, 2006 ??Rev. 14
More results

Similar Description - MC7905CT

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KIA79L05F KEC-KIA79L05F Datasheet
285Kb / 14P
   THREE TERMINAL NEGATIVE VOLTAGE REGULATORS
logo
Motorola, Inc
MC7900 MOTOROLA-MC7900 Datasheet
186Kb / 12P
   THREE-TERMINAL NEGATIVE VOLTAGE REGULATORS
logo
Integral Corp.
IL79 INTEGRAL-IL79 Datasheet
136Kb / 5P
   THREE-TERMINAL NEGATIVE VOLTAGE REGULATORS
logo
Micro Commercial Compon...
MC7905CT MCC-MC7905CT Datasheet
166Kb / 6P
   Three-Terminal Negative Voltage Regulators
MC7915CT MCC-MC7915CT Datasheet
449Kb / 5P
   Three-Terminal Negative Voltage Regulators
logo
Toshiba Semiconductor
TA79L005P TOSHIBA-TA79L005P_06 Datasheet
446Kb / 16P
   Three-Terminal Negative Voltage Regulators
logo
KEC(Korea Electronics)
KIA79L05BP KEC-KIA79L05BP Datasheet
263Kb / 13P
   THREE TERMINAL NEGATIVE VOLTAGE REGULATORS
logo
NEC
UPC79L00 NEC-UPC79L00 Datasheet
286Kb / 10P
   THREE TERMINAL NEGATIVE VOLTAGE REGULATORS????
logo
Toshiba Semiconductor
TA79L05F TOSHIBA-TA79L05F_06 Datasheet
494Kb / 16P
   Three-Terminal Negative Voltage Regulators
logo
STMicroelectronics
LM137 STMICROELECTRONICS-LM137 Datasheet
245Kb / 14P
   THREE-TERMINAL ADJUSTABLE NEGATIVE VOLTAGE REGULATORS
March 1993
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com