Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RB520CS30L Datasheet(PDF) 2 Page - NXP Semiconductors

Part # RB520CS30L
Description  100 mA low VF MEGA Schottky barrier rectifier
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

RB520CS30L Datasheet(HTML) 2 Page - NXP Semiconductors

  RB520CS30L Datasheet HTML 1Page - NXP Semiconductors RB520CS30L Datasheet HTML 2Page - NXP Semiconductors RB520CS30L Datasheet HTML 3Page - NXP Semiconductors RB520CS30L Datasheet HTML 4Page - NXP Semiconductors RB520CS30L Datasheet HTML 5Page - NXP Semiconductors RB520CS30L Datasheet HTML 6Page - NXP Semiconductors RB520CS30L Datasheet HTML 7Page - NXP Semiconductors RB520CS30L Datasheet HTML 8Page - NXP Semiconductors RB520CS30L Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
RB520CS30L
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 1 — 10 March 2011
2 of 14
NXP Semiconductors
RB520CS30L
100 mA low VF MEGA Schottky barrier rectifier
2.
Pinning information
[1]
The marking bar indicates the cathode.
3.
Ordering information
4.
Marking
5.
Limiting values
Table 2.
Pinning
Pin
Description
Simplified outline
Graphic symbol
1
cathode
[1]
2
anode
2
1
Transparent
top view
sym001
12
Table 3.
Ordering information
Type number
Package
Name
Description
Version
RB520CS30L
-
leadless ultra small plastic package; 2 terminals;
body 1.0
× 0.6 × 0.5 mm
SOD882
Table 4.
Marking codes
Type number
Marking code
RB520CS30L
AP
Table 5.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
VR
reverse voltage
-
30
V
IF(AV)
average forward current
square wave;
δ = 0.5;
f = 20 kHz
Tamb ≤ 135 °C
[1] -100
mA
Tsp ≤ 145 °C-
100
mA
IFSM
non-repetitive peak forward
current
half sine wave;
tp ≤ 8.3 ms
[2] -3
A
Ptot
total power dissipation
Tamb ≤ 25 °C
[4][3] -315
mW
[4][1] -565
mW
[4][5] -865
mW


Similar Part No. - RB520CS30L

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
RB520CS30L NEXPERIA-RB520CS30L Datasheet
1Mb / 14P
   100 mA low VF MEGA Schottky barrier rectifier
Rev. 1 - 10 March 2011
logo
NXP Semiconductors
RB520CS30L PHILIPS-RB520CS30L_15 Datasheet
709Kb / 14P
   100 mA low VF MEGA Schottky barrier rectifier
Rev. 1-10 March 2011
More results

Similar Description - RB520CS30L

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
RB521CS30L NXP-RB521CS30L Datasheet
148Kb / 13P
   100 mA low VF MEGA Schottky barrier rectifier
Rev. 1-24 January 2011
logo
Nexperia B.V. All right...
RB521CS30L NEXPERIA-RB521CS30L Datasheet
710Kb / 13P
   100 mA low VF MEGA Schottky barrier rectifier
Rev. 1 - 24 January 2011
logo
NXP Semiconductors
RB520CS30L PHILIPS-RB520CS30L_15 Datasheet
709Kb / 14P
   100 mA low VF MEGA Schottky barrier rectifier
Rev. 1-10 March 2011
logo
Nexperia B.V. All right...
RB520CS30L NEXPERIA-RB520CS30L Datasheet
1Mb / 14P
   100 mA low VF MEGA Schottky barrier rectifier
Rev. 1 - 10 March 2011
RB521S30 NEXPERIA-RB521S30 Datasheet
235Kb / 11P
   200 mA low Vf MEGA Schottky barrier rectifier
7 April 2021
logo
NXP Semiconductors
PMEG3002EJ NXP-PMEG3002EJ Datasheet
103Kb / 13P
   200 mA low VF MEGA Schottky barrier rectifier
Rev. 01-15 May 2009
RB521S30 NXP-RB521S30 Datasheet
258Kb / 12P
   200 mA low VF MEGA Schottky barrier rectifier
Rev. 01-6 October 2009
logo
Nexperia B.V. All right...
PMEG3002EJ NEXPERIA-PMEG3002EJ Datasheet
218Kb / 14P
   200 mA low VF MEGA Schottky barrier rectifier
Rev. 01 - 15 May 2009
logo
NXP Semiconductors
PMEG3002EJ PHILIPS-PMEG3002EJ_15 Datasheet
103Kb / 13P
   200 mA low VF MEGA Schottky barrier rectifier
Rev. 01-15 May 2009
logo
Nexperia B.V. All right...
PMEG4002EJ NEXPERIA-PMEG4002EJ Datasheet
218Kb / 14P
   200 mA low VF MEGA Schottky barrier rectifier
Rev. 01 - 15 May 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com