Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC7905CT-BP Datasheet(PDF) 3 Page - Micro Commercial Components

Part # MC7905CT-BP
Description  Three-Terminal Negative Voltage Regulators
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

MC7905CT-BP Datasheet(HTML) 3 Page - Micro Commercial Components

  MC7905CT-BP Datasheet HTML 1Page - Micro Commercial Components MC7905CT-BP Datasheet HTML 2Page - Micro Commercial Components MC7905CT-BP Datasheet HTML 3Page - Micro Commercial Components MC7905CT-BP Datasheet HTML 4Page - Micro Commercial Components MC7905CT-BP Datasheet HTML 5Page - Micro Commercial Components MC7905CT-BP Datasheet HTML 6Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
MC7909CT
Electrical Characteristics (Vi=15V, Io=500mA, O oC<Tj<125 oC, Ci=2.0uF, Co=1.0uF, Unless Otherwise Specified)
Parameter
Sym
Min
Typ
Max
Test conditions
-8.70V
-9.0V
-9.30V
Tj=25
oC
Output Voltage
V0
-8.60V
-9.40V
-11.5V
V1
-24V,
5mA
IO
1.0A,
PD<=15W
12mV
180mV
5mA
IO
1.5A, Tj=25
oC,
Load Regulation
Vo
4.0mV
90mV
250mA
IO
750mA, Tj=25
oC
Line regulation
Vo
10mV
5.0mV
180mV
90mV
-11.5V
V1
-26V, Tj=25
oC
-12V
V1
-18V, Tj=25
oC
Quiescent Current
Iq
3.0mA
6.0mA
Tj=25
oC, I
O=0
Quiescent Current
Change
Iq
1.0mA
0.5mA
-11.5V
V1
-26V
5mA
Io
1.0A
Output Noise Voltage
VN
175
µV
10Hz
f
100KHz Tj=25
oC
Ripple Rejection
RR
54dB
60dB
f=120Hz ,
Dropout Voltage
Vd
1.1V
IO=1.0A, Tj=25
oC
Peak Output Current
Iopeak
2.1A
Tj=25
oC
Temperature Coefficient of Output voltage
VO/
Tj
-0.6mV/
oC
0
oC Tj 125 oC, I
O=5mA
MCC
TM
Micro Commercial Components
www.mccsemi.com
3 of 6
Revision: A
2011/01/01
-11.5V
V1
-26V, Tj=25oC


Similar Part No. - MC7905CT-BP

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
MC7905CT-BP MCC-MC7905CT-BP Datasheet
166Kb / 6P
   Three-Terminal Negative Voltage Regulators
More results

Similar Description - MC7905CT-BP

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KIA79L05F KEC-KIA79L05F Datasheet
285Kb / 14P
   THREE TERMINAL NEGATIVE VOLTAGE REGULATORS
logo
Motorola, Inc
MC7900 MOTOROLA-MC7900 Datasheet
186Kb / 12P
   THREE-TERMINAL NEGATIVE VOLTAGE REGULATORS
logo
Integral Corp.
IL79 INTEGRAL-IL79 Datasheet
136Kb / 5P
   THREE-TERMINAL NEGATIVE VOLTAGE REGULATORS
logo
Micro Commercial Compon...
MC7905CT MCC-MC7905CT Datasheet
166Kb / 6P
   Three-Terminal Negative Voltage Regulators
MC7915CT MCC-MC7915CT Datasheet
449Kb / 5P
   Three-Terminal Negative Voltage Regulators
logo
Toshiba Semiconductor
TA79L005P TOSHIBA-TA79L005P_06 Datasheet
446Kb / 16P
   Three-Terminal Negative Voltage Regulators
logo
KEC(Korea Electronics)
KIA79L05BP KEC-KIA79L05BP Datasheet
263Kb / 13P
   THREE TERMINAL NEGATIVE VOLTAGE REGULATORS
logo
NEC
UPC79L00 NEC-UPC79L00 Datasheet
286Kb / 10P
   THREE TERMINAL NEGATIVE VOLTAGE REGULATORS????
logo
Toshiba Semiconductor
TA79L05F TOSHIBA-TA79L05F_06 Datasheet
494Kb / 16P
   Three-Terminal Negative Voltage Regulators
logo
STMicroelectronics
LM137 STMICROELECTRONICS-LM137 Datasheet
245Kb / 14P
   THREE-TERMINAL ADJUSTABLE NEGATIVE VOLTAGE REGULATORS
March 1993
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com