Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ILC5061AM32X Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # ILC5061AM32X
Description  Power Supply reset Monitor with 1% Precision
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

ILC5061AM32X Datasheet(HTML) 1 Page - Fairchild Semiconductor

  ILC5061AM32X Datasheet HTML 1Page - Fairchild Semiconductor ILC5061AM32X Datasheet HTML 2Page - Fairchild Semiconductor ILC5061AM32X Datasheet HTML 3Page - Fairchild Semiconductor ILC5061AM32X Datasheet HTML 4Page - Fairchild Semiconductor ILC5061AM32X Datasheet HTML 5Page - Fairchild Semiconductor ILC5061AM32X Datasheet HTML 6Page - Fairchild Semiconductor ILC5061AM32X Datasheet HTML 7Page - Fairchild Semiconductor ILC5061AM32X Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Rev. 2.5 1/2/03
www.fairchildsemi.com
VIN
Top View
VSS
VOUT
2
1
3
VIN
VSS
VOUT
2
1
3
SC-70
SOT-23
Features
• All-CMOS design in SOT-23 or SC70 package
• ±1% precision in Reset Detection
• Only 1µA of Iq
• 2mA of sink current capability
• Built-in hysteresis of 5% of detection voltage
• Voltage options of 2.6, 2.9, 3.1, 4.4, and 4.6V fit most
supervisory applications
• Open-Drain Reset Output
Applications
• Microprocessor reset circuits
• Memory battery back-up circuitry
• Power-on reset circuits
• Portable and battery powered electronics
Description
All-CMOS Monitor circuits in either a 3-lead SOT-23 or
SC70 package offer the best performance in power con-
sumption and accuracy.
The ILC5061 comes in a series of ±1% accurate trip voltages
to fit most microprocessor applications. Even though its out-
put can sink 2mA, the device draws only 1µA in normal
operation.
Additionally, a built-in hysteresis of 5% of detect voltage
simplifies system design.
ILC5061
Power Supply reset Monitor with 1% Precision
Block Diagram
Pin Package Configurations
VREF
VOUT
VSS
VIN


Similar Part No. - ILC5061AM32X

ManufacturerPart #DatasheetDescription
logo
Impala Linear Corporati...
ILC5061AM-26 IMPALA-ILC5061AM-26 Datasheet
68Kb / 4P
   SOT-23 POWER SUPPLY RESET MONITOR
ILC5061AM-27 IMPALA-ILC5061AM-27 Datasheet
68Kb / 4P
   SOT-23 POWER SUPPLY RESET MONITOR
ILC5061AM-28 IMPALA-ILC5061AM-28 Datasheet
68Kb / 4P
   SOT-23 POWER SUPPLY RESET MONITOR
ILC5061AM-29 IMPALA-ILC5061AM-29 Datasheet
68Kb / 4P
   SOT-23 POWER SUPPLY RESET MONITOR
ILC5061AM-31 IMPALA-ILC5061AM-31 Datasheet
68Kb / 4P
   SOT-23 POWER SUPPLY RESET MONITOR
More results

Similar Description - ILC5061AM32X

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
ILC5062 FAIRCHILD-ILC5062 Datasheet
507Kb / 9P
   SOT-23 Power Supply reset Monitor with 1% precision
logo
Maxim Integrated Produc...
MAX709 MAXIM-MAX709 Datasheet
69Kb / 8P
   Power-Supply Monitor with Reset
Rev. 1; 6/94
MAX700 MAXIM-MAX700_08 Datasheet
84Kb / 6P
   Power-Supply Monitor with Reset
19-2690; Rev 2; 12/07
MAX709L MAXIM-MAX709L Datasheet
178Kb / 8P
   Power-Supply Monitor with Reset
Rev. 2; 12/05
MAX700 MAXIM-MAX700_V01 Datasheet
255Kb / 6P
   Power-Supply Monitor with Reset
2014
MAX709 MAXIM-MAX709_05 Datasheet
178Kb / 8P
   Power-Supply Monitor with Reset
Rev. 2; 12/05
MAX700 MAXIM-MAX700 Datasheet
133Kb / 4P
   Power-Supply Monitor with Reset
1990
logo
Analog Devices
ADM709 AD-ADM709_15 Datasheet
232Kb / 4P
   Power Supply Monitor with Reset
REV. 0
ADM709 AD-ADM709 Datasheet
224Kb / 4P
   Power Supply Monitor with Reset
REV. 0
logo
Summit Microelectronics...
S93662 SUMMIT-S93662 Datasheet
151Kb / 14P
   Precision Supply-Voltage Monitor and Reset Controller
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com