Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RJK0393DPA Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # RJK0393DPA
Description  N Channel Power MOS FET High Speed Power Switching
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RJK0393DPA Datasheet(HTML) 3 Page - Renesas Technology Corp

  RJK0393DPA_13 Datasheet HTML 1Page - Renesas Technology Corp RJK0393DPA_13 Datasheet HTML 2Page - Renesas Technology Corp RJK0393DPA_13 Datasheet HTML 3Page - Renesas Technology Corp RJK0393DPA_13 Datasheet HTML 4Page - Renesas Technology Corp RJK0393DPA_13 Datasheet HTML 5Page - Renesas Technology Corp RJK0393DPA_13 Datasheet HTML 6Page - Renesas Technology Corp RJK0393DPA_13 Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
RJK0393DPA
Preliminary
R07DS0925EJ0400 Rev.4.00
Page 3 of 6
Mar 22, 2013
Main Characteristics
Case Temperature Tc (°C)
Power vs. Temperature Derating
Drain to Source Voltage VDS (V)
Gate to Source Voltage VGS (V)
Maximum Safe Operation Area
80
60
40
20
0
50
100
150
200
100
10
1
0.1
0.1
0.3
1
3
10
30
100
1000
Tc = 25 °C
1 shot Pulse
Operation in
this area is
limited by RDS(on)
10ms
Gate to Source Voltage VGS (V)
Drain to Source Saturation Voltage vs.
Gate to Source Voltage
Drain Current ID (A)
Static Drain to Source On State Resistance
vs. Drain Current
200
160
120
80
40
0
4
8
12
16
20
20
10
2
5
1
30
300
Pulse Test
ID = 20 A
5 A
10 A
1
10
100
1000
3
100
50
VGS = 4.5 V
10 V
Pulse Test
Drain to Source Voltage VDS (V)
Typical Output Characteristics
Typical Transfer Characteristics
50
40
30
20
10
0
2
468
10
50
40
30
20
10
0
12
3
4
5
Tc = 75°C
25°C
–25°C
VDS = 10 V
Pulse Test
VGS = 2.4 V
10 V
4.5 V
2.5 V
Pulse Test
2.7 V
2.9 V
10
μs


Similar Part No. - RJK0393DPA_13

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RJK0393DPA RENESAS-RJK0393DPA_10 Datasheet
99Kb / 7P
   Silicon N Channel Power MOS FET Power Switching
More results

Similar Description - RJK0393DPA_13

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RJK0243DNS RENESAS-RJK0243DNS Datasheet
223Kb / 7P
   N Channel Power MOS FET High Speed Power Switching
RJK0394DPA RENESAS-RJK0394DPA_13 Datasheet
107Kb / 7P
   N Channel Power MOS FET High Speed Power Switching
RJK0365DPA-02 RENESAS-RJK0365DPA-02_13 Datasheet
139Kb / 7P
   N Channel Power MOS FET High Speed Power Switching
RJK03B7DPA RENESAS-RJK03B7DPA_13 Datasheet
107Kb / 7P
   N Channel Power MOS FET High Speed Power Switching
RJK03B9DPA RENESAS-RJK03B9DPA_13 Datasheet
108Kb / 7P
   N Channel Power MOS FET High Speed Power Switching
RJK03B8DPA RENESAS-RJK03B8DPA_13 Datasheet
106Kb / 7P
   N Channel Power MOS FET High Speed Power Switching
RJK0397DPA RENESAS-RJK0397DPA_13 Datasheet
107Kb / 7P
   N Channel Power MOS FET High Speed Power Switching
RJK03E7DPA RENESAS-RJK03E7DPA_13 Datasheet
123Kb / 7P
   N Channel Power MOS FET High Speed Power Switching
RJK03M2DPA RENESAS-RJK03M2DPA Datasheet
161Kb / 7P
   N Channel Power MOS FET High Speed Power Switching
RJK0353DPA RENESAS-RJK0353DPA_13 Datasheet
108Kb / 7P
   N Channel Power MOS FET High Speed Power Switching
RJK03E8DPA RENESAS-RJK03E8DPA_13 Datasheet
124Kb / 7P
   N Channel Power MOS FET High Speed Power Switching
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com