Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SCA103T Datasheet(PDF) 1 Page - Murata Manufacturing Co., Ltd.

Part # SCA103T
Description  THE SCA103T DIFFERENTIAL INCLINOMETER SERIES
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

SCA103T Datasheet(HTML) 1 Page - Murata Manufacturing Co., Ltd.

  SCA103T Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. SCA103T Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. SCA103T Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. SCA103T Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. SCA103T Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. SCA103T Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. SCA103T Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. SCA103T Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. SCA103T Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
SCA103T Series
Murata Electronics Oy
Subject to changes
1/17
www.muratamems.fi
Doc.Nr. 8261700
Rev.A3
Self test 2
Sensing
element 1
Sensing
element 2
SPI interface
Self test 1
Signal conditioning
and filtering
A/D conversion
Signal conditioning
and filtering
EEPROM
calibration
memory
9 ST_2
10 ST_1
12 VDD
6 GND
11 OUT_1
5 OUT_2
1 SCK
3 MISO
4 MOSI
7 CSB
Temperature
Sensor
THE SCA103T DIFFERENTIAL INCLINOMETER SERIES
The SCA103T Series is a 3D-MEMS-based single axis inclinometer family that uses the differential measurement
principle. The high calibration accuracy combines extremely low temperature dependency, high resolution and low
noise together with a robust sensing element design, to make the SCA103T an ideal choice for high accuracy
leveling instruments. The Murata inclinometers are insensitive to vibration due to having over damped sensing
elements plus they can withstand mechanical shocks of 20000 g.
Features
Measuring ranges ±15° SCA103T-D04 and
± 30° SCA103T-D05
0.001° resolution (10 Hz BW, analog output)
Sensing element controlled over damped
frequency response (-3dB 18Hz)
Robust design, high shock durability (20000g)
Excellent stability over temperature and time
Common mode error and noise reduction
using the differential measurement principle
Single +5 V supply
Ratiometric analog voltage outputs
Digital SPI inclination and temperature output
Comprehensive failure detection features
o
True self test by deflecting the sensing
elements’ proof mass by electrostatic force.
o
Continuous sensing element interconnection
failure check.
o
Continuous memory parity check.
RoHS compliant
Compatible with Pb-free reflow solder process
Applications
Platform leveling and stabilization
Rotating laser levels
Leveling instruments
Construction levels
Figure 1.
Functional block diagram
Data Sheet


Similar Part No. - SCA103T

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SCA103T ETC1-SCA103T Datasheet
281Kb / 2P
   SCA103T
logo
VTI technologies
SCA103T VTI-SCA103T Datasheet
347Kb / 19P
   THE SCA103T DIFFERENTIAL INCLINOMETER SERIES
logo
List of Unclassifed Man...
SCA103T-D04 ETC1-SCA103T-D04 Datasheet
281Kb / 2P
   SCA103T
logo
Murata Manufacturing Co...
SCA103T-D04 MURATA-SCA103T-D04 Datasheet
171Kb / 2P
   Maximum Range
logo
List of Unclassifed Man...
SCA103T-D05 ETC1-SCA103T-D05 Datasheet
281Kb / 2P
   SCA103T
More results

Similar Description - SCA103T

ManufacturerPart #DatasheetDescription
logo
VTI technologies
SCA103T VTI-SCA103T Datasheet
347Kb / 19P
   THE SCA103T DIFFERENTIAL INCLINOMETER SERIES
SCA61T VTI-SCA61T Datasheet
308Kb / 18P
   THE SCA61T INCLINOMETER SERIES
logo
List of Unclassifed Man...
SCA103T ETC1-SCA103T Datasheet
281Kb / 2P
   SCA103T
SCA61T ETC2-SCA61T Datasheet
420Kb / 18P
   INCLINOMETER SERIES
logo
VTI technologies
SCA100T VTI-SCA100T Datasheet
224Kb / 2P
   Inclinometer
logo
Murata Manufacturing Co...
SCA100T MURATA-SCA100T Datasheet
512Kb / 17P
   THE SCA100T DUAL AXIS INCLINOMETER SERIES Single 5 V supply
logo
VTI technologies
SCL1700 VTI-SCL1700 Datasheet
258Kb / 2P
   Inclinometer Subassembly
SCA610-C23H1A VTI-SCA610-C23H1A Datasheet
170Kb / 2P
   Accelerometer/Inclinometer
SCA610 VTI-SCA610 Datasheet
169Kb / 2P
   Accelerometer/Inclinometer
logo
TE Connectivity Ltd
DOG2-J1939 TEC-DOG2-J1939 Datasheet
462Kb / 4P
   Dual axis inclinometer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com