Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DP83848I Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # DP83848I
Description  DP83848I PHYTER Industrial Temperature Single Port 10/100 Mb/s Ethernet Physical Layer Transceiver
Download  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DP83848I Datasheet(HTML) 10 Page - Texas Instruments

Back Button DP83848I Datasheet HTML 6Page - Texas Instruments DP83848I Datasheet HTML 7Page - Texas Instruments DP83848I Datasheet HTML 8Page - Texas Instruments DP83848I Datasheet HTML 9Page - Texas Instruments DP83848I Datasheet HTML 10Page - Texas Instruments DP83848I Datasheet HTML 11Page - Texas Instruments DP83848I Datasheet HTML 12Page - Texas Instruments DP83848I Datasheet HTML 13Page - Texas Instruments DP83848I Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 86 page
background image
9
www.national.com
1.0 Pin Descriptions
The DP83848I pins are classified into the following inter-
face categories (each interface is described in the sections
that follow):
— Serial Management Interface
— MAC Data Interface
— Clock Interface
— LED Interface
—JTAG Interface
— Reset and Power Down
— Strap Options
— 10/100 Mb/s PMD Interface
— Special Connect Pins
— Power and Ground pins
Note: Strapping pin option. Please see Section 1.7 for strap
definitions.
All DP83848I signal pins are I/O cells regardless of the par-
ticular use. The definitions below define the functionality of
the I/O cells for each pin.
1.1 Serial Management Interface
1.2 MAC Data Interface
Type: I
Input
Type: O
Output
Type: I/O
Input/Output
Type OD
Open Drain
Type: PD,PU Internal Pulldown/Pullup
Type: S
Strapping Pin (All strap pins have weak in-
ternal pull-ups or pull-downs. If the default
strap value is needed to be changed then an
external 2.2 k
Ω resistor should be used.
Please see Section 1.7 for details.)
Signal Name
Type
Pin #
Description
MDC
I
31
MANAGEMENT DATA CLOCK: Synchronous clock to the MDIO
management data input/output serial interface which may be
asynchronous to transmit and receive clocks. The maximum clock
rate is 25 MHz with no minimum clock rate.
MDIO
I/O
30
MANAGEMENT DATA I/O: Bi-directional management instruc-
tion/data signal that may be sourced by the station management
entity or the PHY. This pin requires a 1.5 k
Ω pullup resistor.
Signal Name
Type
Pin #
Description
TX_CLK
O
1
MII TRANSMIT CLOCK: 25 MHz Transmit clock output in 100
Mb/s mode or 2.5 MHz in 10 Mb/s mode derived from the 25 MHz
reference clock.
Unused in RMII mode. The device uses the X1 reference clock in-
put as the 50 MHz reference for both transmit and receive.
SNI TRANSMIT CLOCK: 10 MHz Transmit clock output in 10 Mb
SNI mode. The MAC should source TX_EN and TXD_0 using this
clock.
TX_EN
I, PD
2
MII TRANSMIT ENABLE: Active high input indicates the pres-
ence of valid data inputs on TXD[3:0].
RMII TRANSMIT ENABLE: Active high input indicates the pres-
ence of valid data on TXD[1:0].
SNI TRANSMIT ENABLE: Active high input indicates the pres-
ence of valid data on TXD_0.
TXD_0
TXD_1
TXD_2
TXD_3
I
S, I, PD
3
4
5
6
MII TRANSMIT DATA: Transmit data MII input pins, TXD[3:0],
that accept data synchronous to the TX_CLK (2.5 MHz in 10 Mb/s
mode or 25 MHz in 100 Mb/s mode).
RMII TRANSMIT DATA: Transmit data RMII input pins, TXD[1:0],
that accept data synchronous to the 50 MHz reference clock.
SNI TRANSMIT DATA: Transmit data SNI input pin, TXD_0, that
accept data synchronous to the TX_CLK (10 MHz in 10 Mb/s SNI
mode).


Similar Part No. - DP83848I

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DP83848I NSC-DP83848I Datasheet
2Mb / 82P
   Industrial Temperature Single Port 10/100 Mb/s Ethernet Physical Layer Transceiver
DP83848I NSC-DP83848I Datasheet
2Mb / 84P
   PHYTER짰 - Industrial Temperature Single Port 10/100 Mb/s Ethernet Physical Layer Transceiver
logo
Texas Instruments
DP83848I TI1-DP83848I Datasheet
788Kb / 86P
[Old version datasheet]   DP83848I PHYTER Industrial Temperature Single Port 10/100 Mb/s Ethernet Physical Layer Transceiver
DP83848I TI1-DP83848I Datasheet
1Mb / 97P
[Old version datasheet]   PHYTER Industrial Temperature Single Port 10/100 Mb/s Ethernet Physical Layer Transceiver
DP83848I TI1-DP83848I Datasheet
2Mb / 86P
[Old version datasheet]   Industrial Controls and Factory Automation
More results

Similar Description - DP83848I

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DP83848I TI1-DP83848I Datasheet
788Kb / 86P
[Old version datasheet]   DP83848I PHYTER Industrial Temperature Single Port 10/100 Mb/s Ethernet Physical Layer Transceiver
DP83848IVV-NOPB TI1-DP83848IVV-NOPB Datasheet
788Kb / 86P
[Old version datasheet]   DP83848I PHYTER Industrial Temperature Single Port 10/100 Mb/s Ethernet Physical Layer Transceiver
DP83848I TI1-DP83848I_14 Datasheet
1Mb / 97P
[Old version datasheet]   PHYTER Industrial Temperature Single Port 10/100 Mb/s Ethernet Physical Layer Transceiver
logo
National Semiconductor ...
DP83848YB NSC-DP83848YB Datasheet
2Mb / 82P
   PHYTER - Extreme Temperature Single Port 10/100 Mb/s Ethernet Physical Layer Transceiver
logo
Texas Instruments
DP83848-HT TI1-DP83848-HT Datasheet
1Mb / 81P
[Old version datasheet]   PHYTER Military Temperature Single Port 10/100 MB/S Ethernet Physical Layer Transceiver
logo
National Semiconductor ...
DP83848C NSC-DP83848C Datasheet
2Mb / 82P
   PHYTER - Commercial Temperature Single Port 10/100 Mb/s Ethernet Physical Layer Transceiver
logo
Texas Instruments
DP83848-EP TI1-DP83848-EP Datasheet
1Mb / 92P
[Old version datasheet]   PHYTER MILITARY TEMPERATURE SINGLE PORT 10/100 MB/S ETHERNET PHYSICAL LAYER TRANSCEIVER
DP83848Q TI1-DP83848Q Datasheet
974Kb / 74P
[Old version datasheet]   PHYTER Extended Temperature Single Port 10/100 Mb/s Ethernet Physical Layer Transceiver
logo
National Semiconductor ...
DP83848I NSC-DP83848I Datasheet
2Mb / 82P
   Industrial Temperature Single Port 10/100 Mb/s Ethernet Physical Layer Transceiver
DP83848I NSC-DP83848I_08 Datasheet
2Mb / 84P
   PHYTER짰 - Industrial Temperature Single Port 10/100 Mb/s Ethernet Physical Layer Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com