Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AUIRF7303QTR Datasheet(PDF) 1 Page - International Rectifier

Part # AUIRF7303QTR
Description  Advanced Planar Technology Dual N Channel MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

AUIRF7303QTR Datasheet(HTML) 1 Page - International Rectifier

  AUIRF7303QTR Datasheet HTML 1Page - International Rectifier AUIRF7303QTR Datasheet HTML 2Page - International Rectifier AUIRF7303QTR Datasheet HTML 3Page - International Rectifier AUIRF7303QTR Datasheet HTML 4Page - International Rectifier AUIRF7303QTR Datasheet HTML 5Page - International Rectifier AUIRF7303QTR Datasheet HTML 6Page - International Rectifier AUIRF7303QTR Datasheet HTML 7Page - International Rectifier AUIRF7303QTR Datasheet HTML 8Page - International Rectifier AUIRF7303QTR Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
HEXFET® Power MOSFET
AUIRF7303Q
08/24/11
www.irf.com
1
AUTOMOTIVE GRADE
Features
l
Advanced Planar Technology
l
Dual N Channel MOSFET
l
Low On-Resistance
l
Dynamic dV/dT Rating
l
175°C Operating Temperature
l
Fast Switching
l
Lead-Free, RoHS Compliant
l
Automotive Qualified*
Description
Specifically designed for Automotive applications, this cellular
design of HEXFET® Power MOSFETs utilizes the latest
processing techniques to achieve low on-resistance per
silicon area. This benefit combined with the fast switching
speed and ruggedized device design that HEXFET power
MOSFETs are well known for, provides the designer with an
extremely efficient and reliable device for use in Automotive
and a wide variety of other applications.
D1
D1
D2
D2
G1
S2
G2
S1
Top View
8
1
2
3
4
5
6
7
SO-8
AUIRF7303Q
Absolute Maximum Ratings
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are
stress ratings only; and functional operation of the device at these or any other condition beyond those indicated in the
specifications is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device
reliability. The thermal resistance and power dissipation ratings are measured under board mounted and still air conditions.
Ambient temperature (TA) is 25°C, unless otherwise specified.
HEXFET® is a registered trademark of International Rectifier.
*Qualification standards can be found at http://www.irf.com/
V(BR)DSS
30V
RDS(on) max. 0.05Ω
ID
5.3A
Parameter
Max.
Units
ID @ TA = 25°C
Continuous Drain Current, VGS @ 10V
5.3
ID @ TA = 70°C
Continuous Drain Current, VGS @ 10V
4.4
IDM
Pulsed Drain Current c
44
PD @TA = 25°C
Power Dissipation
2.4
W
Linear Derating Factor
0.02
W/°C
VGS
Gate-to-Source Voltage
± 20
V
EAS
Single Pulse Avalanche Energy
d
414
EAS(Tested)
Single Pulse Avalanche Energy
g
1160
dv/dt
Peak Diode Recovery dv/dt
e
1.6
V/ns
TJ
Operating Junction and
TSTG
Storage Temperature Range
Thermal Resistance
Parameter
Max.
Units
RθJA
Junction-to-Ambient h
62.5
°C/W
A
°C
-55 to + 175
mJ
PD - 97654C


Similar Part No. - AUIRF7303QTR

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
AUIRF7303QTR INFINEON-AUIRF7303QTR Datasheet
583Kb / 8P
   AUTOMOTIVE GRADE
2015-9-30
More results

Similar Description - AUIRF7303QTR

ManufacturerPart #DatasheetDescription
logo
International Rectifier
AUIRF7313Q IRF-AUIRF7313Q Datasheet
245Kb / 10P
   Advanced Planar Technology Dual N Channel MOSFET
AUIRF7103Q IRF-AUIRF7103Q Datasheet
230Kb / 13P
   Advanced Planar Technology Dual N Channel MOSFET
AUIRF4905S IRF-AUIRF4905S Datasheet
267Kb / 14P
   Advanced Planar Technology P-Channel MOSFET
AUIRF5210S IRF-AUIRF5210S Datasheet
226Kb / 12P
   Advanced Planar Technology P-Channel MOSFET
logo
SHENZHEN DOINGTER SEMIC...
PE9926 DOINGTER-PE9926 Datasheet
2Mb / 4P
   Dual N-Channel MOSFET uses advanced trench technology
SPN4920W DOINGTER-SPN4920W Datasheet
1Mb / 4P
   Dual N-Channel MOSFET uses advanced trench technology
STM9926 DOINGTER-STM9926 Datasheet
2Mb / 4P
   Dual N-Channel MOSFET uses advanced trench technology
SI9926CDY DOINGTER-SI9926CDY Datasheet
1Mb / 4P
   Dual N-Channel MOSFET uses advanced trench technology
STN4920 DOINGTER-STN4920 Datasheet
1Mb / 5P
   Dual N-Channel MOSFET uses advanced trench technology
SWK4842 DOINGTER-SWK4842 Datasheet
1Mb / 4P
   Dual N-Channel MOSFET uses advanced trench technology
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com