Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1TXD00001C0201-2 Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # 1TXD00001C0201-2
Description  A.., AF.., 3-pole Contactors
Download  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

1TXD00001C0201-2 Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button 1TXD00001C0201-2 Datasheet HTML 4Page - List of Unclassifed Manufacturers 1TXD00001C0201-2 Datasheet HTML 5Page - List of Unclassifed Manufacturers 1TXD00001C0201-2 Datasheet HTML 6Page - List of Unclassifed Manufacturers 1TXD00001C0201-2 Datasheet HTML 7Page - List of Unclassifed Manufacturers 1TXD00001C0201-2 Datasheet HTML 8Page - List of Unclassifed Manufacturers 1TXD00001C0201-2 Datasheet HTML 9Page - List of Unclassifed Manufacturers 1TXD00001C0201-2 Datasheet HTML 10Page - List of Unclassifed Manufacturers 1TXD00001C0201-2 Datasheet HTML 11Page - List of Unclassifed Manufacturers 1TXD00001C0201-2 Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 80 page
background image
ABB LIMITED
2/8
A 145 ... AF 750 3-pole Contactors
a.c. Operated - A 145 ... A 300 Contactors
a.c. / d.c. Operated - AF 400 ... AF 750 Contactors
Application
A 145 ... AF 750 contactors are mainly used for controlling 3-phase motors and generally for controlling power circuits up to 690 V a.c. or
220 V d.c. / 600 V d.c. The contactors can also be used for many other applications such as isolation, bypass, capacitor switching, lighting...
Description
The A 145 ... AF 750 3-pole contactors are of the block type design.
Main poles and auxiliary contact blocks
– 3 main poles,
– 1 N.O. and 1 N.C. auxiliary contact block (fitted on the left side).
A maximum of 4 auxiliary contact blocks can be fitted on each contactor.
Control circuit:
A 145 ... A 300 contactors: a.c. operated with laminated magnet circuit,
AF 400 ... AF 750 contactors: a.c. operated, large voltage range, with electronic coil interface, with laminated magnet circuit.
Contactors AF 400 ... AF 750 are fitted as standard with an electronic coil interface which accepts a wide control voltage range
for a.c. 50/60 Hz supply or d.c. supply.
Accessories: a wide range of accessories is available.
Variants  next pages in this section
a.c./d.c. operated, large voltage range, with electronic coil interface: AF 145 ... AF 300 contactors.
A145 ... A300 contactors main
terminals in line with Isomax circuit
breakers.
Location of side-mounted mechanical
interlock (on right or left hand side).
CAL 5-11 side mounted auxiliary contact
block.
Easy access to the terminals.
Main terminals.
Screws and nut insert holders are included.
Screw fixing, top and bottom.
(Screws supplied)
.
Terminal shrouds for protection can easily
be fitted from the front.
Location of surge suppressors on
A 145 ... A 300 contactors.
(built-in on AF 400 ... AF 750 contactors).
Quick release quarter turn screws for
easy access to contact inspection.
Terminal markings according to
IEC 60947-4-1, EN 50005, EN 50012
and NEMA standards.
Easy access to the coil terminals.
Clear marking of coil voltages and
frequencies.
Front access to the coil, no need to
remove power cables when changing coil.
On-Off position indicator.
Location of function marker.
www.abb.com/lowvoltage
email marketing.info@gb.abb.com
Telephone 02476 368551
Facsimile 02476 368401
Return to main index


Similar Description - 1TXD00001C0201-2

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
90-244 ETC2-90-244 Datasheet
292Kb / 2P
   2 POLE DEFINITE PURPOSE CONTACTORS
LC1-D40 ETC1-LC1-D40 Datasheet
271Kb / 8P
   CONTACTORS / REVERSING CONTACTORS
logo
TE Connectivity Ltd
CAP120 TEC-CAP120 Datasheet
282Kb / 4P
   Single Pole Hermetically Sealed 150 Amp DC Contactors
logo
Allen-Bradley
100S-D ALLEN-BRADLEY-100S-D Datasheet
86Kb / 8P
   Safety Contactors
logo
Zhejiang DongYa Electro...
BZJ-200A DONGYA-BZJ-200A Datasheet
207Kb / 1P
   NC Contactors
logo
GREEGOO Electric Co.,Lt...
EVC8 GREEGOO-EVC8 Datasheet
543Kb / 6P
   Vacuum Contactors
logo
Zhejiang DongYa Electro...
ZLJM-300C DONGYA-ZLJM-300C Datasheet
301Kb / 1P
   Latch contactors
ZLJM-400C DONGYA-ZLJM-400C Datasheet
319Kb / 1P
   Latch contactors
BZJ-400A DONGYA-BZJ-400A Datasheet
207Kb / 1P
   NC Contactors
logo
Telecommunication Elec...
LAD8N20 TELTRON-LAD8N20 Datasheet
372Kb / 12P
   TeSys contactors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com