Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AQY221N2MY Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # AQY221N2MY
Description  Micro-miniature SON package Lower output capacitance and on resistance (C횞R10)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AQY221N2MY Datasheet(HTML) 2 Page - Panasonic Semiconductor

  AQY221N2MY Datasheet HTML 1Page - Panasonic Semiconductor AQY221N2MY Datasheet HTML 2Page - Panasonic Semiconductor AQY221N2MY Datasheet HTML 3Page - Panasonic Semiconductor AQY221N2MY Datasheet HTML 4Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Panasonic Corporation Automation Controls Business Unit industrial.panasonic.com/ac/e
RF SON 1 Form A C
×R10 (AQY221❍2M)
ASCTB31E 201201-T
2. Electrical characteristics (Ambient temperature: 25
°C 77°F)
Note: Variation possible through combinations of output capacitance and on resistance. For more information, please contact our sales office in your area.
*Turn on/Turn off time
RECOMMENDED OPERATING CONDITIONS
Please obey the following conditions to ensure proper device operation and resetting.
■ For Dimensions.
■ For Schematic and Wiring Diagrams.
■ For Cautions for Use.
■ These products are not designed for automotive use.
If you are considering to use these products for automotive applications, please contact your local Panasonic Corporation
technical representative.
For more information,.
REFERENCE DATA
Item
Symbol
R type
C type
Condition
AQY221R2M
AQY221N2M
Input
LED operate current
Typical
IFon
0.8 mA
1.0 mA
R type: IL = 250 mA
C type: IL = 80 mA
Maximum
3.0 mA
LED turn off current
Minimum
IFoff
0.2 mA
Typical
0.7 mA
0.9 mA
LED dropout voltage
Typical
VF
1.35 V (1.14 V at IF = 5 mA)
IF = 50 mA
Maximum
1.5 V
Output
On resistance
Typical
Ron
0.8
9.5
R type: IF = 5 mA, IL = 250 mA
C type: IF = 5 mA, IL = 80 mA
Within 1 s on time
Maximum
1.25
12.5
Output capacitance
Typical
Cout
14 pF
1.1 pF
IF = 0 mA
VB = 0 V
f = 1 MHz
Maximum
18 pF
1.5 pF
Off state leakage current
Typical
ILeak
0.01 nA
IF = 0 mA
VL = Max.
Maximum
10 nA
Transfer
characteristics
Turn on time*
Typical
Ton
0.2 ms
0.02 ms
R type:
IF = 5 mA, VL = 10 V, RL = 40
C type:
IF = 5 mA, VL = 10 V, RL = 125
Maximum
0.5 ms
0.2 ms
Turn off time*
Typical
Toff
0.04 ms
0.02 ms
Maximum
0.2 ms
I/O capacitance
Typical
Ciso
0.8 pF
f = 1 MHz
VB = 0 V
Maximum
1.5 pF
Item
Symbol
Recommended value
Unit
Input LED current
IF
5mA
Toff
Input
Output
Ton
90%
10%
1. Load current vs. ambient temperature
characteristics
Allowable ambient temperature: –40
°C to +85°C
–40
°F to +185°F
2. Load current vs. Load voltage characteristics
Ambient temperature: 25
°C 77°F
3. On resistance vs. ambient temperature
characteristics
Measured portion: between terminals 3 and 4;
LED current: 5 mA; Load voltage: 10V (DC); Load
current: 250mA (DC) R type, 80mA (DC) C type
020
40
60
80 85 100
-40
-20
0
100
200
300
400
AQY221R2M
AQY221N2M
Ambient temperature,
°C
020
10
30
40
50
0
80
40
280
240
200
160
120
AQY221N2M
AQY221R2M
Load voltage, V
020
40
60
80 85
-40
-20
0
5
10
15
20
25
AQY221R2M
AQY221N2M
Ambient temperature,
°C


Similar Part No. - AQY221N2MY

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AQY221N2MY PANASONIC-AQY221N2MY Datasheet
81Kb / 4P
   Micro-miniature SON package Lower output capacitance and on resistance (C횞R10) 40V load voltage
More results

Similar Description - AQY221N2MY

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AQY221R2M PANASONIC-AQY221R2M Datasheet
81Kb / 4P
   Micro-miniature SON package Lower output capacitance and on resistance (C횞R10) 40V load voltage
AQY221N3M PANASONIC-AQY221N3M Datasheet
75Kb / 4P
   Micro-miniature SON package Lower output capacitance and on resistance (C횞R5) 25V load voltage
AQY221R4VY PANASONIC-AQY221R4VY Datasheet
65Kb / 4P
   Micro-miniature SSOP Lower output capacitance and on resistance (C?뷧10) 40 V load voltage
AQY221N3V PANASONIC-AQY221N3V Datasheet
74Kb / 4P
   Super miniature SSOP Lower output capacitance and on resistance (C횞R5) Load voltage 25V
logo
Omron Electronics LLC
G3VM-21UR OMRON-G3VM-21UR Datasheet
192Kb / 5P
   VSON Package With Low Output Capacitance and Low On Resistance
G3VM-61UR OMRON-G3VM-61UR Datasheet
1Mb / 4P
   VSON Package with Low Output Capacitance and Low ON Resistance
G3VM-41UR10 OMRON-G3VM-41UR10 Datasheet
410Kb / 4P
   VSON package with Low Output Capacitance and ON Resistance type
logo
Advanced Power Electron...
AP4961GM A-POWER-AP4961GM_14 Datasheet
64Kb / 4P
   Lower On-resistance
AP2306AGN-HF A-POWER-AP2306AGN-HF_14 Datasheet
112Kb / 5P
   Lower on-resistance
AP2306CGN-HF A-POWER-AP2306CGN-HF_14 Datasheet
99Kb / 4P
   Lower on-resistance
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com