Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EVQPPDA25 Datasheet(PDF) 4 Page - Panasonic Semiconductor

Part # EVQPPDA25
Description  6.0 mm3.5 mm Square Thin type Light Touch Switches for Refl ow Sol der ing
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EVQPPDA25 Datasheet(HTML) 4 Page - Panasonic Semiconductor

  EVQPPDA25 Datasheet HTML 1Page - Panasonic Semiconductor EVQPPDA25 Datasheet HTML 2Page - Panasonic Semiconductor EVQPPDA25 Datasheet HTML 3Page - Panasonic Semiconductor EVQPPDA25 Datasheet HTML 4Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Light Touch Switches/EVQPP
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
T
W
A
E
C
D
r
t
P2 P0
P1
t2
t1
fD0
A
Feeding hole
Chip component
Tape running direction
Chip pocket
Tape width=12.0 mm
180
260
MAX.
150
230
90
±30
40
±10
(Normal Temp.)
Soldering Time (s)
Fan or Normal Temp.
Standard Reel Dimensions in mm (not to scale)
Recommended Reflow Soldering Conditions
Embossed Carrier Taping
Unit: mm
Part No.
Height
AB
W
F
E
P1
P2
P0
D0 Dia.
t1
t2
EVQPP
2.5
4.45±0.20 8.3 max.
12.0±0.3
5.5±0.1
1.75±0.10
8.0±0.1
2.0±0.1
4.0±0.1
1.5
+0.1
0.30±0.05 2.55±0.20
–0
Item
A
B
C
D
E
Rate (mm)
f370.0±2.0 f50.0 min. f13.0±0.5
f21.0±1.0
2.0±0.5
Item
W
T
t
r
Rate (mm)
14.0±1.5
1.0 to 3.0
1.0±0.5
Jun. 2006


Similar Part No. - EVQPPDA25

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EVQPPDA25 PANASONIC-EVQPPDA25 Datasheet
97Kb / 4P
   Light Touch Switches/EVQPP
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com