Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

93026-33 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # 93026-33
Description  DSCC 93026 SuperTan® Wet Tantalum Capacitors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

93026-33 Datasheet(HTML) 2 Page - Vishay Siliconix

  93026-33 Datasheet HTML 1Page - Vishay Siliconix 93026-33 Datasheet HTML 2Page - Vishay Siliconix 93026-33 Datasheet HTML 3Page - Vishay Siliconix 93026-33 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
DSCC 93026
www.vishay.com
Vishay
Revision: 01-Feb-12
2
Document Number: 40136
For technical questions, contact: tantalum@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
ORDERING INFORMATION
93026
-29
K
S
DSCC DRAWING NUMBER
DASH NUMBER
CAPACITANCE TOLERANCE
K = ± 10 %
M = ± 20 %
S = Sleeved
U = Unsleeved
DEFENSE SUPPLY CENTER, COLUMBUS
COLUMBUS, OHIO
DRAWING NO.
93026
STANDARD RATINGS
CAPACITANCE
AT 25 °C
120 Hz
(μF)
CASE
CODE
MAX. ESR
120 Hz
(
)
MAX. DCL
(μA)
MAX.
IMP. AT
- 55 °C
120 Hz
(
)
MAX. CAPACITANCE CHANGE
(%)
AC RIPPLE
85 °C
40 kHz
(mA)
RMS
PART NUMBER
25 °C
85 °C/
125 °C
- 55 °C
85 °C
125 °C
25 VDC AT 85 °C; 15 VDC AT 125 °C
120
T1
1.3
1
5
25
- 42
+ 8
+ 12
1250
93026-29(1)(2)
560
T2
0.83
2
10
12
- 65
+ 10
+ 15
2100
93026-30(1)(2)
1100
L2
0.5
3
25
7
- 60
+ 20
+ 45
3200
93026-57(1)(2)
1200
T3
0.65
5
20
7
- 70
+ 12
+ 18
2600
93026-31(1)(2)
1800
T4
0.5
6
25
7
- 75
+ 12
+ 20
3100
93026-32(1)(2)
30 VDC AT 85 °C; 20 VDC AT 125 °C
100
T1
1.3
1
5
25
- 38
+ 8
+ 12
1200
93026-33(1)(2)
470
T2
0.85
2
10
15
- 65
+ 10
+ 18
1800
93026-34(1)(2)
950
L2
0.5
5
30
7
- 55
+ 18
+ 35
3200
93026-58(1)(2)
1000
T3
0.7
7
25
7
- 70
+ 10
+ 18
2500
93026-35(1)(2)
1500
T4
0.6
12
35
6
- 72
+ 10
+ 20
3000
93026-36(1)(2)
50 VDC AT 85 °C; 30 VDC AT 125 °C
68
T1
1.5
1
5
35
- 25
+ 8
+ 15
1050
93026-37(1)(2)
220
T2
0.9
2
10
17.5
- 50
+ 8
+ 15
1800
93026-38(1)(2)
450
L2
0.6
3
25
7.5
- 45
+ 12
+ 30
2900
93026-59(1)(2)
470
T3
0.75
3
25
10
- 50
+ 8
+ 15
2100
93026-39(1)(2)
680
T4
0.7
5
40
8
- 58
+ 10
+ 20
2750
93026-40(1)(2)
60 VDC AT 85 °C; 40 VDC AT 125 °C
47
T1
2.0
1
5
44
- 25
+ 8
+ 12
1050
93026-41(1)(2)
150
T2
1.1
2
10
20
- 40
+ 8
+ 15
1650
93026-42(1)(2)
370
L2
0.6
3
25
9
- 33
+ 9
+ 20
2900
93026-60(1)(2)
390
T3
0.9
3
25
15
- 60
+ 8
+ 15
2100
93026-43(1)(2)
560
T4
0.8
5
40
10
- 58
+ 8
+ 15
2750
93026-44(1)(2)
75 VDC AT 85 °C; 50 VDC AT 125 °C
33
T1
2.5
1
5
66
- 25
+ 5
+ 9
1050
93026-45(1)(2)
110
T2
1.3
2
10
24
- 35
+ 6
+ 10
1650
93026-46(1)(2)
250
L2
0.8
5
30
12
- 30
+ 6
+ 15
2500
93026-61(1)(2)
330
T3
1.0
3
30
12
- 45
+ 6
+ 10
2100
93026-47(1)(2)
470
T4
0.9
5
50
12
- 55
+ 6
+ 10
2750
93026-48(1)(2)
Note
• Part number definitions:
(1) Capacitance tolerance. K = 10 %, M = 20 %
(2) Case or body insulation. S = Sleeved, U = Unsleeved


Similar Part No. - 93026-33

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
93026-33(1)(2) VISHAY-93026-33(1)(2) Datasheet
72Kb / 4P
   DSCC 93026 SuperTan Wet Tantalum Capacitors
Revision: 01-Feb-12
More results

Similar Description - 93026-33

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
93026-38KS VISHAY-93026-38KS Datasheet
72Kb / 4P
   DSCC 93026 SuperTan Wet Tantalum Capacitors
Revision: 01-Feb-12
ST VISHAY-ST Datasheet
116Kb / 6P
   SuperTan® Wet Tantalum Capacitors With Hermetic Seal
12-May-2022
DLA93026 VISHAY-DLA93026 Datasheet
80Kb / 6P
   DLA 93026 SuperTan짰 Wet Tantalum Capacitors
STE VISHAY-STE_V01 Datasheet
128Kb / 7P
   SuperTan® Wet Tantalum Capacitors With Hermetic Seal, Extended Range
05-Jul-2022
STE VISHAY-STE Datasheet
92Kb / 3P
   SuperTan® Extended (STE) Capacitors Wet Tantalum with Hermetic Seal
Revision: 25-Aug-08
ST250-75L2KI VISHAY-ST250-75L2KI Datasheet
98Kb / 6P
   SuperTan Wet Tantalum Capacitors with Hermetic Seal
Revision: 13-Oct-14
STE470-75T3MI VISHAY-STE470-75T3MI Datasheet
105Kb / 6P
   SuperTan Extended (STE) Capacitors, Wet Tantalum Capacitors with Hermetic Seal
Revision: 07-Nov-14
200D VISHAY-200D_V01 Datasheet
162Kb / 15P
   Wet Tantalum Capacitors, Wet Sintered Anode TANTALEX® Components TANTAPAK® Capacitor Assemblies
01-Jan-2022
200D VISHAY-200D_05 Datasheet
133Kb / 11P
   Wet Tantalum Capacitors Wet Sintered Anode TANTALEX® Components TANTAPAK® Capacitor Assemblies
Revision: 14-Oct-05
MTPH VISHAY-MTPH Datasheet
58Kb / 2P
   Wet Tantalum Capacitors
Revision 02-Sep-03
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com