Electronic Components Datasheet Search |
|
EEV-FK1E331P Datasheet(PDF) 4 Page - International Rectifier |
|
EEV-FK1E331P Datasheet(HTML) 4 Page - International Rectifier |
4 / 49 page IR3448 4 www.irf.com © 2013 International Rectifier August 01, 2013 PIN DESCRIPTIONS PIN # PIN NAME PIN DESCRIPTION 1 PVin Input voltage for power stage. Bypass capacitors between PVin and PGND should be connected very close to this pin and PGND; also forms input to feedforward block 2 Boot Supply voltage for high side driver 3 Enable Enable pin to turning on and off the IC. 4 Rt/Sync Use an external resistor from this pin to LGND to set the switching frequency, very close to the pin. This pin can also be used for external synchronization. 5 OCset Current Limit setpoint. This pin allows the trip point to be set to one of three possible settings by either floating this pin, tying it to VCC or tying it to PGnd. 6 Vsns Sense pin for OVP and PGood 7 FB Inverting input to the error amplifier. This pin is connected directly to the output of the regulator or to the output of the remote sense amplifier, via resistor divider to set the output voltage and provide feedback to the error amplifier. 8 COMP Output of error amplifier. An external resistor and capacitor network is typically connected from this pin to FB to provide loop compensation. 9 RSo Remote Sense Amplifier Output 10, 26, 27, 29 PGND Power ground. This pin should be connected to the system’s power ground plane. Bypass capacitors between PVin and PGND should be connected very close to PVIN pin (pin 1) and this pin. 11 LGND Signal ground for internal reference and control circuitry. 12 RS- Remote Sense Amplifier input. Connect to ground at the load. 13 RS+ Remote Sense Amplifier input. Connect to output at the load. 14 Cbyp Bypassing capacitor for internal reference voltage. A capacitor between 100pF and 180pF should be connected between this pin and LGnd. 15, 19, 28, 30, 31, 33 NC No connection. 16 PGD Power Good status pin. Output is open drain. Connect a pull up resistor from this pin to VCC. 17 Vin Input Voltage for LDO. 18 VCC/LDO_out Bias Voltage for IC and driver section, output of LDO. Add a minimum of 4.7uF bypass cap from this pin to PGnd. 20, 21, 22, 23, 24, 25, 32 SW Switch node. This pin is connected to the output inductor. |
Similar Part No. - EEV-FK1E331P |
|
Similar Description - EEV-FK1E331P |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |