Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GRM1885C1H101JA01D Datasheet(PDF) 9 Page - International Rectifier

Part # GRM1885C1H101JA01D
Description  16A Highly Integrated SupIRBuck Single-Input Voltage, Synchronous Buck Regulator
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

GRM1885C1H101JA01D Datasheet(HTML) 9 Page - International Rectifier

Back Button GRM1885C1H101JA01D Datasheet HTML 5Page - International Rectifier GRM1885C1H101JA01D Datasheet HTML 6Page - International Rectifier GRM1885C1H101JA01D Datasheet HTML 7Page - International Rectifier GRM1885C1H101JA01D Datasheet HTML 8Page - International Rectifier GRM1885C1H101JA01D Datasheet HTML 9Page - International Rectifier GRM1885C1H101JA01D Datasheet HTML 10Page - International Rectifier GRM1885C1H101JA01D Datasheet HTML 11Page - International Rectifier GRM1885C1H101JA01D Datasheet HTML 12Page - International Rectifier GRM1885C1H101JA01D Datasheet HTML 13Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 49 page
background image
IR3448
9
www.irf.com
© 2013 International Rectifier
August 01, 2013
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNIT
OVP Fault Prop Delay
OVP (delay)
Vsns rising
1.5
2.5
3.5
µs
Over-Current Protection
OC Trip Current
ITRIP
OCSet=VCC, VCC = 6.8V, TJ =
25°C
18.9
21
23.1
A
OCSet=floating, VCC = 6.8V, TJ
= 25°C
14.8
16.5
18.2
A
OCSet=PGnd, VCC =6.8V, TJ =
25°C
10.8
12.5
14.2
A
Hiccup blanking time
Tblk_Hiccup
Note 4
20.48
ms
Thermal Shutdown
Thermal Shutdown
Note 4
145
°C
Hysteresis
Note 4
20
°C
Notes:
4. Guaranteed by design but not tested in production.


Similar Part No. - GRM1885C1H101JA01D

ManufacturerPart #DatasheetDescription
logo
International Rectifier
GRM1885C1H101JA01D IRF-GRM1885C1H101JA01D Datasheet
1Mb / 51P
   25A Highly Integrated SupIRBuck Single-Input Voltage, Synchronous Buck Regulator
GRM1885C1H101JA01D IRF-GRM1885C1H101JA01D Datasheet
3Mb / 53P
   Single-Input Voltage, Synchronous Buck Regulator
GRM1885C1H101JA01D IRF-GRM1885C1H101JA01D Datasheet
1Mb / 47P
   Dual output, 4A/Phase, Highly Integrated SupIRBuck
GRM1885C1H101JA01D IRF-GRM1885C1H101JA01D Datasheet
3Mb / 51P
   Dual output, 6A/Phase, Highly Integrated SupIRBuck
GRM1885C1H101JA01D IRF-GRM1885C1H101JA01D Datasheet
2Mb / 45P
   12A Highly Integrated SupIRBuck Single?륤nput Voltage
More results

Similar Description - GRM1885C1H101JA01D

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR3827 IRF-IR3827 Datasheet
2Mb / 44P
   6A Highly Integrated SupIRBuck Single-Input Voltage, Synchronous Buck Regulator
IR3823 IRF-IR3823 Datasheet
3Mb / 41P
   3A Highly Integrated SupIRBuck Single-Input Voltage, Synchronous Buck Regulator
IR3847 IRF-IR3847 Datasheet
1Mb / 53P
   Single-Input Voltage, Synchronous Buck Regulator 25A Highly Integrated SupIRBuck
IR3447 IRF-IR3447 Datasheet
1Mb / 51P
   25A Highly Integrated SupIRBuck Single-Input Voltage, Synchronous Buck Regulator
logo
Infineon Technologies A...
IR3448 INFINEON-IR3448_16 Datasheet
2Mb / 51P
   16A Highly Integrated SupIRBuck짰 Single-Input Voltage, Synchronous Buck Regulator
Rev 3.6 May 17, 2016
logo
International Rectifier
IR3895 IRF-IR3895_13 Datasheet
2Mb / 45P
   16A Highly Integrated SupIRBuck
logo
Infineon Technologies A...
IR3829MTRPBF INFINEON-IR3829MTRPBF Datasheet
1Mb / 50P
   16A Highly Integrated Single-Input Synchronous SupIRBuck짰 Regulator
Rev 3.7, 03/24/2016
logo
International Rectifier
IR3838MPBF IRF-IR3838MPBF_15 Datasheet
1Mb / 35P
   HIGHLY INTEGRATED 10A SINGLE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
IR3838MTR1PBF IRF-IR3838MTR1PBF Datasheet
1Mb / 35P
   HIGHLY INTEGRATED 10A SINGLE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
IR3837MPBF IRF-IR3837MPBF Datasheet
1Mb / 36P
   HIGHLY INTEGRATED 14A SINGLE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com