Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B57237S0109M000 Datasheet(PDF) 8 Page - EPCOS

Part # B57237S0109M000
Description  NTC thermistors for inrush current limiting
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B57237S0109M000 Datasheet(HTML) 8 Page - EPCOS

Back Button B57237S0109M000 Datasheet HTML 4Page - EPCOS B57237S0109M000 Datasheet HTML 5Page - EPCOS B57237S0109M000 Datasheet HTML 6Page - EPCOS B57237S0109M000 Datasheet HTML 7Page - EPCOS B57237S0109M000 Datasheet HTML 8Page - EPCOS B57237S0109M000 Datasheet HTML 9Page - EPCOS B57237S0109M000 Datasheet HTML 10Page - EPCOS B57237S0109M000 Datasheet HTML 11Page - EPCOS B57237S0109M000 Datasheet HTML 12Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
Wave soldering
Temperature characteristic at component terminal with dual wave soldering
2
Robustness of terminations
The leads meet the requirements of IEC 60068-2-21. They may not be bent closer than 4 mm
from the solder joint on the thermistor body or from the point at which they leave the feed-
throughs. During bending, any mechanical stress at the outlet of the leads must be removed. The
bending radius should be at least 0.75 mm.
Tensile strength:
Test Ua1:
Leads
0.50 <
∅ ≤0.80 mm = 10.0 N
0.80 <
∅ ≤1.25 mm = 20.0 N
Bending strength: Test Ub:
Two 90
°-bends in opposite directions at a weight of 0.25 kg.
Torsional strength: Test Uc: severity 2
The lead is bent by 90
° at a distance of 6 to 6.5 mm from the thermistor body.
The bending radius of the leads should be approx. 0.75 mm. Two torsions of
180
° each (severity 2).
Inrush current limiters
B57237S0***M0**
ICLs
S237
Page 8 of 14
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - B57237S0109M000

ManufacturerPart #DatasheetDescription
logo
EPCOS
B57237S0109M000 EPCOS-B57237S0109M000 Datasheet
55Kb / 3P
   Switch-mode power supplies
B57237S0109M000 EPCOS-B57237S0109M000 Datasheet
342Kb / 15P
   NTC thermistors for inrush current limiting
B57237S0109M000 EPCOS-B57237S0109M000 Datasheet
195Kb / 6P
   NTC thermistors for inrush current limiting
B57237S0109M000 EPCOS-B57237S0109M000 Datasheet
314Kb / 14P
   NTC thermistors for inrush current limiting
B57237S0109M000/51 EPCOS-B57237S0109M000/51 Datasheet
314Kb / 14P
   NTC thermistors for inrush current limiting
More results

Similar Description - B57237S0109M000

ManufacturerPart #DatasheetDescription
logo
EPCOS
B57364S0109M000 EPCOS-B57364S0109M000_09 Datasheet
342Kb / 15P
   NTC thermistors for inrush current limiting
B57153S0479M000 EPCOS-B57153S0479M000_08 Datasheet
344Kb / 15P
   NTC thermistors for inrush current limiting
B57235S100M EPCOS-B57235S100M Datasheet
416Kb / 18P
   NTC thermistors for inrush current limiting
B57153S479M EPCOS-B57153S479M Datasheet
314Kb / 14P
   NTC thermistors for inrush current limiting
B57464S0109M000 EPCOS-B57464S0109M000_09 Datasheet
341Kb / 15P
   NTC thermistors for inrush current limiting
B57364S100M EPCOS-B57364S100M Datasheet
422Kb / 19P
   NTC thermistors for inrush current limiting
B57237S229M EPCOS-B57237S229M Datasheet
314Kb / 14P
   NTC thermistors for inrush current limiting
B57237S479M EPCOS-B57237S479M Datasheet
314Kb / 14P
   NTC thermistors for inrush current limiting
B57153S330M EPCOS-B57153S330M Datasheet
314Kb / 14P
   NTC thermistors for inrush current limiting
91930 EPCOS-91930 Datasheet
195Kb / 6P
   NTC thermistors for inrush current limiting
B57153S100M EPCOS-B57153S100M Datasheet
417Kb / 18P
   NTC thermistors for inrush current limiting
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com