Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GRM188R71E105KA12D Datasheet(PDF) 5 Page - International Rectifier

Part # GRM188R71E105KA12D
Description  6A Highly Integrated SupIRBuck Input Voltage Range: 3V to 27V
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

GRM188R71E105KA12D Datasheet(HTML) 5 Page - International Rectifier

  GRM188R71E105KA12D Datasheet HTML 1Page - International Rectifier GRM188R71E105KA12D Datasheet HTML 2Page - International Rectifier GRM188R71E105KA12D Datasheet HTML 3Page - International Rectifier GRM188R71E105KA12D Datasheet HTML 4Page - International Rectifier GRM188R71E105KA12D Datasheet HTML 5Page - International Rectifier GRM188R71E105KA12D Datasheet HTML 6Page - International Rectifier GRM188R71E105KA12D Datasheet HTML 7Page - International Rectifier GRM188R71E105KA12D Datasheet HTML 8Page - International Rectifier GRM188R71E105KA12D Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
March 27, 2013  |  V2.2 |  PD97601
5
IR3473 
6A Highly Integrated SupIRBuck
TM 
PIN DESCRIPTIONS 
PIN #
PIN NAME
I/O LEVEL
PIN DESCRIPTION
FCCM 
3.3V 
Forced Continuous Conduction Mode (CCM). Ground this pin to enable diode 
emulation mode or discontinuous conduction mode (DCM). Pull this pin to 3.3V 
to operate in CCM under all load conditions. 
ISET  
Connecting resistor to PHASE pin sets over current trip point. 
PGOOD 
5V 
Power good open drain output – pull up with a resistor to 3.3V 
4, 17 
GND 
Reference 
Bias return and signal reference. 
FB 
3.3V 
Inverting input to PWM comparator, OVP / PGOOD sense. 
SS 
3.3V 
Soft start/shutdown. This pin provides user programmable soft‐start function. 
Connect an external capacitor from this pin to GND to set the startup time of the 
output voltage. The converter can be shutdown by pulling this pin below 0.3V. 
NC 
‐ 
‐ 
3VCBP 
3.3V 
For internal LDO. Bypass with a 1.0µF capacitor to GND. A resistor in series with 
the bypass capacitor may be required in single‐ground plane designs. Refer to 
Layout Recommendation for details. 
NC 
‐ 
‐ 
10 
VCC 
5V 
VCC input. Gate drive supply. A minimum of 1.0µF ceramic capacitor is required. 
11 
PGND 
Reference 
Power return. 
12 
PHASE 
VIN 
Phase node (or switching node) of MOSFET half bridge. 
13 
VIN 
VIN 
Input voltage for the system. 
14 
BOOT 
VIN + VCC 
Bootstrapped gate drive supply – connect a capacitor to PHASE. 
15 
FF 
VIN 
Input voltage feed forward – sets on‐time with a resistor to VIN. 
16 
EN 
5V 
Enable pin to turn on and off the device. Use two external resistors to set the 
turn on threshold (see Electrical Specifications) for input voltage monitoring.  
  


Similar Part No. - GRM188R71E105KA12D

ManufacturerPart #DatasheetDescription
logo
International Rectifier
GRM188R71E105KA12D IRF-GRM188R71E105KA12D Datasheet
1Mb / 21P
   12A Highly Integrated SupIRBuck IR3476 TM
logo
Murata Manufacturing Co...
GRM188R71E105KA12D MURATA-GRM188R71E105KA12D Datasheet
85Kb / 7P
   CHIP MONOLITHIC CERAMIC CAPACITOR
logo
International Rectifier
GRM188R71E105KA12D IRF-GRM188R71E105KA12D Datasheet
922Kb / 22P
   10A Highly Integrated SupIRBuck Constant On.Time Control
GRM188R71E105KA12D IRF-GRM188R71E105KA12D Datasheet
884Kb / 21P
   12A Highly Integrated SupIRBuck Continuous 12A Load Capability
GRM188R71E105KA12D IRF-GRM188R71E105KA12D Datasheet
904Kb / 21P
   15A Highly Integrated SupIRBuck Constant On.Time Control
More results

Similar Description - GRM188R71E105KA12D

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR3898 IRF-IR3898_13 Datasheet
3Mb / 46P
   6A Highly Integrated SupIRBuck
IR3827 IRF-IR3827 Datasheet
2Mb / 44P
   6A Highly Integrated SupIRBuck Single-Input Voltage, Synchronous Buck Regulator
IR3892 IRF-IR3892 Datasheet
3Mb / 51P
   Dual output, 6A/Phase, Highly Integrated SupIRBuck
IR3899 IRF-IR3899_13 Datasheet
2Mb / 45P
   9A Highly Integrated SupIRBuck Single.Input Voltage
IR3894 IRF-IR3894_13 Datasheet
2Mb / 45P
   12A Highly Integrated SupIRBuck Single?륤nput Voltage
IR3895 IRF-IR3895_13 Datasheet
2Mb / 45P
   16A Highly Integrated SupIRBuck
IR3823 IRF-IR3823 Datasheet
3Mb / 41P
   3A Highly Integrated SupIRBuck Single-Input Voltage, Synchronous Buck Regulator
IR3847 IRF-IR3847 Datasheet
1Mb / 53P
   Single-Input Voltage, Synchronous Buck Regulator 25A Highly Integrated SupIRBuck
IR3447 IRF-IR3447 Datasheet
1Mb / 51P
   25A Highly Integrated SupIRBuck Single-Input Voltage, Synchronous Buck Regulator
IR3897 IRF-IR3897_13 Datasheet
2Mb / 47P
   4A Highly Integrated SupIRBuck Single?륤nput Voltage
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com