Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CB047I0333 Datasheet(PDF) 1 Page - AVX Corporation

Part # CB047I0333
Description  Film Chip Capacitors PEN DIELECTRIC ??CB Series
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

CB047I0333 Datasheet(HTML) 1 Page - AVX Corporation

  CB047I0333 Datasheet HTML 1Page - AVX Corporation CB047I0333 Datasheet HTML 2Page - AVX Corporation CB047I0333 Datasheet HTML 3Page - AVX Corporation CB047I0333 Datasheet HTML 4Page - AVX Corporation CB047I0333 Datasheet HTML 5Page - AVX Corporation CB047I0333 Datasheet HTML 6Page - AVX Corporation CB047I0333 Datasheet HTML 7Page - AVX Corporation CB047I0333 Datasheet HTML 8Page - AVX Corporation CB047I0333 Datasheet HTML 9Page - AVX Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
20
Film Chip Capacitors
PEN DIELECTRIC – CB Series
GENERAL DESCRIPTION
Film chip capacitor using a naked and stacked construction with
metallized PEN (polyethylene naphtalate).
ADVANTAGES
• Use of high temperature dielectric films make these
capacitors suitable for IR or vapor phase reflow processes.
This chip is built without specific encapsulation.
• The intrinsic elasticity of the dielectric film allows an
excellent compatibility of the capacitor with all types of
material for printed circuit boards.
• The self-healing property of film technology results to a
safety open failure mode and better overall reliability.
• Excellent thermal shock resistance.
• Low dissipation factor ESR & ESL.
• No piezoelectric effect.
• Available in tape and reel suitable for automatic placement.
• Non-polar construction.
APPLICATIONS
General purpose function in low voltage applications where
miniaturization and SMD is required. Typical applications
would be:
• Automotive (Airbag, Fuel injection calculator...)
• Telecom (Public switching systems, modems, telephone
set, cordless, mobile)
• Industrial (SMPS, Power convertor module...)
PERFORMANCE CHARACTERISTICS
Climatic Category
55/125/56
Capacitance Range
1nF to 4.7μF
Tolerance on C
R
±5%, ±10%
Nominal Voltages
25Vdc to 630Vdc
Test Voltage
1.4Vr 2 sec. at 25°C
Soldering methods
IR or vapor phase reflow (not suitable for wave soldering)
Tangent of Loss Angle at 1kHz (DF)
< 100 x 10-4
Insulation resistance minimum : IR
for C ≤ 0.33μF IR > 1000 MΩ at 20°C for 1 min. charge at 10Vdc
for VR < 100Vdc and 100Vdc for VR ≥ 100Vdc
for C > 0.33μF IR C > 400 sec. at 20°C for 1 min. charge at 10Vdc
for VR < 100Vdc and 100Vdc for VR ≥ 100Vdc
Temperature range
-55°C to 125°C with voltage derating of 1.25%/°C between 105°C and 125°C
A.C. applications
For high frequency A.C. application please check with AVX
Outer Layer
Termination Plating :
100% matte Sn
Ni Barrier Under
Termination
Silver Epoxy
Resin
Brass
Active Layers : PEN dielectric


Similar Part No. - CB047I0333

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
CB042D0274 AVX-CB042D0274 Datasheet
744Kb / 10P
   Film Chip Capacitors PET-HT DIELECTRIC ??CB Series
CB042D0334 AVX-CB042D0334 Datasheet
744Kb / 10P
   Film Chip Capacitors PET-HT DIELECTRIC ??CB Series
CB042D0394 AVX-CB042D0394 Datasheet
744Kb / 10P
   Film Chip Capacitors PET-HT DIELECTRIC ??CB Series
CB042D0474 AVX-CB042D0474 Datasheet
744Kb / 10P
   Film Chip Capacitors PET-HT DIELECTRIC ??CB Series
CB042D0564 AVX-CB042D0564 Datasheet
744Kb / 10P
   Film Chip Capacitors PET-HT DIELECTRIC ??CB Series
More results

Similar Description - CB047I0333

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
CB017C0102 AVX-CB017C0102 Datasheet
844Kb / 19P
   Film Chip Capacitors PEN DIELECTRIC CB Series
CB052E0105JBC AVX-CB052E0105JBC Datasheet
744Kb / 10P
   Film Chip Capacitors PET-HT DIELECTRIC ??CB Series
logo
Panasonic Battery Group
ECWU1C124JC9 PANASONICBATTERY-ECWU1C124JC9_1 Datasheet
472Kb / 13P
   Film Chip Capacitor Stacked metallized PEN film as dielectric with simple mold - less construction
logo
Panasonic Semiconductor
ECW-U1563JC9 PANASONIC-ECW-U1563JC9 Datasheet
724Kb / 13P
   Stacked Metallized PEN Film Chip Capacitor
ECW-U1C474JC9 PANASONIC-ECW-U1C474JC9 Datasheet
100Kb / 3P
   Stacked Metallized PEN Film Chip Capacitor
ECW-U2105KCZ PANASONIC-ECW-U2105KCZ Datasheet
724Kb / 13P
   Stacked Metallized PEN Film Chip Capacitor
ECWU1104V33 PANASONIC-ECWU1104V33 Datasheet
674Kb / 13P
   Stacked Metallized PEN Film Chip Capacitor
ECW-U1104JC9 PANASONIC-ECW-U1104JC9 Datasheet
724Kb / 13P
   Stacked Metallized PEN Film Chip Capacitor
ECWU1102JX5 PANASONIC-ECWU1102JX5_16 Datasheet
56Kb / 2P
   Stacked Metallized PEN Film Chip Capacitor
ECWU2102V16 PANASONIC-ECWU2102V16_16 Datasheet
52Kb / 2P
   Stacked Metallized PEN Film Chip Capacitor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com