Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EVQPBD04M Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # EVQPBD04M
Description  5N Type Light Touch Switches Light Touch Switches/EVQPA/PB
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EVQPBD04M Datasheet(HTML) 1 Page - Panasonic Semiconductor

  EVQPBD04M Datasheet HTML 1Page - Panasonic Semiconductor EVQPBD04M Datasheet HTML 2Page - Panasonic Semiconductor EVQPBD04M Datasheet HTML 3Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Light Touch Switches/EVQPA/PB
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
– ES117 –
A
A'
B
B'
E
1
V
2
QP
B
A
3
4
567
8
Height
9
Push Plate Color
Product Code
Type
5N Type Light Touch Switches
Type:
EVQPA/EVQPB
Features
Wealth of product types: With or without a ground terminal,
vertical type, snap-in terminals, etc.
Can be automatically dip-soldered: Integral molding of
the terminals and main body prevents the escape of flux.
Explanation of Part Numbers
Product Chart
=In production
Operating
Force
Positioning Pin
Ground Terminal
Height
4.3 mm
5.0 mm
7.0 mm
9.5 mm
1.0 N
Without positioning pin
With ground terminal
Without ground terminal
1.3 N
Without positioning pin
With ground terminal
Without ground terminal
1.6 N
Without positioning pin
With ground terminal
Without ground terminal
2.6 N
Without positioning pin
With ground terminal
Without ground terminal
Specifications
Type
Snap action/Push-on type SPST
Electrical
Circuit Diagram
Rating
10 µA 2 Vdc to 20 mA 15 Vdc (Resistiv load)
Contact Resistance
50 m
max.
Insulation Resistance
50 M
min. (at 100 Vdc)
Dielectric Withstanding Voltage
250 Vac for 1 minute
Bouncing
3 ms max. (ON)
8 ms max. (OFF)
Mechanical
Operating Force
1.0 N±0.4 N
1.3 N±0.4 N
1.6 N±0.5 N
2.6 N±0.6 N
Travel
0.25 mm±0.10 mm
EnduranceOperating Life
100000 cycles min.
50000 cycles min.
Operating Temperature
–20 °C to +70 °C
Storage Temperature
–40 °C to +85 °C (Bulk)
Minimum Quantity/
Packing Unit
Top-push
500 pcs. Polyethylene Bag (Bulk)
Quantity/CartonTop-push
10000 pcs.
✽1 million cycles also available, consult our salesmen.
Recommended Applications
Operating switches for other electronic equipment
Oct. 2012
00


Similar Part No. - EVQPBD04M

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EVQPBD04M PANASONIC-EVQPBD04M Datasheet
163Kb / 7P
   5N Type Light Touch Switches
EVQPBD04M PANASONIC-EVQPBD04M Datasheet
86Kb / 3P
   5N Type Light Touch Switches
More results

Similar Description - EVQPBD04M

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EVQPA PANASONIC-EVQPA Datasheet
86Kb / 3P
   5N Type Light Touch Switches
EVQ-PAD04M PANASONIC-EVQ-PAD04M Datasheet
86Kb / 3P
   5N Type Light Touch Switches
EVQPAD04M PANASONIC-EVQPAD04M Datasheet
163Kb / 7P
   5N Type Light Touch Switches
EVQ2 PANASONIC-EVQ2_10 Datasheet
120Kb / 2P
   5N Type 2R Light Touch Switches
EVQ-PF206K PANASONIC-EVQ-PF206K Datasheet
66Kb / 2P
   5N Type Side-operational Light Touch Switches
EVQPF PANASONIC-EVQPF Datasheet
66Kb / 2P
   5N Type Side-operational Light Touch Switches
EVQ-PC105K PANASONIC-EVQ-PC105K Datasheet
86Kb / 2P
   5N Type Side-operational 4R Light Touch Switches
EVQQ0C PANASONIC-EVQQ0C Datasheet
111Kb / 3P
   Light Touch Switches
EVQPVA05K PANASONIC-EVQPVA05K_16 Datasheet
103Kb / 2P
   Light Touch Switches
EVQ9P701K PANASONIC-EVQ9P701K Datasheet
143Kb / 4P
   Light Touch Switches
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com