Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

594D107010C Datasheet(PDF) 8 Page - Vishay Siliconix

Part # 594D107010C
Description  Solid Tantalum Chip Capacitors, TANTAMOUNT짰, Conformal Coated, Maximum CV, Low ESR
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

594D107010C Datasheet(HTML) 8 Page - Vishay Siliconix

Back Button 594D107010C Datasheet HTML 4Page - Vishay Siliconix 594D107010C Datasheet HTML 5Page - Vishay Siliconix 594D107010C Datasheet HTML 6Page - Vishay Siliconix 594D107010C Datasheet HTML 7Page - Vishay Siliconix 594D107010C Datasheet HTML 8Page - Vishay Siliconix 594D107010C Datasheet HTML 9Page - Vishay Siliconix 594D107010C Datasheet HTML 10Page - Vishay Siliconix 594D107010C Datasheet HTML 11Page - Vishay Siliconix 594D107010C Datasheet HTML 12Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
Typical Performance Characteristics
www.vishay.com
Vishay Sprague
Revision: 27-Feb-13
22
Document Number: 40088
For technical questions, contact: tantalum@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes
• At + 25 °C, the leakage current shall not exceed the value listed in the Standard Ratings table.
• At + 85 °C, the leakage current shall not exceed 10 times the value listed in the Standard Ratings table.
• At + 125 °C, the leakage current shall not exceed 12 times the value listed in the Standard Ratings table.
TYPICAL LEAKAGE CURRENT FACTOR RANGE
CAPACITOR PERFORMANCE CHARACTERISTICS
ITEM
PERFORMANCE CHARACTERISTICS
Surge voltage
Post application of surge voltage (as specified in the table above) in series with a 33
 resistor at the rate of 30 s
ON, 30 s OFF, for 1000 successive test cycles at 85 °C, capacitors meet the characteristics requirements listed
below.
Capacitance change
Dissipation factor
Leakage current
Within ± 10 % of initial value
Initial specified value or less
Initial specified value or less
Surge current
After subjecting parts in series with a 1
 resistor at the rate of 3 s CHARGE, 3 s DISCHARGE, and a cap bank of
100K μF for 3 successive test cycles at 25 °C, capacitors meet the characteristics requirements listed below.
Capacitance change
Dissipation factor
Leakage current
Within ± 10 % of initial value
Initial specified value or less
Initial specified value or less
Life test at + 85 °C
Capacitors meet the characteristic requirements listed below. After 2000 h application of rated voltage at 85 °C.
Capacitance change
Leakage current
Within ± 10 % of initial value
Shall not exceed 125 % of initial value
Life test at + 125 °C
Capacitors meet the characteristic requirements listed below. After 1000 h application 2/3 of rated voltage at 125 °C.
Capacitance change
for parts with cap.
 600 μF
for parts with cap. > 600 μF
Leakage current
Within ± 10 % of initial value
Within ± 20 % of initial value
Shall not exceed 125 % of initial value
Percent of Rated Voltage
100
10
1.0
0.1
0.01
0.001
0
10
20
30
40
50
60
70
80
90
100
+ 125 °C
+ 85 °C
+ 55 °C
+ 25 °C
- 55 °C
+ 150 °C
0 °C


Similar Part No. - 594D107010C

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
594D107010C VISHAY-594D107010C Datasheet
818Kb / 21P
   Solid Tantalum Chip Capacitors, TANTAMOUNT® , Conformal Coated, Maximum CV, Low ESR
Revision: 25-Jun-13
More results

Similar Description - 594D107010C

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
594D475X0050C2T VISHAY-594D475X0050C2T Datasheet
441Kb / 7P
   Solid Tantalum Chip Capacitors, TANTAMOUNT짰, Conformal Coated, Maximum CV, Low ESR
Revision: 08-Jan-13
595D VISHAY-595D Datasheet
115Kb / 8P
   Solid Tantalum Chip Capacitors TANTAMOUNT짰 Conformal Coated, Maximum CV
Revision: 04-Sep-06
594D VISHAY-594D Datasheet
195Kb / 9P
   Solid Tantalum Chip Capacitors TANTAMOUNT, Conformal Coated, Maximum CV, Low ESR
Revision 09-Mar-05
594D VISHAY-594D_08 Datasheet
101Kb / 5P
   Solid Tantalum Chip Capacitors TANTAMOUNT® Conformal Coated, Maximum CV, Low ESR
Revision: 23-Jan-08
594D107X0025R2T VISHAY-594D107X0025R2T Datasheet
315Kb / 21P
   Solid Tantalum Chip Capacitors, TANTAMOUNT® , Conformal Coated, Maximum CV, Low ESR
Revision: 20-Jan-14
594D686X0010C2T VISHAY-594D686X0010C2T Datasheet
818Kb / 21P
   Solid Tantalum Chip Capacitors, TANTAMOUNT® , Conformal Coated, Maximum CV, Low ESR
Revision: 25-Jun-13
594D108X06R3R2T VISHAY-594D108X06R3R2T Datasheet
441Kb / 7P
   Solid Tantalum Chip Capacitors, TANTAMOUNT® , Conformal Coated, Maximum CV, Low ESR
Revision: 08-Jan-13
594D476X9016C2T VISHAY-594D476X9016C2T Datasheet
107Kb / 5P
   Solid Tantalum Chip Capacitors TANTAMOUNT® , Conformal Coated, Maximum CV, Low ESR
Revision: 11-May-09
591D VISHAY-591D Datasheet
146Kb / 10P
   Solid Tantalum Chip Capacitors TANTAMOUNT, Low Profile, Low ESR, Conformal Coated, Maximum CV
Revision 22-Nov-04
597D226X9050R2T VISHAY-597D226X9050R2T Datasheet
620Kb / 6P
   Solid Tantalum Chip Capacitors, TANTAMOUNT® , Ultra-Low ESR, Conformal Coated, Maximum CV
Revision: 25-Jun-13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com