Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ERJ-3EKF2001V Datasheet(PDF) 7 Page - International Rectifier

Part # ERJ-3EKF2001V
Description  16A Highly Integrated SupIRBuck Single-Input Voltage, Synchronous Buck Regulator
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

ERJ-3EKF2001V Datasheet(HTML) 7 Page - International Rectifier

Back Button ERJ-3EKF2001V Datasheet HTML 3Page - International Rectifier ERJ-3EKF2001V Datasheet HTML 4Page - International Rectifier ERJ-3EKF2001V Datasheet HTML 5Page - International Rectifier ERJ-3EKF2001V Datasheet HTML 6Page - International Rectifier ERJ-3EKF2001V Datasheet HTML 7Page - International Rectifier ERJ-3EKF2001V Datasheet HTML 8Page - International Rectifier ERJ-3EKF2001V Datasheet HTML 9Page - International Rectifier ERJ-3EKF2001V Datasheet HTML 10Page - International Rectifier ERJ-3EKF2001V Datasheet HTML 11Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 49 page
background image
IR3448
7
www.irf.com
© 2013 International Rectifier
August 01, 2013
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNIT
Enable–Start–Threshold
Enable_UVLO_Start
Supply ramping up
1.14
1.2
1.36
V
Enable–Stop–Threshold
Enable_UVLO_Stop
Supply ramping down
0.9
1.0
1.06
Enable leakage current
Ien
Enable=3.3V
1
µA
Oscillator
Rt Voltage
1
V
Frequency Range
FS
Rt=80.6k
270
300
330
kHz
Rt=39.2k
540
600
660
Rt=15k
1350
1500
1650
Ramp Amplitude
Vramp
PVin=6.8V, PVin(max) slew
rate=1V/us Note 4
1.02
Vp-p
PVin=12V, PVin(max) slew
rate=1V/us Note 4
1.8
PVin=16V, PVin(max) slew
rate=1V/us Note 4
2.4
Ramp Offset
Ramp (os)
Note 4
0.16
V
Min Pulse Width
Tmin (ctrl)
Note 4
50
ns
Fixed Off Time
Note 4
200
230
ns
Max Duty Cycle
Dmax
Fs=300kHz, PVin=Vin=12V
86
%
Sync Frequency Range
Note 4
270
1650
kHz
Sync Pulse Duration
100
200
ns
Sync Level Threshold
High
3
V
Low
0.6
Error Amplifier
Input Offset Voltage
Vos_Cbyp
VFb – VREF, VREF = 0.6V
-1.5
+1.5
%
Input Bias Current
IFb(E/A)
-0.5
+0.5
µA
Sink Current
Isink(E/A)
0.4
0.85
1.2
mA
Source Current
Isource(E/A)
4
7.5
11
mA
Slew Rate
SR
Note 4
7
12
20
V / µs
Gain-Bandwidth Product
GBWP
Note 4
20
30
40
MHz
DC Gain
Gain
Note 4
100
110
120
dB
Maximum Output Voltage
Vmax(E/A)
1.7
2
2.3
V
Minimum Output Voltage
Vmin(E/A)
100
mV
Common Mode Voltage
Vcm_Vp
Note 4
0
1.2
V
Remote Sense Differential Amplifier
Unity Gain Bandwidth
BW_RS
Note 4
3
6.4
9
MHz
DC Gain
Gain_RS
Note 4
110
dB
Offset Voltage
Offset_RS
VREF=0.6V, 0°C < Tj < 85°C
-1.5
0
1.5
mV
VREF=0.6V, -40°C < Tj < 125°C
-2
2
mV
Source Current
Isource_RS
3
13
20
mA
Sink Current
Isink_RS
0.4
1
2
mA
Slew Rate
Slew_RS
Note 4, Cload = 100pF
2
4
8
V / µs


Similar Part No. - ERJ-3EKF2001V

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ERJ-3EKF2001V TI1-ERJ-3EKF2001V Datasheet
1Mb / 34P
[Old version datasheet]   Contains all support circuitry needed for the ADS1148/ADS1248
logo
International Rectifier
ERJ-3EKF2001V IRF-ERJ-3EKF2001V Datasheet
2Mb / 45P
   6A HIGHLY INTERGRATED SUPLRBUCK
ERJ-3EKF2001V IRF-ERJ-3EKF2001V Datasheet
2Mb / 17P
   USER GUIDE FOR IR3898 EVALUATION BOARD
ERJ-3EKF2001V IRF-ERJ-3EKF2001V Datasheet
2Mb / 44P
   6A Highly Integrated SupIRBuck Single-Input Voltage, Synchronous Buck Regulator
ERJ-3EKF2001V IRF-ERJ-3EKF2001V Datasheet
3Mb / 46P
   6A Highly Integrated SupIRBuck
More results

Similar Description - ERJ-3EKF2001V

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR3827 IRF-IR3827 Datasheet
2Mb / 44P
   6A Highly Integrated SupIRBuck Single-Input Voltage, Synchronous Buck Regulator
IR3823 IRF-IR3823 Datasheet
3Mb / 41P
   3A Highly Integrated SupIRBuck Single-Input Voltage, Synchronous Buck Regulator
IR3847 IRF-IR3847 Datasheet
1Mb / 53P
   Single-Input Voltage, Synchronous Buck Regulator 25A Highly Integrated SupIRBuck
IR3447 IRF-IR3447 Datasheet
1Mb / 51P
   25A Highly Integrated SupIRBuck Single-Input Voltage, Synchronous Buck Regulator
logo
Infineon Technologies A...
IR3448 INFINEON-IR3448_16 Datasheet
2Mb / 51P
   16A Highly Integrated SupIRBuck짰 Single-Input Voltage, Synchronous Buck Regulator
Rev 3.6 May 17, 2016
logo
International Rectifier
IR3895 IRF-IR3895_13 Datasheet
2Mb / 45P
   16A Highly Integrated SupIRBuck
logo
Infineon Technologies A...
IR3829MTRPBF INFINEON-IR3829MTRPBF Datasheet
1Mb / 50P
   16A Highly Integrated Single-Input Synchronous SupIRBuck짰 Regulator
Rev 3.7, 03/24/2016
logo
International Rectifier
IR3838MPBF IRF-IR3838MPBF_15 Datasheet
1Mb / 35P
   HIGHLY INTEGRATED 10A SINGLE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
IR3838MTR1PBF IRF-IR3838MTR1PBF Datasheet
1Mb / 35P
   HIGHLY INTEGRATED 10A SINGLE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
IR3837MPBF IRF-IR3837MPBF Datasheet
1Mb / 36P
   HIGHLY INTEGRATED 14A SINGLE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com