Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ERJ-3EKF2001V Datasheet(PDF) 11 Page - International Rectifier

Part # ERJ-3EKF2001V
Description  16A Highly Integrated SupIRBuck Single-Input Voltage, Synchronous Buck Regulator
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

ERJ-3EKF2001V Datasheet(HTML) 11 Page - International Rectifier

Back Button ERJ-3EKF2001V Datasheet HTML 7Page - International Rectifier ERJ-3EKF2001V Datasheet HTML 8Page - International Rectifier ERJ-3EKF2001V Datasheet HTML 9Page - International Rectifier ERJ-3EKF2001V Datasheet HTML 10Page - International Rectifier ERJ-3EKF2001V Datasheet HTML 11Page - International Rectifier ERJ-3EKF2001V Datasheet HTML 12Page - International Rectifier ERJ-3EKF2001V Datasheet HTML 13Page - International Rectifier ERJ-3EKF2001V Datasheet HTML 14Page - International Rectifier ERJ-3EKF2001V Datasheet HTML 15Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 49 page
background image
IR3448
11
www.irf.com
© 2013 International Rectifier
August 01, 2013
TYPICAL EFFICIENCY AND POWER LOSS CURVES
PVin = 12V, Vin = VCC = 5V, Io=0-16A, Fs= 600kHz, Room Temperature, No Air Flow. Note that the losses of
the inductor, input and output capacitors are also considered in the efficiency and power loss curves. The table
below shows the indicator used for each of the output voltages in the efficiency measurement.
VOUT (V)
LOUT (uH)
P/N
DCR (mΩ)
1.0
0.4
59PR9875N (Vitec)
0.29
1.2
0.4
59PR9875N (Vitec)
0.29
1.8
0.47
7443330047 (Wurth Elektronik)
0.8
3.3
0.88
MPC1040LR88C (NEC/Tokin)
2.3
5.0
1.0
7443330100 (Wurth Elektronik)
1.35
 


Similar Part No. - ERJ-3EKF2001V

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ERJ-3EKF2001V TI1-ERJ-3EKF2001V Datasheet
1Mb / 34P
[Old version datasheet]   Contains all support circuitry needed for the ADS1148/ADS1248
logo
International Rectifier
ERJ-3EKF2001V IRF-ERJ-3EKF2001V Datasheet
2Mb / 45P
   6A HIGHLY INTERGRATED SUPLRBUCK
ERJ-3EKF2001V IRF-ERJ-3EKF2001V Datasheet
2Mb / 17P
   USER GUIDE FOR IR3898 EVALUATION BOARD
ERJ-3EKF2001V IRF-ERJ-3EKF2001V Datasheet
2Mb / 44P
   6A Highly Integrated SupIRBuck Single-Input Voltage, Synchronous Buck Regulator
ERJ-3EKF2001V IRF-ERJ-3EKF2001V Datasheet
3Mb / 46P
   6A Highly Integrated SupIRBuck
More results

Similar Description - ERJ-3EKF2001V

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR3827 IRF-IR3827 Datasheet
2Mb / 44P
   6A Highly Integrated SupIRBuck Single-Input Voltage, Synchronous Buck Regulator
IR3823 IRF-IR3823 Datasheet
3Mb / 41P
   3A Highly Integrated SupIRBuck Single-Input Voltage, Synchronous Buck Regulator
IR3847 IRF-IR3847 Datasheet
1Mb / 53P
   Single-Input Voltage, Synchronous Buck Regulator 25A Highly Integrated SupIRBuck
IR3447 IRF-IR3447 Datasheet
1Mb / 51P
   25A Highly Integrated SupIRBuck Single-Input Voltage, Synchronous Buck Regulator
logo
Infineon Technologies A...
IR3448 INFINEON-IR3448_16 Datasheet
2Mb / 51P
   16A Highly Integrated SupIRBuck짰 Single-Input Voltage, Synchronous Buck Regulator
Rev 3.6 May 17, 2016
logo
International Rectifier
IR3895 IRF-IR3895_13 Datasheet
2Mb / 45P
   16A Highly Integrated SupIRBuck
logo
Infineon Technologies A...
IR3829MTRPBF INFINEON-IR3829MTRPBF Datasheet
1Mb / 50P
   16A Highly Integrated Single-Input Synchronous SupIRBuck짰 Regulator
Rev 3.7, 03/24/2016
logo
International Rectifier
IR3838MPBF IRF-IR3838MPBF_15 Datasheet
1Mb / 35P
   HIGHLY INTEGRATED 10A SINGLE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
IR3838MTR1PBF IRF-IR3838MTR1PBF Datasheet
1Mb / 35P
   HIGHLY INTEGRATED 10A SINGLE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
IR3837MPBF IRF-IR3837MPBF Datasheet
1Mb / 36P
   HIGHLY INTEGRATED 14A SINGLE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com