Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GRM188R71E105KA12D Datasheet(PDF) 2 Page - International Rectifier

Part # GRM188R71E105KA12D
Description  12A Highly Integrated SupIRBuck Continuous 12A Load Capability
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

GRM188R71E105KA12D Datasheet(HTML) 2 Page - International Rectifier

  GRM188R71E105KA12D Datasheet HTML 1Page - International Rectifier GRM188R71E105KA12D Datasheet HTML 2Page - International Rectifier GRM188R71E105KA12D Datasheet HTML 3Page - International Rectifier GRM188R71E105KA12D Datasheet HTML 4Page - International Rectifier GRM188R71E105KA12D Datasheet HTML 5Page - International Rectifier GRM188R71E105KA12D Datasheet HTML 6Page - International Rectifier GRM188R71E105KA12D Datasheet HTML 7Page - International Rectifier GRM188R71E105KA12D Datasheet HTML 8Page - International Rectifier GRM188R71E105KA12D Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
March 27, 2013  |  V2.2  |  PD97603
2
IR3476 
12A Highly Integrated SupIRBuck
TM 
ORDERING INFORMATION 
  IR3476 ―                
       
 
 
 
 
MARKING INFORMATION 
Package
Tape & Reel Qty 
Part Number
750 
IR3476MTR1PBF 
4000 
IR3476MTRPBF 
 
 
 
 
 
 
 
PIN DIAGRAM 
W
C
W
C
o
PCB
J
o
JA
/
2
/
30
-
=
=
θ
θ
PBF – Lead Free 
TR – Tape and Reel 
M – Package Type 
3476
?YWW?
xxxxx
Site/Date/Marking Code
Lot Code
Pin 1 Identifier


Similar Part No. - GRM188R71E105KA12D

ManufacturerPart #DatasheetDescription
logo
International Rectifier
GRM188R71E105KA12D IRF-GRM188R71E105KA12D Datasheet
1Mb / 21P
   12A Highly Integrated SupIRBuck IR3476 TM
logo
Murata Manufacturing Co...
GRM188R71E105KA12D MURATA-GRM188R71E105KA12D Datasheet
85Kb / 7P
   CHIP MONOLITHIC CERAMIC CAPACITOR
logo
International Rectifier
GRM188R71E105KA12D IRF-GRM188R71E105KA12D Datasheet
909Kb / 22P
   6A Highly Integrated SupIRBuck Input Voltage Range: 3V to 27V
GRM188R71E105KA12D IRF-GRM188R71E105KA12D Datasheet
922Kb / 22P
   10A Highly Integrated SupIRBuck Constant On.Time Control
GRM188R71E105KA12D IRF-GRM188R71E105KA12D Datasheet
904Kb / 21P
   15A Highly Integrated SupIRBuck Constant On.Time Control
More results

Similar Description - GRM188R71E105KA12D

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR3476 IRF-IR3476 Datasheet
1Mb / 21P
   12A Highly Integrated SupIRBuck IR3476 TM
IR3894 IRF-IR3894_13 Datasheet
2Mb / 45P
   12A Highly Integrated SupIRBuck Single?륤nput Voltage
logo
Ningbo Tianbo Ganglian ...
HJR-21FF TIANBO-HJR-21FF Datasheet
1Mb / 3P
   12A switching capability
logo
International Rectifier
IR3840WMPBF IRF-IR3840WMPBF_12 Datasheet
793Kb / 34P
   HIGHLY EFFICIENT INTEGRATED 12A SYNCHRONOUS BUCK REGULATOR
IR3840M IRF-IR3840M_15 Datasheet
924Kb / 32P
   HIGHLY EFFICIENT INTEGRATED 12A SYNCHRONOUS BUCK REGULATOR
IR3840MPBF IRF-IR3840MPBF Datasheet
924Kb / 32P
   HIGHLY EFFICIENT INTEGRATED 12A SYNCHRONOUS BUCK REGULATOR
IR3840WM IRF-IR3840WM_15 Datasheet
776Kb / 34P
   HIGHLY EFFICIENT INTEGRATED 12A SYNCHRONOUS BUCK REGULATOR
IR3840WMPBF IRF-IR3840WMPBF Datasheet
757Kb / 34P
   HIGHLY EFFICIENT INTEGRATED 12A SYNCHRONOUS BUCK REGULATOR
logo
Enpirion, Inc.
EN63A0QI ENPIRION-EN63A0QI Datasheet
1Mb / 24P
   12A Synchronous Highly Integrated DC-DC PowerSoC
logo
International Rectifier
IR3898 IRF-IR3898_13 Datasheet
3Mb / 46P
   6A Highly Integrated SupIRBuck
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com