Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B57237S0150M051 Datasheet(PDF) 2 Page - EPCOS

Part # B57237S0150M051
Description  NTC thermistors for inrush current limiting
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B57237S0150M051 Datasheet(HTML) 2 Page - EPCOS

  B57237S0150M051 Datasheet HTML 1Page - EPCOS B57237S0150M051 Datasheet HTML 2Page - EPCOS B57237S0150M051 Datasheet HTML 3Page - EPCOS B57237S0150M051 Datasheet HTML 4Page - EPCOS B57237S0150M051 Datasheet HTML 5Page - EPCOS B57237S0150M051 Datasheet HTML 6Page - EPCOS B57237S0150M051 Datasheet HTML 7Page - EPCOS B57237S0150M051 Datasheet HTML 8Page - EPCOS B57237S0150M051 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
1) For details on the capacitance Ctest as well as on the parameters k and n refer to "Application notes", chapters 1.6 and 1.7.
Applications
Switch-mode power supplies
Soft-start motors, e.g. in vacuum cleaners
Features
Useable in series connections
up to 265 VRMS
Coated thermistor disk
Kinked leads of tinned copper wire
Wide resistance range
UL approval (E69802)
Options
Resistance tolerance <20% and alternative lead
configurations available on request
Delivery mode
Bulk (standard) or with cardboard tape on 500-mm reel
Dimensional drawing
Dimensions in mm
Approx. weight 2 g
General technical data
Climatic category
(IEC 60068-1)
55/170/21
Max. power
(at 25
°C)
Pmax
3.1
W
Resistance tolerance
∆R
R/RR
±20
%
Rated temperature
TR
25
°C
Dissipation factor
(in air)
δ
th
approx. 17
mW/K
Thermal cooling time constant
(in air)
τ
c
approx. 90
s
Heat capacity
Cth
approx. 1530
mJ/K
Electrical specification and ordering codes
R25
Imax
(0...25
°C)
A
B25/100
K
Ctest1)
230 V AC
µF
Ctest1)
110 V AC
µF
Param.
for R(I)1)
k
Param.
for R(I)1)
n
Ordering code
** = Delivery mode
00 = Bulk
51 = Reel packing
1
9.0
2700
700
2800
0.622
1.27
B57237S0109M0**
2.2
7.0
2800
700
2800
0.806
1.30
B57237S0229M0**
2.5
6.5
2800
700
2800
0.843
1.30
B57237S0259M0**
4.7
5.1
2900
700
2800
1.03
1.32
B57237S0479M0**
5
5.0
2900
700
2800
1.05
1.32
B57237S0509M0**
7
4.2
3000
700
2800
1.16
1.33
B57237S0709M0**
10
3.7
3060
700
2800
1.29
1.34
B57237S0100M0**
15
3.0
3000
700
2800
1.49
1.33
B57237S0150M0**
22
2.8
3300
700
2800
1.57
1.37
B57237S0220M0**
Inrush current limiters
B57237S0***M0**
ICLs
S237
Page 2 of 14
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - B57237S0150M051

ManufacturerPart #DatasheetDescription
logo
EPCOS
B57237S0150M051 EPCOS-B57237S0150M051 Datasheet
314Kb / 14P
   NTC thermistors for inrush current limiting
More results

Similar Description - B57237S0150M051

ManufacturerPart #DatasheetDescription
logo
EPCOS
B57364S0109M000 EPCOS-B57364S0109M000_09 Datasheet
342Kb / 15P
   NTC thermistors for inrush current limiting
B57153S0479M000 EPCOS-B57153S0479M000_08 Datasheet
344Kb / 15P
   NTC thermistors for inrush current limiting
B57235S100M EPCOS-B57235S100M Datasheet
416Kb / 18P
   NTC thermistors for inrush current limiting
B57153S479M EPCOS-B57153S479M Datasheet
314Kb / 14P
   NTC thermistors for inrush current limiting
B57464S0109M000 EPCOS-B57464S0109M000_09 Datasheet
341Kb / 15P
   NTC thermistors for inrush current limiting
B57364S100M EPCOS-B57364S100M Datasheet
422Kb / 19P
   NTC thermistors for inrush current limiting
B57237S229M EPCOS-B57237S229M Datasheet
314Kb / 14P
   NTC thermistors for inrush current limiting
B57237S479M EPCOS-B57237S479M Datasheet
314Kb / 14P
   NTC thermistors for inrush current limiting
B57153S330M EPCOS-B57153S330M Datasheet
314Kb / 14P
   NTC thermistors for inrush current limiting
91930 EPCOS-91930 Datasheet
195Kb / 6P
   NTC thermistors for inrush current limiting
B57153S100M EPCOS-B57153S100M Datasheet
417Kb / 18P
   NTC thermistors for inrush current limiting
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com