Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2R5TPE330M9 Datasheet(PDF) 8 Page - International Rectifier

Part # 2R5TPE330M9
Description  12A Highly Integrated SupIRBuck Continuous 12A Load Capability
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

2R5TPE330M9 Datasheet(HTML) 8 Page - International Rectifier

Back Button 2R5TPE330M9 Datasheet HTML 4Page - International Rectifier 2R5TPE330M9 Datasheet HTML 5Page - International Rectifier 2R5TPE330M9 Datasheet HTML 6Page - International Rectifier 2R5TPE330M9 Datasheet HTML 7Page - International Rectifier 2R5TPE330M9 Datasheet HTML 8Page - International Rectifier 2R5TPE330M9 Datasheet HTML 9Page - International Rectifier 2R5TPE330M9 Datasheet HTML 10Page - International Rectifier 2R5TPE330M9 Datasheet HTML 11Page - International Rectifier 2R5TPE330M9 Datasheet HTML 12Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
March 27, 2013  |  V2.2  |  PD97603
8
IR3476 
12A Highly Integrated SupIRBuck
TM 
PARAMETER 
SYMBOL 
CONDITIONS 
MIN 
TYP 
MAX 
UNIT 
Fault Protection 
ISET Pin Output Current   
On the basis of 25°C 
17 
19 
21 
µA 
ISET Pin Output Current  
Temperature Coefficient 
  
On the basis of 25°C, Note 1   
4400   
ppm/ 
°C 
Under Voltage Threshold   
Falling VFB & Monitor 
PGOOD 
0.37 
0.4 
0.43 
Under Voltage Hysteresis   
Rising VFB, Note 1   
7.5   
mV 
Over Voltage Threshold   
Rising VFB & Monitor PGOOD 
0.586 
0.625 
0.655 
Over Voltage Hysteresis   
Falling VFB, Note 1   
7.5   
mV 
VCC Turn‐on Threshold   
 ‐40°C to 125°C 
3.9 
4.2 
4.5  
VCC Turn‐off Threshold   
  
3.6 
3.9 
4.2 
VCC Threshold Hysteresis   
  
  
300   
mV 
EN Rising Threshold  
 ‐40°C to 125°C 
1.1 
1.25 
1.45 
EN Hysteresis  
  
 
400  
mV 
EN Input Current  
EN = 3.3V  
 
15 
µA 
PGOOD Pull Down Resistance  
 
 
25 
50 Ω 
PGOOD Delay Threshold 
VSS  
 
1  
Thermal Shutdown Threshold  
Note 1 
125 
140  
°C 
Thermal Shutdown Threshold 
Hysteresis 
 
Note 1  
20  
°C 
Note:  
1.
Guaranteed by design but not tested in production 
2.
Upgrade to industrial/MSL2 level applies from date codes 1227 (marking explained on application note AN1132 page 2). 
Products with prior date code of 1227 are qualified with MSL3 for Consumer Market. 


Similar Part No. - 2R5TPE330M9

ManufacturerPart #DatasheetDescription
logo
International Rectifier
2R5TPE330M9 IRF-2R5TPE330M9 Datasheet
1Mb / 21P
   12A Highly Integrated SupIRBuck IR3476 TM
2R5TPE330M9 IRF-2R5TPE330M9 Datasheet
922Kb / 22P
   10A Highly Integrated SupIRBuck Constant On.Time Control
2R5TPE330M9 IRF-2R5TPE330M9 Datasheet
904Kb / 21P
   15A Highly Integrated SupIRBuck Constant On.Time Control
2R5TPE330M9 IRF-2R5TPE330M9 Datasheet
1Mb / 22P
   10A HIGHLY INTEGRATED WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
2R5TPE330M9 IRF-2R5TPE330M9 Datasheet
1Mb / 21P
   8A HIGHLY INTEGRATED WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
More results

Similar Description - 2R5TPE330M9

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR3476 IRF-IR3476 Datasheet
1Mb / 21P
   12A Highly Integrated SupIRBuck IR3476 TM
IR3894 IRF-IR3894_13 Datasheet
2Mb / 45P
   12A Highly Integrated SupIRBuck Single?륤nput Voltage
logo
Ningbo Tianbo Ganglian ...
HJR-21FF TIANBO-HJR-21FF Datasheet
1Mb / 3P
   12A switching capability
logo
International Rectifier
IR3840WMPBF IRF-IR3840WMPBF_12 Datasheet
793Kb / 34P
   HIGHLY EFFICIENT INTEGRATED 12A SYNCHRONOUS BUCK REGULATOR
IR3840M IRF-IR3840M_15 Datasheet
924Kb / 32P
   HIGHLY EFFICIENT INTEGRATED 12A SYNCHRONOUS BUCK REGULATOR
IR3840MPBF IRF-IR3840MPBF Datasheet
924Kb / 32P
   HIGHLY EFFICIENT INTEGRATED 12A SYNCHRONOUS BUCK REGULATOR
IR3840WM IRF-IR3840WM_15 Datasheet
776Kb / 34P
   HIGHLY EFFICIENT INTEGRATED 12A SYNCHRONOUS BUCK REGULATOR
IR3840WMPBF IRF-IR3840WMPBF Datasheet
757Kb / 34P
   HIGHLY EFFICIENT INTEGRATED 12A SYNCHRONOUS BUCK REGULATOR
logo
Enpirion, Inc.
EN63A0QI ENPIRION-EN63A0QI Datasheet
1Mb / 24P
   12A Synchronous Highly Integrated DC-DC PowerSoC
logo
International Rectifier
IR3898 IRF-IR3898_13 Datasheet
3Mb / 46P
   6A Highly Integrated SupIRBuck
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com