Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SD02H0SK Datasheet(PDF) 4 Page - International Rectifier

Part # SD02H0SK
Description  10A Highly Integrated SupIRBuck Constant On.Time Control
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

SD02H0SK Datasheet(HTML) 4 Page - International Rectifier

  SD02H0SK Datasheet HTML 1Page - International Rectifier SD02H0SK Datasheet HTML 2Page - International Rectifier SD02H0SK Datasheet HTML 3Page - International Rectifier SD02H0SK Datasheet HTML 4Page - International Rectifier SD02H0SK Datasheet HTML 5Page - International Rectifier SD02H0SK Datasheet HTML 6Page - International Rectifier SD02H0SK Datasheet HTML 7Page - International Rectifier SD02H0SK Datasheet HTML 8Page - International Rectifier SD02H0SK Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
March 27, 2013  |  V2.2  |  PD97602
4
IR3475 
10A Highly Integrated SupIRBuck
TM 
TYPICAL APPLICATION 
 
TP7
TP10
EN
VCC
TP23
VOUTS
TP24
PGNDS
C26
open
C27
open
VIN
R13
open
C7
open
C8
open
C9
330uF
C10
47uF
C11
open
C1
1uF
R7
2.80K
R8
2.55K
C12
0.1uF
PGOOD
C24
open
ISET
+3.3V
TP6
PGNDS
TP14
+3.3V
U1
IR3475
FCCM
1
SS
6
PGOOD
3
GND1
4
FB
5
NC1
7
ISET
2
PHASE
12
C4
0.22uF
VCC
TP4
EN
SW1
EN / FCCM
TP17
PGND
C20
0.1uF
TP26
AGND
VSW
C21
1uF
TP11
PGOOD
R9
open
L1
1.5uH
R6
open
TP1
VINS
R4
13.7K
R3
200K
C13
open
C2
22uF
C16
open
+
C3
68uF
TP2
VIN
TP5
PGND
C14
open
C17
open
C18
open
TP16
VCC
FB
R5
10K
C15
open
R10
open
C6
open
TP18
VOLTAGE SENSE
R1
10K
FCCM
IR3475
+3.3V
R11
20
C22
open
TP25
B
C25
1uF
VOUT
TP27
A
+3.3V
TP28
VID
TP13
SS
VSW
R12
4.99 ohms
SS
R2
10K
C19
open
Q1
open
1
PGND
VOUT
C23
open
 
Figure 4: Demoboard Schematic for VOUT = 1.05V, FS = 300kHz 
 
DEMOBOARD BILL OF MATERIALS 
QTY 
REFERENCE DESIGNATOR 
VALUE 
DESCRIPTION 
MANUFACTURER 
PART NUMBER 
C1, C21, C25 
1.00uF 
capacitor, X7R, 1.00uF, 25V, 0.1, 0603 
Murata 
GRM188R71E105KA12D 
C10 
47uF 
capacitor, 47uF, 6.3V, 805 
TDK 
C2012X5R0J476M 
C12, C20 
0.100uF 
capacitor, X7R, 0.100uF, 25V, 0.1, 603 
TDK 
C1608X7R1E104K 
C2 
22.0uF 
capacitor, X5R, 22.0uF, 16V, 20%, 1206 
Taiyo Yuden 
EMK316BJ226ML‐T 
C3 
68uF 
capacitor, electrolytic, 68uF, 25V, 0.2, SMD 
Panasonic 
EEV‐FK1E680P 
C4 
0.22uF 
capacitor, X5R, 0.22uF, 10V, 0.1, 0603 
TDK 
C1608X5R1A224K 
C9 
330uF 
capacitor, electrolytic, 330uF, 2.5V, 0.2, 7343 
Sanyo 
2R5TPE330M9 
L1 
1.5uH 
inductor, ferrite, 1.5uH, 16.0A, 3.8mOhm, SMT 
Cyntec 
PIMB104T‐1R5MS‐39 
R1, R2, R5 
10.0K 
resistor, thick film, 10.0K, 1/10W, 0.01, 0603 
KOA 
RK73H1J1002F 
R11 
20 
resistor, thick film, 20, 1/10W, 0.01, 603 
KOA 
RK73H1JLTD20R0F 
R12 
4.99 
resistor, thick film, 4.99, 1/10W, 0.01, 603 
Vishay/Dale 
CRCW06034R99FNEA 
R3 
200K 
resistor, thick film, 200K, 1/10W, 0.01, 603 
KOA 
RK73H1JLTD2003F 
R4 
13.7K 
resistor, thick film, 13.7K, 1/10W, 0.01, 603 
KOA 
RK73H1JLTD1372F 
R7 
2.80K 
resistor, thick film, 2.80K, 1/10W, 0.01, 603 
KOA 
RK73H1JLTD2801F 
R8 
2.55K 
resistor, thick film, 2.55K, 1/10W, 0.01, 0603 
KOA 
RK73H1J2551F 
SW1 
SPST 
switch, DIP, SPST, 2 position, SMT 
C&K Components 
SD02H0SK 
U1 
IR3475 
4mm x 5mm QFN 
IRF 
IR3475MTRPBF 


Similar Part No. - SD02H0SK

ManufacturerPart #DatasheetDescription
logo
ITT Industries
SD02H0SK ITT-SD02H0SK Datasheet
283Kb / 3P
   Low Profile DIP Switches
logo
International Rectifier
SD02H0SK IRF-SD02H0SK Datasheet
1Mb / 21P
   12A Highly Integrated SupIRBuck IR3476 TM
SD02H0SK IRF-SD02H0SK Datasheet
909Kb / 22P
   6A Highly Integrated SupIRBuck Input Voltage Range: 3V to 27V
SD02H0SK IRF-SD02H0SK Datasheet
884Kb / 21P
   12A Highly Integrated SupIRBuck Continuous 12A Load Capability
SD02H0SK IRF-SD02H0SK Datasheet
904Kb / 21P
   15A Highly Integrated SupIRBuck Constant On.Time Control
More results

Similar Description - SD02H0SK

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR3477 IRF-IR3477 Datasheet
904Kb / 21P
   15A Highly Integrated SupIRBuck Constant On.Time Control
IR3898 IRF-IR3898_13 Datasheet
3Mb / 46P
   6A Highly Integrated SupIRBuck
IR3895 IRF-IR3895_13 Datasheet
2Mb / 45P
   16A Highly Integrated SupIRBuck
IR3899 IRF-IR3899_13 Datasheet
2Mb / 45P
   9A Highly Integrated SupIRBuck Single.Input Voltage
IR3476 IRF-IR3476 Datasheet
1Mb / 21P
   12A Highly Integrated SupIRBuck IR3476 TM
IR3894 IRF-IR3894_13 Datasheet
2Mb / 45P
   12A Highly Integrated SupIRBuck Single?륤nput Voltage
IR3891 IRF-IR3891 Datasheet
1Mb / 47P
   Dual output, 4A/Phase, Highly Integrated SupIRBuck
IR3897 IRF-IR3897_13 Datasheet
2Mb / 47P
   4A Highly Integrated SupIRBuck Single?륤nput Voltage
IR3892 IRF-IR3892 Datasheet
3Mb / 51P
   Dual output, 6A/Phase, Highly Integrated SupIRBuck
IR3476 IRF-IR3476_13 Datasheet
884Kb / 21P
   12A Highly Integrated SupIRBuck Continuous 12A Load Capability
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com