Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AQV259 Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # AQV259
Description  Both low on-resistance and good cost-performance achieved. Measuring instruments
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AQV259 Datasheet(HTML) 1 Page - Panasonic Semiconductor

  AQV259 Datasheet HTML 1Page - Panasonic Semiconductor AQV259 Datasheet HTML 2Page - Panasonic Semiconductor AQV259 Datasheet HTML 3Page - Panasonic Semiconductor AQV259 Datasheet HTML 4Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Panasonic Corporation Automation Controls Business Unit industrial.panasonic.com/ac/e
HE 1 Form A (AQV25
❍)
ASCTB143E 201201-T
TYPES
*Indicate the peak AC and DC values.
Note: The surface mount terminal indicator “A” and the packing style indicator “X” or “Z” are not marked on the device.
RATING
Both low on-resistance and
good cost-performance
achieved.
HE 1 Form A
(AQV25
❍)
I/O isolation
Output rating*
Package
Part No.
Packing quantity
Through hole
terminal
Surface-mount terminal
Load
voltage
Load
current
Tube packing style
Tape and reel packing style
Tube
Tape and reel
Picked from the
1/2/3-pin side
Picked from the
4/5/6-pin side
AC/DC
dual use
1,500V
40 V
500 mA
DIP6-pin
AQV251
AQV251A
AQV251AX
AQV251AZ
1 tube contains:
50 pcs.
1 batch contains:
500 pcs.
1,000 pcs.
60 V
400 mA
AQV252
AQV252A
AQV252AX
AQV252AZ
100 V
350 mA
AQV255
AQV255A
AQV255AX
AQV255AZ
200 V
250 mA
AQV257
AQV257A
AQV257AX
AQV257AZ
250 V
200 mA
AQV253
AQV253A
AQV253AX
AQV253AZ
400 V
150 mA
AQV254
AQV254A
AQV254AX
AQV254AZ
1,000 V
30 mA
AQV259
AQV259A
AQV259AX
AQV259AZ
1,500 V
20 mA
AQV258
AQV258A
AQV258AX
AQV258AZ
Reinforced
5,000V
250 V
200 mA
AQV253H
AQV253HA
AQV253HAX
AQV253HAZ
400 V
150 mA
AQV254H
AQV254HA
AQV254HAX
AQV254HAZ
600 V
130 mA
AQV256H
AQV256HA
AQV256HAX
AQV256HAZ
TESTING
(Reinforced type, excluding AQV256H)
(Standard type)
mm inch
8.8
6.4
3.9
8.8
6.4
3.6
.346
.252
.154
.346
.252
.142
1
2
3
6
5
4
RoHS compliant
FEATURES
1. Wide variation of 40V, 60V, 100V,
200V, 250V, 400V, 600V, 1,000V and
1,500V load voltage
2. Low on-resistance of typ. 0.6
(AQV251)
3. Reinforced insulation type of 5,000V
I/O isolation available
TYPICAL APPLICATIONS
• Measuring instruments
• Data communication equipment
• Telephone equipment
• Automatic meter reading device
Height includes
standoff
New
1. Absolute maximum ratings (Ambient temperature: 25
°C 77°F)
Item
Sym-
bol
Type of
connec-
tion
AQV251(A) AQV252(A) AQV255(A) AQV257(A) AQV253(A) AQV254(A) AQV259(A) AQV258(A) AQV253H(A) AQV254H(A) AQV256H(A)
Remarks
LED forward current
IF
50 mA
LED reverse voltage
VR
5 V
Peak forward current
IFP
1 A
f = 100 Hz,
Duty factor +0.1%
Power dissipation
Pin
75 mW
Load voltage
(peak AC)
VL
40V
60V
100V
200V
250V
400V
1,000V 1,500V
250V
400V
600V
Continuous load
current
IL
A
0.5A
0.4A
0.35A
0.25A
0.2A
0.15A
0.03A
0.02A
0.2A
0.15A
0.13A
A connection:
Peak AC, DC
B, C connection: DC
B
0.7A
0.6A
0.45A
0.35A
0.3A
0.18A
0.04A
0.025A
0.3A
0.18A
0.14A
C
1.0A
0.8A
0.70A
0.5A
0.4A
0.25A
0.05A
0.04A
0.4A
0.25A
0.16A
Peak load current
Ipeak
1.8A
1.5A
1.0A
0.75A
0.6A
0.5A
0.09A
0.06A
0.6A
0.5A
0.4A
A connection: 100 ms
(1 shot) VL = DC
Power dissipation
Pout
360 mW
Total power dissipation
PT
410 mW
I/O isolation voltage
Viso
1,500 V AC
5,000 V AC
Temperature
limits
Operating
Topr
–40
°C to +85°C –40°F to +185°F
Non-condensing at
low temperatures
Storage
Tstg
–40
°C to +100°C –40°F to +212°F


Similar Part No. - AQV259

ManufacturerPart #DatasheetDescription
logo
Nais(Matsushita Electri...
AQV259 NAIS-AQV259 Datasheet
56Kb / 4P
   HE (High-function Economy) Type [1-Channel (Form A) Type]
AQV259A NAIS-AQV259A Datasheet
56Kb / 4P
   HE (High-function Economy) Type [1-Channel (Form A) Type]
AQV259AX NAIS-AQV259AX Datasheet
56Kb / 4P
   HE (High-function Economy) Type [1-Channel (Form A) Type]
AQV259AZ NAIS-AQV259AZ Datasheet
56Kb / 4P
   HE (High-function Economy) Type [1-Channel (Form A) Type]
More results

Similar Description - AQV259

ManufacturerPart #DatasheetDescription
logo
ASM GmbH
3244 ASM-SENSOR-3244 Datasheet
190Kb / 2P
   Field Measuring Instruments
logo
TOKYO SEIMITSU CO., LTD
SURFCOMNEX ACCRETECH-SURFCOMNEX Datasheet
752Kb / 8P
   Surface Texture and Contour Integrated Measuring Instruments
logo
Testo SE & Co. KGaA
TESTO315-4 TESTO-TESTO315-4 Datasheet
427Kb / 4P
   CO measuring instruments and gas spillage detectors
logo
Laird Tech Smart Techno...
SLJ LSTD-SLJ Datasheet
118Kb / 2P
   Good weather resistance
logo
Axiomtek Co., Ltd.
AD-903 AXIOMTEK-AD-903 Datasheet
209Kb / 1P
   Flexible, low cost and high performance
LD-065 AXIOMTEK-LD-065 Datasheet
187Kb / 1P
   Flexible, low cost and high performance
AD-905 AXIOMTEK-AD-905 Datasheet
268Kb / 1P
   Flexible, low cost and high performance
AD-904 AXIOMTEK-AD-904 Datasheet
266Kb / 1P
   Flexible, low cost and high performance
AD-907 AXIOMTEK-AD-907 Datasheet
226Kb / 1P
   Flexible, low cost and high performance
logo
Advanced Power Electron...
AP2623GY-HF A-POWER-AP2623GY-HF_14 Datasheet
103Kb / 4P
   Low On-resistance
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com