Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AQC1A1-ZT12VDC Datasheet(PDF) 5 Page - Panasonic Semiconductor

Part # AQC1A1-ZT12VDC
Description  Miniature DIL SSR 1A control type for PCBs Copying equipment Copying equipment
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AQC1A1-ZT12VDC Datasheet(HTML) 5 Page - Panasonic Semiconductor

  AQC1A1-ZT12VDC Datasheet HTML 1Page - Panasonic Semiconductor AQC1A1-ZT12VDC Datasheet HTML 2Page - Panasonic Semiconductor AQC1A1-ZT12VDC Datasheet HTML 3Page - Panasonic Semiconductor AQC1A1-ZT12VDC Datasheet HTML 4Page - Panasonic Semiconductor AQC1A1-ZT12VDC Datasheet HTML 5Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Panasonic Corporation Automation Controls Business Unit industrial.panasonic.com/ac/e/
AQ-C
ASCTB214E 201201-T1
ACCESSORY
NOTES
For Cautions for Use.
Socket
PC1A-PS
When used for the load less than rated
In the case of the load current less than
rated, malfunction may result from the
residual voltage across the both ends of
the load even if the solid state relay is
turned off.
Use a dummy resistor as a
countermeasure.
The total of the current through the
resistor and the load current must exceed
the min. rated load current.
In case the dummy resistor is not used,
keep in mind that the residual voltage
becomes as follows:
Example:
For the inductive load by the 5 mA load
current and the 200 V AC load voltage,
the load impedance becomes 40 k
Ω and
Ve/V = 16% is estimated from the below
graph.
Accordingly, the 32 V voltage remains
across the both ends of the load when
the solid state relay is turned off.
• Characteristics of residual voltage
vs. load impedance (AC output)
16
1
Load power source
Input power source
5
8
+–
Load
R
0 (Dummy resistor)
(+)
(–)
0
20
40
20
40
60
100,%
80
100
60
80
100
Ve
Ve
V
V
SSR
1
2
Load
×
f = 60 Hz
Ve: Residual voltage
V: Power voltage
Power factor: 1
(resistive load)
Power factor: 0.4
(inductive load)
Load impedance, k


Similar Part No. - AQC1A1-ZT12VDC

ManufacturerPart #DatasheetDescription
logo
Arch Electronics Corp.
AQC100 ARCH-AQC100 Datasheet
271Kb / 4P
   AC-DC Power Module
AQC100-12S ARCH-AQC100-12S Datasheet
271Kb / 4P
   AC-DC Power Module
AQC100-12S ARCH-AQC100-12S Datasheet
259Kb / 5P
   Switching Power Module for PCB Mountable
AQC100-15S ARCH-AQC100-15S Datasheet
271Kb / 4P
   AC-DC Power Module
AQC100-15S ARCH-AQC100-15S Datasheet
259Kb / 5P
   Switching Power Module for PCB Mountable
More results

Similar Description - AQC1A1-ZT12VDC

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP1023 TOSHIBA-TLP1023 Datasheet
364Kb / 7P
   OA EQUIPMENT SUCH AS COPYING MACHINE, PRINTER, FACSMILE, ETC.
logo
Panasonic Semiconductor
AQG12112 PANASONIC-AQG12112 Datasheet
98Kb / 5P
   Slim type SSR for 1A and 2A control
logo
Omron Electronics LLC
G3CN-DX02P1-DC3-28 OMRON-G3CN-DX02P1-DC3-28 Datasheet
57Kb / 6P
   PCB-mounting SSR for FA Equipment Requiring High Reliability
logo
jb Capacitors Company
JSS JBCAPACITORS-JSS Datasheet
117Kb / 2P
   For industrial equipment control etc
logo
Sharp Corporation
S112S01 SHARP-S112S01 Datasheet
69Kb / 5P
   SIP Type SSR for Medium Power Control
S102S01 SHARP-S102S01 Datasheet
57Kb / 4P
   SIP Type SSR for Medium Power Control
S202SE1 SHARP-S202SE1 Datasheet
64Kb / 4P
   SIP Type SSR for Medium Power Control
logo
Toshiba Semiconductor
TLP173A TOSHIBA-TLP173A Datasheet
255Kb / 10P
   Telecommunications Control Equipment Data Acquisition System Security Equipment Measurement Equipment
logo
Epson ToYoCom
HF-734A EPSONTOYOCOM-HF-734A Datasheet
347Kb / 2P
   CRYSTAL FILTER FOR MINIATURE SIZE RADIO EQUIPMENT
MF-372A EPSONTOYOCOM-MF-372A Datasheet
348Kb / 2P
   CRYSTAL FILTER FOR MINIATURE SIZE RADIO EQUIPMENT
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com