Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AQV252A Datasheet(PDF) 3 Page - Panasonic Semiconductor

Part # AQV252A
Description  Both low on-resistance and good cost-performance achieved. Measuring instruments
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AQV252A Datasheet(HTML) 3 Page - Panasonic Semiconductor

  AQV252A Datasheet HTML 1Page - Panasonic Semiconductor AQV252A Datasheet HTML 2Page - Panasonic Semiconductor AQV252A Datasheet HTML 3Page - Panasonic Semiconductor AQV252A Datasheet HTML 4Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Panasonic Corporation Automation Controls Business Unit industrial.panasonic.com/ac/e
HE 1 Form A (AQV25
❍)
ASCTB143E 201201-T
REFERENCE DATA
1.-(1) Load current vs. ambient temperature
characteristics
Allowable ambient temperature: –40
°C to +85°C
–40
°F to +185°F ;
Type of connection: A
1.-(2) Load current vs. ambient temperature
characteristics
Allowable ambient temperature: –40
°C to +85°C
–40
°F to +185°F ;
Type of connection: A
2.-(1) On resistance vs. ambient temperature
characteristics
Measured portion: between terminals 4 and 6;
LED current: 5 mA;
Continuous load current: Max. (DC)
0
0.2
0.4
0.6
0.1
0.3
0.5
AQV257
AQV253(H)
AQV254(H)
AQV256H
AQV251
AQV252
AQV255
Ambient temperature,
°C
-40
-20
0
20
40
60
8085 100
AQV259
AQV258
Ambient temperature,
°C
0
20
30
50
10
40
-40
-20
0
20
40
60
8085 100
0
0.5
2.0
2.5
1.0
1.5
AQV255
4.0
3.5
4.5
5.0
3.0
AQV252
AQV251
AQV257
Ambient temperature,
°C
-40
-20
0
20
40
60
8085
2.-(2) On resistance vs. ambient temperature
characteristics
Measured portion: between terminals 4 and 6;
LED current: 5 mA;
Continuous load current: Max. (DC)
2.-(3) On resistance vs. ambient temperature
characteristics
Measured portion: between terminals 4 and 6;
LED current: 5 mA;
Continuous load current: 30 mA (DC)
3.-(1) Turn on time vs. ambient temperature
characteristics
LED current: 5 mA;
Load voltage: Max. (DC);
Continuous load current: Max. (DC)
0
15
10
20
25
5
35
40
30
AQV253(H)
AQV254(H)
AQV256H
Ambient temperature,
°C
-40
-20
0
20
40
60
8085
0
100
200
300
AQV258
400
500
AQV259
Ambient temperature,
°C
-40
-20
0
20
40
60
8085
0
2
4
1
3
AQV251
AQV252
AQV257
AQV253
AQV254
AQV255
AQV259
AQV258
Ambient temperature,
°C
-40
-20
0
20
40
60
8085
3.-(2) Turn on time vs. ambient temperature
characteristics
LED current: 5 mA; Load voltage: Max. (DC);
Continuous load current: Max. (DC)
4.-(1) Turn off time vs. ambient temperature
characteristics
LED current: 5 mA; Load voltage: Max. (DC);
Continuous load current: Max. (DC)
4.-(2) Turn off time vs. ambient temperature
characteristics
Sample: AQV253H, AQV254H, AQV256H
LED current: 5 mA; Load voltage: Max. (DC);
Continuous load current: Max. (DC)
0
2
5
1
3
AQV253H
AQV254H
AQV256H
4
Ambient temperature,
°C
-40
-20
0
20
40
60
8085
0
0.2
0.3
0.4
0.1
AQV251,AQV252,AQV255
AQV253,AQV257
AQV259,AQV258
AQV254
Ambient temperature,
°C
-40
-20
0
20
40
60
8085
0
0.2
0.3
0.5
0.1
0.4
Ambient temperature,
°C
-40
-20
0
20
40
60
8085
5.-(1) LED operate current vs. ambient
temperature characteristics
Sample: AQV251, AQV252, AQV253, AQV254,
AQV255, AQV258, AQV259; Load voltage: Max.
(DC); Continuous load current: Max. (DC)
5.-(2) LED operate current vs. ambient
temperature characteristics
Sample: AQV253H, AQV254H, AQV256H;
Load voltage: Max. (DC);
Continuous load current: Max. (DC)
6.-(1) LED turn off current vs. ambient
temperature characteristics
Sample: AQV251, AQV252, AQV253, AQV254,
AQV255, AQV258, AQV259; Load voltage: Max.
(DC); Continuous load current: Max. (DC)
0
2
3
4
1
Ambient temperature,
°C
-40
-20
0
20
40
60
8085
0
2
3
5
1
4
Ambient temperature,
°C
-40
-20
0
20
40
60
8085
0
2
3
1
4
Ambient temperature,
°C
-40
-20
0
20
40
60
8085


Similar Part No. - AQV252A

ManufacturerPart #DatasheetDescription
logo
Nais(Matsushita Electri...
AQV252A NAIS-AQV252A Datasheet
56Kb / 4P
   HE (High-function Economy) Type [1-Channel (Form A) Type]
AQV252AX NAIS-AQV252AX Datasheet
56Kb / 4P
   HE (High-function Economy) Type [1-Channel (Form A) Type]
AQV252AZ NAIS-AQV252AZ Datasheet
56Kb / 4P
   HE (High-function Economy) Type [1-Channel (Form A) Type]
More results

Similar Description - AQV252A

ManufacturerPart #DatasheetDescription
logo
ASM GmbH
3244 ASM-SENSOR-3244 Datasheet
190Kb / 2P
   Field Measuring Instruments
logo
TOKYO SEIMITSU CO., LTD
SURFCOMNEX ACCRETECH-SURFCOMNEX Datasheet
752Kb / 8P
   Surface Texture and Contour Integrated Measuring Instruments
logo
Testo SE & Co. KGaA
TESTO315-4 TESTO-TESTO315-4 Datasheet
427Kb / 4P
   CO measuring instruments and gas spillage detectors
logo
Laird Tech Smart Techno...
SLJ LSTD-SLJ Datasheet
118Kb / 2P
   Good weather resistance
logo
Axiomtek Co., Ltd.
AD-903 AXIOMTEK-AD-903 Datasheet
209Kb / 1P
   Flexible, low cost and high performance
LD-065 AXIOMTEK-LD-065 Datasheet
187Kb / 1P
   Flexible, low cost and high performance
AD-905 AXIOMTEK-AD-905 Datasheet
268Kb / 1P
   Flexible, low cost and high performance
AD-904 AXIOMTEK-AD-904 Datasheet
266Kb / 1P
   Flexible, low cost and high performance
AD-907 AXIOMTEK-AD-907 Datasheet
226Kb / 1P
   Flexible, low cost and high performance
logo
Advanced Power Electron...
AP2623GY-HF A-POWER-AP2623GY-HF_14 Datasheet
103Kb / 4P
   Low On-resistance
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com