Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AQC1A1-T5VDC Datasheet(PDF) 3 Page - Panasonic Semiconductor

Part # AQC1A1-T5VDC
Description  Miniature DIL SSR 1A control type for PCBs Copying equipment Copying equipment
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AQC1A1-T5VDC Datasheet(HTML) 3 Page - Panasonic Semiconductor

  AQC1A1-T5VDC Datasheet HTML 1Page - Panasonic Semiconductor AQC1A1-T5VDC Datasheet HTML 2Page - Panasonic Semiconductor AQC1A1-T5VDC Datasheet HTML 3Page - Panasonic Semiconductor AQC1A1-T5VDC Datasheet HTML 4Page - Panasonic Semiconductor AQC1A1-T5VDC Datasheet HTML 5Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Panasonic Corporation Automation Controls Business Unit industrial.panasonic.com/ac/e/
AQ-C
ASCTB214E 201201-T1
2. Characteristics
[Ambient temperature: 20
°C 68°F; Input voltage ripple (output module) and output voltage ripple (input module): 1% or less]
1) Input module
2) Output module
REFERENCE DATA
Type
Item
AC Input module
DC Input module
Remarks
Operate time, max.
20 ms
0.5 ms
Input voltage: 24 V DC or 100V AC
Output voltage: 24 V DC
Output current: 25mA
Release time, max
20 ms
0.5 ms
Insulation resistance, min.
109
Ω between input and output
at 500 V DC
Breakdown voltage
2,500 Vrms between input and output
For 1 minute
Vibration
resistance
Destructive
10 to 55Hz double amplitude of 3 mm
1 hour for X,Y, Z, axis
Functional
10 to 55Hz double amplitude of 3 mm
10 minutes for X,Y, Z, axis
Shock
resistance
Destructive
Min. 980 m/s2 {100 G}
5 time each for X,Y,Z axis
Functional
Min. 980 m/s2 {100 G}
4 time each for X,Y,Z axis
Ambient temperature
–30
°C to +80°C –22°F to +176°F
Storage temperature
–30
°C to +100°C –22°F to +212°F
Type
Item
AC output
DC output
Remarks
Random
Zero-cross
Operate time, max.
1 ms
1/2 cycle of voltage sine wave + 1ms
0.5 ms
Release time, max.
1/2 cycle of voltage sine wave + 1ms
1 ms
Insulation resistance, min.
109
Ω between input and output
at 500 V DC
Breakdown voltage
2,500 Vrms between input and output
For 1 minute
Vibration
resistance
Destructive
10 to 55Hz double amplitude of 3 mm
1 hour for X,Y, Z, axis
Functional
10 to 55Hz double amplitude of 3 mm
10 minutes for X,Y, Z, axis
Shock
resistance
Destructive
Min. 980 m/s2 {100 G}
5 time each for X,Y,Z axis
Functional
Min. 980 m/s2 {100 G}
4 time each for X,Y,Z axis
Ambient temperature
–30
°C to +80°C –22°F to +176°F
Storage temperature
–30
°C to +100°C –22°F to +212°F
Operational method
Random Turn-ON,
Zero-cross (Turn-OFF)
Zero-cross (Turn-ON and Turn-OFF)
1. Load current vs. ambient temperature
characteristics
(AC/DC output)
Use load current within range specified in the figure
below
2.-(1) Non-repetitive surge current vs. carrying
time characteristics
(AC output)
2.-(2) Non-repetitive surge current vs. carrying
time characteristics
(DC output)
–30
0
20
40
60
80
0
Ambient temperature,
°C
0.2
0.4
0.6
0.8
1.0
12
3 4 5
7 10
20 30 40 50 70 100
No. of cycles at 60 Hz
0
10
20
30
10
20 30 4050 70 100 200 300
1,000
Carrying time, ms
0
1
2
3
4
5
3. Input current vs. input voltage characteristics
(AC/DC output)
4.-(1) Input current vs. input voltage
characteristics
(AC input)
4.-(2) Input current vs. input voltage
characteristics
(DC input)
30
25
20
15
10
5
0
Input voltage, V
010
20
30
AC output
DC output
(5 V type) (12 V type) (24 V type)
Input voltage, V AC
0
10
8
6
4
2
100
200
300
Input voltage, V DC
0
10
9
8
7
6
5
4
3
2
1
510
15
20
2530
35


Similar Part No. - AQC1A1-T5VDC

ManufacturerPart #DatasheetDescription
logo
Arch Electronics Corp.
AQC100 ARCH-AQC100 Datasheet
271Kb / 4P
   AC-DC Power Module
AQC100-12S ARCH-AQC100-12S Datasheet
271Kb / 4P
   AC-DC Power Module
AQC100-12S ARCH-AQC100-12S Datasheet
259Kb / 5P
   Switching Power Module for PCB Mountable
AQC100-15S ARCH-AQC100-15S Datasheet
271Kb / 4P
   AC-DC Power Module
AQC100-15S ARCH-AQC100-15S Datasheet
259Kb / 5P
   Switching Power Module for PCB Mountable
More results

Similar Description - AQC1A1-T5VDC

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP1023 TOSHIBA-TLP1023 Datasheet
364Kb / 7P
   OA EQUIPMENT SUCH AS COPYING MACHINE, PRINTER, FACSMILE, ETC.
logo
Panasonic Semiconductor
AQG12112 PANASONIC-AQG12112 Datasheet
98Kb / 5P
   Slim type SSR for 1A and 2A control
logo
Omron Electronics LLC
G3CN-DX02P1-DC3-28 OMRON-G3CN-DX02P1-DC3-28 Datasheet
57Kb / 6P
   PCB-mounting SSR for FA Equipment Requiring High Reliability
logo
jb Capacitors Company
JSS JBCAPACITORS-JSS Datasheet
117Kb / 2P
   For industrial equipment control etc
logo
Sharp Corporation
S112S01 SHARP-S112S01 Datasheet
69Kb / 5P
   SIP Type SSR for Medium Power Control
S102S01 SHARP-S102S01 Datasheet
57Kb / 4P
   SIP Type SSR for Medium Power Control
S202SE1 SHARP-S202SE1 Datasheet
64Kb / 4P
   SIP Type SSR for Medium Power Control
logo
Toshiba Semiconductor
TLP173A TOSHIBA-TLP173A Datasheet
255Kb / 10P
   Telecommunications Control Equipment Data Acquisition System Security Equipment Measurement Equipment
logo
Epson ToYoCom
HF-734A EPSONTOYOCOM-HF-734A Datasheet
347Kb / 2P
   CRYSTAL FILTER FOR MINIATURE SIZE RADIO EQUIPMENT
MF-372A EPSONTOYOCOM-MF-372A Datasheet
348Kb / 2P
   CRYSTAL FILTER FOR MINIATURE SIZE RADIO EQUIPMENT
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com