Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AQC1A1-T5VDC Datasheet(PDF) 4 Page - Panasonic Semiconductor

Part # AQC1A1-T5VDC
Description  Miniature DIL SSR 1A control type for PCBs Copying equipment Copying equipment
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AQC1A1-T5VDC Datasheet(HTML) 4 Page - Panasonic Semiconductor

  AQC1A1-T5VDC Datasheet HTML 1Page - Panasonic Semiconductor AQC1A1-T5VDC Datasheet HTML 2Page - Panasonic Semiconductor AQC1A1-T5VDC Datasheet HTML 3Page - Panasonic Semiconductor AQC1A1-T5VDC Datasheet HTML 4Page - Panasonic Semiconductor AQC1A1-T5VDC Datasheet HTML 5Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Panasonic Corporation Automation Controls Business Unit industrial.panasonic.com/ac/e/
AQ-C
ASCTB214E 201201-T1
DIMENSIONS (mm inch)
5. Load current vs. ambient temperature
characteristics for adjacent mounting
(AC/DC output)
=12.7 mm
=20.32 mm
–30
0
20
40
60
80
0
Ambient temperature,
°C
0.2
0.4
0.6
0.8
1.0
=Adjacent mounting pitch
.500 inch
.800 inch
The CAD data of the products with a
CAD Data
mark can be downloaded from: http://industrial.panasonic.com/ac/e/
1. Input module (AC, DC)
External dimensions
General tolerance:
±0.5 ±.020
10
2.7
.106
0.3
0.3
0.3
0.3
0.3
0.8
0.8
12.5
3.9
2.7
5.5
0.4
0.4
20
10.16
7.62
7.62
AC input
Case color: Yellow
Case color: White
1
r
58
5
8
r
1
Output: DC –
Output: DC +
Input: AC
Input: AC
DC input
5
8
r
1
Output: DC –
Output: DC +
Input: DC +
Input: DC –
.394
.012
.012
.012
.012
.012
.031
.031
.492
.154
.106
.217
.016
.016
.787
.400
.300
.300
PC board pattern (Copper-side view)
Tolerance:
±0.1 ±.004
Schematic
7.62
7.62
10.16
4-1.1 dia.
4-.043 dia.
Terminal 1
Terminal 5
Terminal 8
Terminal 16
.300
.300
.400
16
1
Input power
source
Specified polarities for
DC types are shown in
the parentheses.
Load power
source
5
8
+
(+)
(–)
Load
CAD Data
2. Output module (AC, DC)
External dimensions
General tolerance:
±0.5 ±.020
10
2.7
.106
0.3
0.3
0.3
0.3
0.3
0.8
0.8
12.5
3.9
2.7
5.5
0.4
0.4
20
10.16
7.62
7.62
AC output
Case color: Black
Case color: Red
1
r
58
5
8
r
1
Output: AC
Output: AC
Input: DC +
Input: DC –
DC output
5
8
r
1
Output: DC –
Output: DC +
Input: DC +
Input: DC –
.394
.012
.012
.012
.012
.012
.031
.031
.492
.154
.106
.217
.016
.016
.787
.400
.300
.300
PC board pattern (Copper-side view)
Tolerance:
±0.1 ±.004
Schematic
7.62
7.62
10.16
4-1.1 dia.
4-.043 dia.
Terminal 1
Terminal 5
Terminal 8
Terminal 16
.300
.300
.400
16
1
Load power source
Specified polarities for
DC types are shown in
the parentheses.
Input power
source
5
8
(+)
(–)
+
Load
CAD Data


Similar Part No. - AQC1A1-T5VDC

ManufacturerPart #DatasheetDescription
logo
Arch Electronics Corp.
AQC100 ARCH-AQC100 Datasheet
271Kb / 4P
   AC-DC Power Module
AQC100-12S ARCH-AQC100-12S Datasheet
271Kb / 4P
   AC-DC Power Module
AQC100-12S ARCH-AQC100-12S Datasheet
259Kb / 5P
   Switching Power Module for PCB Mountable
AQC100-15S ARCH-AQC100-15S Datasheet
271Kb / 4P
   AC-DC Power Module
AQC100-15S ARCH-AQC100-15S Datasheet
259Kb / 5P
   Switching Power Module for PCB Mountable
More results

Similar Description - AQC1A1-T5VDC

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP1023 TOSHIBA-TLP1023 Datasheet
364Kb / 7P
   OA EQUIPMENT SUCH AS COPYING MACHINE, PRINTER, FACSMILE, ETC.
logo
Panasonic Semiconductor
AQG12112 PANASONIC-AQG12112 Datasheet
98Kb / 5P
   Slim type SSR for 1A and 2A control
logo
Omron Electronics LLC
G3CN-DX02P1-DC3-28 OMRON-G3CN-DX02P1-DC3-28 Datasheet
57Kb / 6P
   PCB-mounting SSR for FA Equipment Requiring High Reliability
logo
jb Capacitors Company
JSS JBCAPACITORS-JSS Datasheet
117Kb / 2P
   For industrial equipment control etc
logo
Sharp Corporation
S112S01 SHARP-S112S01 Datasheet
69Kb / 5P
   SIP Type SSR for Medium Power Control
S102S01 SHARP-S102S01 Datasheet
57Kb / 4P
   SIP Type SSR for Medium Power Control
S202SE1 SHARP-S202SE1 Datasheet
64Kb / 4P
   SIP Type SSR for Medium Power Control
logo
Toshiba Semiconductor
TLP173A TOSHIBA-TLP173A Datasheet
255Kb / 10P
   Telecommunications Control Equipment Data Acquisition System Security Equipment Measurement Equipment
logo
Epson ToYoCom
HF-734A EPSONTOYOCOM-HF-734A Datasheet
347Kb / 2P
   CRYSTAL FILTER FOR MINIATURE SIZE RADIO EQUIPMENT
MF-372A EPSONTOYOCOM-MF-372A Datasheet
348Kb / 2P
   CRYSTAL FILTER FOR MINIATURE SIZE RADIO EQUIPMENT
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com