Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BZT03C6V2 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # BZT03C6V2
Description  Zener Diodes with Surge Current Specification
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BZT03C6V2 Datasheet(HTML) 2 Page - Vishay Siliconix

  BZT03C6V2 Datasheet HTML 1Page - Vishay Siliconix BZT03C6V2 Datasheet HTML 2Page - Vishay Siliconix BZT03C6V2 Datasheet HTML 3Page - Vishay Siliconix BZT03C6V2 Datasheet HTML 4Page - Vishay Siliconix BZT03C6V2 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
BZT03-Series
www.vishay.com
Vishay Semiconductors
Rev. 1.7, 11-Sep-12
2
Document Number: 85599
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes
(1) 10/1000 exp. falling pulse tp = 1000 μs down to 50 %
(2) Stand-off voltage = recommended suplly voltage
ELECTRICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
PART
NUMBER
ZENER VOLTAGE
RANGE
TEST
CURRENT
REVERSE
LEAKAGE
CURRENT
DYNAMIC
RESISTANCE
TEMPERATURE
COEFFICIENT
CLAMPING (1)
STAND
OFF (2)
VZ at IZT1
IZT1
IR at VR
ZZ at IZT1
TCVZ at IZT1
V(CL)R at IRMS
IR at VR
V
mA
μA
V
%/K
V
A
μA
V
MIN.
NOM. MAX.
MAX.
TYP.
MAX.
MIN.
MAX.
MAX.
MAX.
BZT03C6V2
5.8
6.2
6.6
100
1500
4.7
1
2
0
0.07
9.3
34
3000
5.1
BZT03C6V8
6.4
6.8
7.2
100
1000
5.1
1
2
0
0.07
10.2
31
2000
5.6
BZT03C7V5
7
7.5
7.9
100
750
5.6
1
2
0
0.07
11.3
26.5
1500
6.2
BZT03C8V2
7.7
8.2
8.7
100
600
6.2
1
2
0.03
0.08
12.3
24.4
1200
6.8
BZT03C9V1
8.5
9.1
9.6
50
20
6.8
2
4
0.03
0.08
13.3
22.7
50
7.5
BZT03C10
9.4
10
10.6
50
10
7.5
2
4
0.05
0.09
14.8
20.3
20
8.2
BZT03C11
10.4
11
11.6
50
4
8.2
4
7
0.05
0.1
15.7
19.1
5
9.1
BZT03C12
11.4
12
12.7
50
3
9.1
4
7
0.05
0.1
17
17.7
5
10
BZT03C13
12.4
13
14.1
50
2
10
5
10
0.05
0.1
18.9
15.9
5
11
BZT03C15
13.8
15
15.6
50
1
11
5
10
0.05
0.1
20.9
14.4
5
12
BZT03C16
15.3
16
17.1
25
1
12
6
15
0.06
0.11
22.9
13.1
5
13
BZT03C18
16.8
18
19.1
25
1
13
6
15
0.06
0.11
25.6
11.7
5
15
BZT03C20
18.8
20
21.2
25
1
15
6
15
0.06
0.11
28.4
10.6
5
16
BZT03C22
20.8
22
23.3
25
1
16
6
15
0.06
0.11
31
9.7
5
18
BZT03C24
22.8
24
25.6
25
1
18
7
15
0.06
0.11
33.8
8.9
5
20
BZT03C27
25.1
27
28.9
25
1
20
7
15
0.06
0.11
38.1
7.9
5
22
BZT03C30
28
30
32
25
1
22
8
15
0.06
0.11
42.2
7.1
5
24
BZT03C33
31
33
35
25
1
24
8
15
0.06
0.11
46.2
6.5
5
27
BZT03C36
34
36
38
10
1
27
21
40
0.06
0.11
50.1
6
5
30
BZT03C39
37
39
41
10
1
30
21
40
0.06
0.11
54.1
5.5
5
33
BZT03C43
40
43
46
10
1
33
24
45
0.07
0.12
60.7
4.9
5
36
BZT03C47
44
47
50
10
1
36
24
45
0.07
0.12
65.5
4.6
5
39
BZT03C51
48
51
54
10
1
39
25
60
0.07
0.12
70.8
4.2
5
43
BZT03C56
52
56
60
10
1
43
25
60
0.07
0.12
78.6
3.8
5
47
BZT03C62
58
62
66
10
1
47
25
80
0.08
0.13
86.5
3.5
5
51
BZT03C68
64
68
72
10
1
51
25
80
0.08
0.13
94.4
3.2
5
56
BZT03C75
70
75
79
10
1
56
30
100
0.08
0.13
103.5
2.9
5
62
BZT03C82
77
82
87
10
1
62
30
100
0.08
0.13
114
2.6
5
68
BZT03C91
85
91
96
5
1
68
60
200
0.09
0.13
126
2.4
5
75
BZT03C100
94
100
106
5
1
75
60
200
0.09
0.13
139
2.2
5
82
BZT03C110
104
110
116
5
1
82
80
250
0.09
0.13
152
2
5
91
BZT03C120
114
120
127
5
1
91
80
250
0.09
0.13
167
1.8
5
100
BZT03C130
124
130
141
5
1
100
110
300
0.09
0.13
185
1.6
5
110
BZT03C150
138
150
156
5
1
110
130
300
0.09
0.13
204
1.5
5
120
BZT03C160
153
160
171
5
1
120
150
350
0.09
0.13
224
1.3
5
130
BZT03C180
168
180
191
5
1
130
180
400
0.09
0.13
249
1.2
5
150
BZT03C200
188
200
212
5
1
150
200
500
0.09
0.13
276
1.1
5
160
BZT03C220
208
220
233
2
1
160
350
750
0.09
0.13
305
1
5
180
BZT03C240
228
240
256
2
1
180
400
850
0.09
0.13
336
0.9
5
200
BZT03C270
251
270
289
2
1
200
450
1000
0.09
0.13
380
0.8
5
220
BZT03C300
280
300
320
2
1
220
450
1000
0.09
0.13
419
0.72
5
240


Similar Part No. - BZT03C6V2

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BZT03C6V2 VISHAY-BZT03C6V2 Datasheet
67Kb / 5P
   Silicon Z-Diodes and Transient Voltage Suppressors
Rev. 2, 01-Apr-99
logo
Galaxy Semi-Conductor H...
BZT03C6V2 BILIN-BZT03C6V2 Datasheet
182Kb / 4P
   ZENER DIODES
logo
Vishay Siliconix
BZT03C6V2 VISHAY-BZT03C6V2 Datasheet
261Kb / 5P
   Silicon Zener-Diodes with Surge Current Specification
Rev. 4, 10-Sep-03
BZT03C6V2 VISHAY-BZT03C6V2 Datasheet
126Kb / 6P
   Zener Diodes with Surge Current Specification
Rev. 1.4, 13-Jul-05
BZT03C6V2 VISHAY-BZT03C6V2 Datasheet
112Kb / 5P
   Zener Diodes with Surge Current Specification
Rev. 1.5, 26-Aug-10
More results

Similar Description - BZT03C6V2

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BZT03 VISHAY-BZT03_10 Datasheet
112Kb / 5P
   Zener Diodes with Surge Current Specification
Rev. 1.5, 26-Aug-10
BZD27C3V6P-E3-08 VISHAY-BZD27C3V6P-E3-08 Datasheet
127Kb / 8P
   Zener Diodes with Surge Current Specification
Rev. 1.2, 13-Aug-14
BZD27C3V6P VISHAY-BZD27C3V6P_13 Datasheet
109Kb / 7P
   Zener Diodes with Surge Current Specification
Rev. 2.1, 29-Nov-11
BZD27B-M VISHAY-BZD27B-M_V01 Datasheet
123Kb / 7P
   Zener Diodes with Surge Current Specification
01-Jan-2022
BZD27B-M VISHAY-BZD27B-M Datasheet
118Kb / 8P
   Zener Diodes with Surge Current Specification
Rev. 1.0., 29-Oct-15
BZD27C VISHAY-BZD27C Datasheet
117Kb / 8P
   Zener Diodes with Surge Current Specification
Rev. 1.4., 15-Oct-15
BZG04 VISHAY-BZG04_08 Datasheet
184Kb / 6P
   Zener Diodes with Surge Current Specification
Rev. 2.2, 15-Sep-05
BZD27B VISHAY-BZD27B_V01 Datasheet
122Kb / 7P
   Zener Diodes with Surge Current Specification
01-Jan-2022
logo
Vaishali Semiconductor
BZD27C3V6P VAISH-BZD27C3V6P Datasheet
238Kb / 7P
   Zener Diodes with Surge Current Specification
logo
Vishay Siliconix
BZD27B VISHAY-BZD27B Datasheet
129Kb / 8P
   Zener Diodes with Surge Current Specification
Rev. 1.0., 29-Oct-15
BZT03 VISHAY-BZT03_05 Datasheet
126Kb / 6P
   Zener Diodes with Surge Current Specification
Rev. 1.4, 13-Jul-05
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com